Part Number Hot Search : 
GBPC3508 SPPH1 ZR36432 0805C UF2001 1205S RC288DPI FSFR1700
Product Description
Full Text Search
 

To Download 2SK2184 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
VX-2 Series Power MOSFET
N-Channel Enhancement type
2SK2184
(F5S50VX2)
500V 5A
FEATURES *oe Input capacitance (Ciss) is small. Especially, input capacitance at 0 biass is small. *oe static Rds(on) is small. The *oe switching time is fast. The APPLICATION
*oe Switching power supply of AC 100V input
OUTLINE DIMENSIONS
Case : E-pack
Case : STO-220
(Unit : mm)
*oe High voltage power supply *oe Inverter
RATINGS
*oeAbsolute Maximum Ratings * = 25*Z*j Tc i Item Symbol Conditions Storage Temperature Tstg Channel Temperature Tch Drain-Source Voltage VDSS Gate-Source Voltage VGSS Continuous Drain Current* DC*j i ID Continuous Drain Current* Peak) i IDP Continuous Source Current* DC*j i IS Total Power Dissipation PT Single Pulse Avalanche Current IAS Tch= 25*Z Ratings -55*150 150 500 *}30 5 15 5 50 5 Unit *Z V
A W A
Copyright & Copy;2000 Shindengen Electr
VX-2 Series Power MOSFET
Electrical Characteristics Tc = 25 Item Symbol V(BR)DSS Drain-Source Breakdown Voltage IDSS Zero Gate Voltage Drain Current IGSS Gate-Source Leakage Current Forward Tranconductance gfs Static Drain-Source On-tate Resistance RDS(ON) Gate Threshold Voltage VTH VSD Source-Drain Diode Forwade Voltage jc Themal Resistance Qg Total Gate Charge Ciss Input Capacitance Reverse Transfer Capacitance Crss Output Capacitance Coss Turn-On Time ton toff Turn-Off Time Conditions
ID = 1mA, VGS = 0V VDS = 500V, VGS = 0V VGS = 30V, VDS = 0V ID = 2.5A, VDS = 10V ID = 2.5A, VGS = 10V ID = 1mA, VDS = 10V IS = 2.5A, VGS = 0V junction to case VDD = 400V, VGS = 10V, ID = 5A VDS = 10V, VGS = 0V, f = 1MHZ
2SK2184 ( F5S50VX2 )
Min. 500 Typ. Max. 250 0.1 1.5 2.5 3.8 1.1 3.0 1.5 3.5 1.5 2.5 Unit V A S V / nC pF 90 170 ns
ID = 2.5A, VGS = 10V, RL = 60
21 580 45 140 55 110
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK2184
10 Tc = -55C
Transfer Characteristics
25C
8
100C 150C
Drain Current ID [A]
6
4
2 VDS = 25V pulse test TYP 0 5 10 15 20
0
Gate-Source Voltage VGS [V]
2SK2184
10
Static Drain-Source On-state Resistance
Static Drain-Source On-state Resistance RDS(ON) []
ID = 2.5A
1
0.1
VGS = 10V pulse test TYP -50 0 50 100 150
Case Temperature Tc [C]
2SK2184
5
Gate Threshold Voltage
Gate Threshold Voltage VTH [V]
4
3
2
1 VDS = 10V ID = 1mA TYP -50 0 50 100 150
0
Case Temperature Tc [C]
2SK2184
100
Safe Operating Area
10
Drain Current ID [A]
100s 200s 1 R DS(ON) limit 1ms
10ms 0.1 DC
Tc = 25C Single Pulse 0.01 1 10 100 1000
Drain-Source Voltage VDS [V]
2SK2184
Transient Thermal Impedance
100
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-5 10-3
10-4
10-2
10-1
100
101
102
Time t [s]
2SK2184
Capacitance
1000 Ciss
Capacitance Ciss Coss Crss [pF]
100 Coss
Crss
Tc=25C TYP 10 0 20 40 60 80 100
Drain-Source Voltage VDS [V]
2SK2184
100
Power Derating
80
Power Derating [%]
60
40
20
0
0
50
100
150
Case Temperature Tc [C]
2SK2184
500
Gate Charge Characteristics
20
Drain-Source Voltage VDS [V]
15 VDD = 400V 200V 300 100V VDS 200 VGS 10
5 100
ID = 5A 0 0 10 20 30 40 50 0
Gate Charge Qg [nC]
Gate-Source Voltage VGS [V]
400


▲Up To Search▲   

 
Price & Availability of 2SK2184

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X