Part Number Hot Search : 
XC5206 SF166C 64400 P5F60HP2 P5F60HP2 3N80C 512K3 C595N
Product Description
Full Text Search
 

To Download 2SK2181 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
VX-2 Series Power MOSFET
N-Channel Enhancement type
2SK2181
(F3S50VX2)
500V 3A
FEATURES *oe Input capacitance (Ciss) is small. Especially, input capacitance at 0 biass is small. *oe static Rds(on) is small. The *oe switching time is fast. The APPLICATION
*oe Switching power supply of AC 100V input
OUTLINE DIMENSIONS
Case : E-pack
Case : STO-220
(Unit : mm)
*oe High voltage power supply *oe Inverter
RATINGS
*oeAbsolute Maximum Ratings * = 25*Z*j Tc i Item Symbol Conditions Storage Temperature Tstg Channel Temperature Tch Drain-Source Voltage VDSS Gate-Source Voltage VGSS Continuous Drain Current* DC*j i ID Continuous Drain Current* Peak) i IDP Continuous Source Current* DC*j i IS Total Power Dissipation PT Single Pulse Avalanche Current IAS Tch= 25*Z Ratings -55*150 150 500 *}30 3 9 3 40 3 Unit *Z V
A W A
Copyright & Copy;2000 Shindengen Electr
VX-2 Series Power MOSFET
Electrical Characteristics Tc = 25 Item Symbol V(BR)DSS Drain-Source Breakdown Voltage IDSS Zero Gate Voltage Drain Current IGSS Gate-Source Leakage Current Forward Tranconductance gfs Static Drain-Source On-tate Resistance RDS(ON) Gate Threshold Voltage VTH VSD Source-Drain Diode Forwade Voltage jc Themal Resistance Qg Total Gate Charge Ciss Input Capacitance Reverse Transfer Capacitance Crss Output Capacitance Coss Turn-On Time ton toff Turn-Off Time Conditions
2SK2181 ( F3S50VX2 )
Min. 500 Typ. Max. 250 0.1 0.9 2.5 2.1 1.8 3.0 Unit V A
ID = 1mA, VGS = 0V VDS = 500V, VGS = 0V VGS = 30V, VDS = 0V ID = 1.5A, VDS = 10V ID = 1.5A, VGS = 10V ID = 0.3mA, VDS = 10V IS = 1.5A, VGS = 0V junction to case VDD = 400V, VGS = 10V, ID = 3A VDS = 10V, VGS = 0V, f = 1MHZ ID = 1.5A, VGS = 10V, RL = 100
15 400 30 90 45 90
S 2.3 3.5 V 1.5 3.12 / nC pF 80 140 ns
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK2181
100
Static Drain-Source On-state Resistance
Static Drain-Source On-state Resistance RDS(ON) []
10
ID = 1.5A
1
0.1
VGS = 10V pulse test TYP -50 0 50 100 150
Case Temperature Tc [C]
2SK2181
6
Gate Threshold Voltage
5
Gate Threshold Voltage VTH [V]
4
3
2
1 VDS = 10V ID = 1mA TYP -50 0 50 100 150
0
Case Temperature Tc [C]
2SK2181
Transient Thermal Impedance
100
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-4 10-3
10-2
10-1
100
101
Time t [s]
2SK2181
100
Power Derating
80
Power Derating [%]
60
40
20
0
0
50
100
150
Case Temperature Tc [C]


▲Up To Search▲   

 
Price & Availability of 2SK2181

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X