Part Number Hot Search : 
BD5348G BD5348G C298B GS864436 GBJH1501 HX1188 60000 GS864436
Product Description
Full Text Search
 

To Download 2SA1909 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1909
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC5101) sAbsolute maximum ratings
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1909 -140 -140 -6 -10 -4 80(Tc=25C) 150 -55 to +150 (Ta=25C) Unit V V V A A W C C
Application : Audio and General Purpose
(Ta=25C) 2SA1909 -10max -10max -140min 50min -0.5max 20typ 400typ V MHz
16.2
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=-140V VEB=-6V IC=-50mA VCE=-4V, IC=-3A IC=-5A, IB=-0.5A VCE=-12V, IE=0.5A VCB=-10V, f=1MHz
External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
Unit
A
23.00.3
V
9.50.2
A
a b
pF
1.75 2.15 1.05 +0.2 -0.1 5.450.1 1.5 4.4 5.450.1 1.5 0.65 +0.2 -0.1
3.3
0.8
hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180)
sTypical Switching Characteristics (Common Emitter)
VCC (V) -60 RL () 12 IC (A) -5 VBB1 (V) -10 VBB2 (V) 5 IB1 (A) -0.5 IB2 (A) 0.5 ton (s) 0.17typ tstg (s) 1.86typ tf (s) 0.27typ
3.35
B
C
E
Weight : Approx 6.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
-10
-4 m 00
VCE( sat ) - IB Characteristics (Typical)
-3 Collector-Emitter Saturation Voltage V C E (s at)( V)
I C - VBE Temperature Characteristics (Typical)
-10 (VCE=-4V)
A
-3
m 00
A
-2
m 00
A
0m A
-15
Collector Current I C( A)
-100
mA
-7 5m A
-2
-6
Collector Current I C( A)
-8
-8
-6
-50mA
-4
-25mA
mp)
Tem
(Ca
e Te
se
-1
25C
125
I B= -10mA
-5A 0 0 -0.5 -1.0 -1.5 -2.0 0 0
0
0
-1
-2
-3
-4
-30C
I C= -10A
-2
C
-2
(Case
(Cas
Temp
-4
p)
-1 Base-Emittor Voltage V B E( V)
)
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
hFE - IC Characteristics (Typical)
(V C E= -4V) 200 DC Curr ent Gain h FE
h FE - I C Temperature Characteristics (Typical)
(V C E= -4V) 200 D C Cur r ent Gai n h F E 125C 100 25C -30C 50
j - a( C /W)
j-a - t Characteristics
3
Transient Thermal Resistance
Typ
100
1 0.5
50
30 -0.02
-0.1
-0.5
-1
-5
-10
20 -0.02
-0.1
-0.5
-1
-5
-10
0.1
1
10
100 Time t(ms)
1000 2000
Collector Current I C( A)
Collector Current I C( A)
f T - IE Characteristics (Typical)
(V C E= -12V) 30 -30
Safe Operating Area (Single Pulse)
80
P c - T a Derating
Cu t-of f Fr eque ncy f T( MH Z)
-10
M aximum Po wer Dissipation P C( W)
60
Collector Curr ent I C( A)
20
-5
D
Typ
C
40
-1 -0.5 Without Heatsink Natural Cooling
10
20
Without Heatsink 0 0.02 0.1 1 10 -0.1 -3 -5 -10 -50 -100 -200 3.5 0 0 25 50 75 100 125 150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
3.0
-1.5
10
W
10 0m s
ms
ith In fin ite he at si nk
37


▲Up To Search▲   

 
Price & Availability of 2SA1909

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X