Part Number Hot Search : 
2815S KBL01 2SC3979A DTA143Z MN102L35 GP20K PAM2845 MAX4691
Product Description
Full Text Search
 

To Download 2MBI150SC-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2MBI 150SC-120
IGBT MODULE ( S-Series ) I Features
* NPT-Technology * Square SC SOA at 10 x IC * High Short Circuit Withstand-Capability * Small Temperature Dependence of the Turn-Off Switching Loss * Low Losses And Soft Switching
2-Pack IGBT 1200V 2x150A
I Outline Drawing
I Applications
* High Power Switching * A.C. Motor Controls * D.C. Motor Controls * Uninterruptible Power Supply
I Maximum Ratings and Characteristics
* Absolute Maximum Ratings
( Tc=25C) Items Symbols Collector-Emitter Voltage VCES Gate -Emitter Voltage VGES Continuous 25C / 80C IC Collector 1ms IC PULSE 25C / 80C Current Continuous -IC 1ms -IC PULSE Max. Power Dissipation PC Operating Temperature Tj Storage Temperature Tstg Isolation Voltage A.C. 1min. Vis *1 Mounting *2 Screw Torque Terminals *2 Ratings 1200 20 200 / 150 400 / 300 150 300 1000 +150 -40 +125 2500 3.5 3.5 Units V
I Equivalent Circuit
A W C V Nm
Note: 1*: All Terminals should be connected together when isolation test will be done. 2*: Recommendable Value; 2.5 3.5 Nm (M5)
* Electrical Characteristics
Items Zero Gate Voltage Collector Current Gate-Emitter Leackage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Time
( at Tj=25C ) Symbols
ICES IGES VGE(th) VCE(sat) Cies Coes Cres tON tr,x tr,i tOFF tf VF trr
Turn-off Time Diode Forward On-Voltage Reverse Recovery Time
Test Conditions VGE=0V VCE=1200V VCE=0V VGE= 20V VGE=20V IC=150mA Tj = 25C VGE=15V IC=150A Tj =125C VGE=0V VCE=10V f=1MHz VCC = 600V IC = 150A VGE = 15V RG = 5.6 Inductive Load IF=150A; VGE=0V IF=150A Tj = 25C Tj =125C
Min.
Typ.
5.5
7.2 2.3 2.8 18'000 3'750 3'300 0.35 0.25 0.10 0.45 0.08 2.3 2.0
Max. 2.0 400 8.5 2.6
Units mA nA V
pF 1.2 0.6 1.0 0.3 3.0 350 s
V ns
* Thermal Characteristics
Items Thermal Resistance Symbols
Rth(j-c) Rth(j-c) Rth(c-f)
Test Conditions IGBT Diode With Thermal Compound
Min.
Typ.
Max. 0.125 0.260
Units C/W
0.025
2MBI 150SC-120
2-Pack IGBT 1200V 2x150A
2MBI 150SC-120
2-Pack IGBT 1200V 2x150A
2MBI 150SC-120
2-Pack IGBT 1200V 2x150A
Specification is subject to change without notice
February 2000


▲Up To Search▲   

 
Price & Availability of 2MBI150SC-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X