Part Number Hot Search : 
UFT40150 VMTB60 01545 T8301 TD62781 P4SMA30 TD62781 21789F
Product Description
Full Text Search
 

To Download 1N5392G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391G - 1N5399G
1.5A GLASS PASSIVATED RECTIFIER Features
* * * * * * Glass Passivated Die Construction Diffused Junction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 50A Peak Low Reverse Leakage Current Plastic Material - UL Flammability Classification 94V-0
A
B
A
D
DO-15 Dim A B C D Min 25.40 5.50 0.686 2.60 Max -- 7.62 0.889 3.6
C
Mechanical Data
* * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.4 grams (approx) Marking: Type Number
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t < 8.3ms) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range @ IF = 1.5A @TA = 25C @ TA = 100C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM I 2t Cj RqJA Tj, TSTG 1N53 91G 50 35
@ TA = 25C unless otherwise specified
1N53 92G 100 70
1N53 93G 200 140
1N53 95G 400 280 1.5 50 1.1 5.0 200 10.4 15 80 -65 to +175
1N53 97G 600 420
1N53 98G 800 560
1N53 99G 1000 700
Unit V V A A V A A 2s pF K/W C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
DS30194 Rev. A-2
1 of 2
1N5391G - 1N5399G
I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A)
1.5
10
1.2
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
0.9
0.6
0.1
0.3
Tj = 25C PULSE WIDTH = 300s 2% DUTY CYCLE
0 40 60 80 100 120 140 160 180 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01
0.4
0.8
1.2
1.6
2.0
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
50
100
40
Cj, CAPACITANCE (pF)
8.3ms Single half sine-wave JEDEC Method
30
10
20
10
0
Tj = 25C f = 1 MHz
1
10
100
1.0
1.0
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
1000
10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
100
IR, INSTANTANEOUS REVERSE CURRENT (A)
100
Tj = 150C Tj = 125C
10
1.0
0.1
Tj = 25C
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS30194 Rev. A-2
2 of 2
1N5391G - 1N5399G


▲Up To Search▲   

 
Price & Availability of 1N5392G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X