Part Number Hot Search : 
PSKH132 71256 0N60C MRF904 DG643 BU2615S MA40E7R BU2615S
Product Description
Full Text Search
 

To Download 1N5392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391-1N5399
Discrete POWER & Signal Technologies
1N5391 - 1N5399
Features * * *
1.5 ampere operation at TA = 70C with no thermal runaway. High current capability. Low leakage.
1.0 min (25.4)
Dimensions in inches (mm)
0.300 (7.62) 0.230 (5.84)
DO-15
COLOR BAND DENOTES CATHODE
0.140 (3.56) 0.104 (2.64) 0.034 (0.86) 0.028 (0.71)
1.5 Ampere General Purpose Rectifiers
Absolute Maximum Ratings*
Symbol
IO if(surge) PD RJA Tstg TJ
TA = 25C unless otherwise noted
Parameter
Average Rectified Current .375 " lead length @ TA = 75C Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Storage Temperature Range Operating Junction Temperature
Value
1.5
Units
A
50 4.8 38 26 -55 to +150 -55 to +150
A W mW/C C/W C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
Parameter
5391 Peak Repetitive Reverse Voltage Maximum RMS Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Current @ rated VR TA = 25C TA = 100C Maximum Forward Voltage @ 1.5 A Typical Junction Capacitance VR = 4.0 V, f = 1.0 MHz 50 35 50
TA = 25C unless otherwise noted
Device
5392 100 70 100 5393 200 140 200 5394 300 210 300 5395 400 280 400 5.0 300 1.4 25 5396 500 350 500 5397 600 420 600 5398 800 560 800 5399 1000 700 1000
Units
V V V A A V pF
a 1998 Fairchild Semiconductor Corporation
1N5391-1N5399
General Purpose Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
1.5 FORWARD CURRENT (A)
Forward Characteristics
15 FORWARD CURRENT (A)
1.25 1 0.75 0.5 0.25 0 25
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" 9.5 mm LEAD LENGTHS
1.5
0.1
T J = 25C
50
75 100 125 150 AMBIENT TEMPERATURE ( C)
175
0.01 0.4
0.6
0.8 1 1.2 FORWARD VOLTAGE (V)
1.4
Peak Forward Surge Current
PEAK FORWARD SURGE CURRENT (A) 50 100
Junction Capacitance
CAPACITANCE (pF)
40
30
T J = 25C
10
20
10
0
1
2
4 6 8 10 20 40 60 NUMBER OF CYCLES AT 60Hz
100
1
1
4 10 REVERSE VOLTAGE (V)
100


▲Up To Search▲   

 
Price & Availability of 1N5392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X