|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TF666..A TF666..A Fast Switching Thyristor Replaces March 1998 version, DS4274-2.2 DS4274-3.0 January 2000 APPLICATIONS s High Power Inverters And Choppers s UPS s Railway Traction s Induction Heating s AC Motor Drives s Cycloconverters KEY PARAMETERS VDRM 1400V IT(RMS) 700A ITSM 9000A dV/dt 300V/s dI/dt 500A/s tq 20s FEATURES s Double Side Cooling s High Surge Capability s High Voltage VOLTAGE RATINGS Type Number Repetitive Peak Voltages VDRM VRRM 1400 1200 1000 800 600 Conditions TF666 14A TF666 12A TF666 10A TF666 08A TF666 06A VRSM = VRRM + 100V IDRM = IRRM = 35mA at VRRM or VDRM & Tvj Outline type code: MU171. See Package Details for further information. Lower voltage grades available. CURRENT RATINGS Symbol IT(AV) IT(RMS) Parameter Mean on-state current RMS value Conditions Half sinewave, 50Hz, Tcase = 80oC Half sinewave, 50Hz, Tcase = 80oC Max. 446 700 Units A A 1/13 TF666..A SURGE RATINGS Symbol ITSM I2t Parameter Surge (non-repetitive) on-state current I2t for fusing Conditions 10ms half sine; VR = 0% VRRM, Tj = 125C 10ms half sine; VR = 0% VRRM, Tj = 125C Max. 9.0 405.0 x 103 Units kA A2s THERMAL AND MECHANICAL DATA Symbol Parameter Conditions Double side cooled Rth(j-c) Thermal resistance - junction to case Single side cooled Cathode dc Clamping force 10.0kN with mounting compound On-state (conducting) Tvj Virtual junction temperature Reverse (blocking) Tstg Storage temperature range Clamping force -40 9.5 125 150 10.5 o Min. dc Anode dc - Max. 0.05 0.095 0.11 0.01 0.02 125 Units o C/W o C/W C/W C/W C/W o o Double side Single side o Rth(c-h) Thermal resistance - case to heatsink o C C C o kN MEASUREMENT OF RECOVERED CHARGE - QRA1 Measurement of QRA1 : QRA1 = IRR x tRR 2 ITM QRA1 tp = 1ms dIR/dt IRR 0.5x IRR 2/13 TF666..A DYNAMIC CHARACTERISTICS Symbol VTM IRRM/IDRM dV/dt Parameter Maximum on-state voltage Peak reverse and off-state current Maximum linear rate of rise of off-state voltage Conditions At 1500A peak, Tcase = 25oC At VRRM/VDRM, Tcase = 125oC Linear to 60% VDRM Tj = 125oC, Gate open circuit Gate source 20V, 20 dI/dt Rate of rise of on-state current tr 0.5s, Tj = 125C VT(TO) rT tgd t(ON)TOT IH IL Threshold voltage On-state slope resistance Delay time Total turn-on time Holding current Latching current At Tvj = 125oC At Tvj = 125oC Tj = 25C, IT = 50A, VD = 300V, IG = 1A, dI/dt = 50A/s, dIG/dt = 1A/s Tj = 25oC, ITM = 1A, VD = 12V Tj = 25oC, IG = 0.5A, VD = 12V Tj = 125C, IT = 250A, VR = 50V, tq code: A dV/dt = 20V/s (Linear to 60% VDRM), dIR/dt = 50A/s, Gate open circuit Non-repetitive 800 1.24 0.57 1.5* 3* 80* 500* 20 A/s V m s s mA mA s Repetitive 50Hz Min. Max. 2.1 35 300 500 Units V mA V/s A/s tq Turn-off time *Typical value. GATE TRIGGER CHARACTERISTICS AND RATINGS Symbol VGT IGT VGD VRGM IFGM PGM PG(AV) Parameter Gate trigger voltage Gate trigger current Gate non-trigger voltage Peak reverse gate voltage Peak forward gate current Peak gate power Mean gate power Anode positive with respect to cathode Conditions VDRM = 12V, Tcase = 25oC, RL = 6 VDRM = 12V, Tcase = 25oC, RL = 6 At VDRM Tcase = 125oC, RL = 1k Typ. Max. 3.0 200 0.2 5.0 4 16 3 Units V mA V V A W W 3/13 TF666..A CURVES 4/13 TF666..A 5/13 TF666..A NOTES: 1. VD 600V. 2. VR 10V. 3. R.C Snubber, C = 0.22F, R = 4.7 NOTES: 1. VD 600V. 2. VR 10V. 3. R.C Snubber, C = 0.22F, R = 4.7 6/13 TF666..A NOTES: 1. VD 600V. 2. VR 10V. 3. R.C Snubber, C = 0.22F, R = 4.7 NOTES: 1. dI/dt = 25A/s 2. VD 600V. 3. VR 10V. 4. R.C Snubber, C = 0.22F, R = 4.7 7/13 TF666..A NOTES: 1. dI/dt = 25A/s 2. VD 600V. 3. VR 10V. 4. R.C Snubber, C = 0.22F, R = 4.7 NOTES: 1. dI/dt = 25A/s 2. VD 600V. 3. VR 10V. 4. R.C Snubber, C = 0.22F, R = 4.7 8/13 TF666..A NOTES: 1. dI/dt = 50A/s 2. VD 600V. 3. VR 10V. 4. R.C Snubber, C = 0.22F, R = 4.7 NOTES: 1. dI/dt = 50A/s 2. VD 600V. 3. VR 10V. 4. R.C Snubber, C = 0.22F, R = 4.7 9/13 TF666..A NOTES: 1. dI/dt = 50A/s 2. VD 600V. 3. VR 10V. 4. R.C Snubber, C = 0.22F, R = 4.7 NOTES: 1. dI/dt = 100A/s 2. VD 600V. 3. VR 10V. 4. R.C Snubber, C = 0.22F, R = 4.7 10/13 TF666..A NOTES: 1. dI/dt = 100A/s 2. VD 600V. 3. VR 10V. 4. R.C Snubber, C = 0.22F, R = 4.7 NOTES: 1. dI/dt = 100A/s 2. VD 600V. 3. VR 10V. 4. R.C Snubber, C = 0.22F, R = 4.7 11/13 TF666..A PACKAGE DETAILS For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise. DO NOT SCALE. 2 holes O3.6x2.0 deep (in both electrodes) Cathode tab Cathode O57.8 max O34 nom Gate O34 nom O54 max Anode Nominal weight: 310g Clamping force: 15kN 10% Lead length: 250mm Package outine type code: MU171 ASSOCIATED PUBLICATIONS Title Calculating the junction temperature or power semiconductors Gate triggering and the use of gate characteristics Recommendations for clamping power semiconductors The effect of temperature on thyristor performance Thyristor and diode measurement with a multi-meter Turn-on performance of thyristors in parallel Use of V , r on-state characteristic TO T Application Note Number AN4506 AN4840 AN4839 AN4870 AN4853 AN4999 AN5001 12/13 26 1 O1.5 TF666..A POWER ASSEMBLY CAPABILITY The Power Assembly group was set up to provide a support service for those customers requiring more than the basic semiconductor, and has developed a flexible range of heatsink / clamping systems in line with advances in device types and the voltage and current capability of our semiconductors. We offer an extensive range of air and liquid cooled assemblies covering the full range of circuit designs in general use today. The Assembly group continues to offer high quality engineering support dedicated to designing new units to satisfy the growing needs of our customers. Using the up to date CAD methods our team of design and applications engineers aim to provide the Power Assembly Complete solution (PACs). DEVICE CLAMPS Disc devices require the correct clamping force to ensure their safe operation. The PACs range offers a varied selection of preloaded clamps to suit all of our manufactured devices. This include cube clamps for single side cooling of `T' 22mm Clamps are available for single or double side cooling, with high insulation versions for high voltage assemblies. Please refer to our application note on device clamping, AN4839 HEATSINKS Power Assembly has it's own proprietary range of extruded aluminium heatsinks. They have been designed to optimise the performance or our semiconductors. Data with respect to air natural, forced air and liquid cooling (with flow rates) is available on request. For further information on device clamps, heatsinks and assemblies, please contact your nearest Sales Representative or the factory. http://www.dynexsemi.com e-mail: power_solutions@dynexsemi.com HEADQUARTERS OPERATIONS DYNEX SEMICONDUCTOR LTD Doddington Road, Lincoln. Lincolnshire. LN6 3LF. United Kingdom. Tel: 00-44-(0)1522-500500 Fax: 00-44-(0)1522-500550 DYNEX POWER INC. Unit 7 - 58 Antares Drive, Nepean, Ontario, Canada K2E 7W6. Tel: 613.723.7035 Fax: 613.723.1518 Toll Free: 1.888.33.DYNEX (39639) CUSTOMER SERVICE CENTRES France, Benelux, Italy and Spain Tel: +33 (0)1 69 18 90 00. Fax: +33 (0)1 64 46 54 50 North America Tel: 011-800-5554-5554. Fax: 011-800-5444-5444 UK, Germany, Scandinavia & Rest Of World Tel: +44 (0)1522 500500. Fax: +44 (0)1522 500020 SALES OFFICES France, Benelux, Italy and Spain Tel: +33 (0)1 69 18 90 00. Fax: +33 (0)1 64 46 54 50 Germany Tel: 07351 827723 North America Tel: (613) 723-7035. Fax: (613) 723-1518. Toll Free: 1.888.33.DYNEX (39639) / Tel: (831) 440-1988. Fax: (831) 440-1989 / Tel: (949) 733-3005. Fax: (949) 733-2986. UK, Germany, Scandinavia & Rest Of World Tel: +44 (0)1522 500500. Fax: +44 (0)1522 500020 These offices are supported by Representatives and Distributors in many countries world-wide. (c) Dynex Semiconductor 2000 Publication No. DS4274-3 Issue No. 3.0 January 2000 TECHNICAL DOCUMENTATION - NOT FOR RESALE. PRINTED IN UNITED KINGDOM Datasheet Annotations: Dynex Semiconductor annotate datasheets in the top right hard corner of the front page, to indicate product status. The annotations are as follows:Target Information: This is the most tentative form of information and represents a very preliminary specification. No actual design work on the product has been started. Preliminary Information: The product is in design and development. The datasheet represents the product as it is understood but details may change. Advance Information: The product design is complete and final characterisation for volume production is well in hand. No Annotation: The product parameters are fixed and the product is available to datasheet specification. This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request. All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners. 13/13 |
Price & Availability of TF66608A |