Part Number Hot Search : 
TL2272 AD9832 1662I TMP87PH SA965 1N5369B 28020 AT24C
Product Description
Full Text Search
 

To Download TDA7263M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDA7263M
12 +12W STEREO AMPLIFIER WITH MUTING
WIDE SUPPLY VOLTAGE RANGE HIGH OUTPUT POWER 12+12W @ VS=28V, RL = 8, THD=10% MUTE FACILITY (POP FREE) WITH LOW CONSUMPTION AC SHORT CIRCUIT PROTECTION THERMAL OVERLOAD PROTECTION
DESCRIPTION The TDA7263M is class AB dual audio power amplifier assembled in the Multiwatt package, specially designed for high quality sound application as HI-FI music centers and stereo TV sets.
Multiwatt11 ORDERING NUMBER:TDA7263M
APPLICATION CIRCUIT
March 1995
1/7
TDA7263M
ABSOLUTE MAXIMUM RATINGS
Symbol VS IO IO Ptot Top Tstg,Tj Supply Voltage Output Peak Current (repetitive f >20Hz) Output Peak Current (non repetitive, t = 100s) Total Power Dissipation (Tcase = 70C) Operating Temperature Range Storage & Junction Temperature Parameter Value 35 2.5 3.5 30 0 to 70 -40 to 150 Unit V A A W C C
PIN CONNECTION (Top view)
Figure 1: Block Diagram
2/7
TDA7263M
THERMAL DATA
Symbol Rth j-case Parameter Thermal resistance junction to case Max Value 2.5 Unit C/W
ELECTRICAL CHARACTERISTICS (Refer to the stereo test and application circuit, VS = 28V; RL = 8; Gv = 30dB; f = 1KHz; T amb = 25C unless otherwise specified.)
Symbol VS VO Iq PO d CT RI fL fH eN SVR Tj Parameter Supply Voltage Quiescent Output Voltage Total Quiescent Current Output Power (RMS) Total Harmonic Distortion Cross Talk Input Resistance Low Frequency Roll-off (-3dB) High Frequency Roll-off (-3dB) Total Input Noise Voltage Supply Voltage Rejection (each channel) Thermal Shutdown Junction Temperature Mute Threshold Play Threshold Mute Attenuation Quiescent Current @ Mute 70 1 A Curve; RS = 10K f = 22Hz to 22KHz; RS = 10K RS = 10K; f = 100Hz; Vr = 0.5V 45 d = 10% d = 1% Tamb = 85C 10 Test Condition Min. 10 13.5 70 12 9.5 0.02 70 60 100 200 40 80 1.5 3 60 145 10 0.2 0.5 95 Typ. Max. 32 Unit V V mA W W % dB dB K Hz KHz mV V dB C
PO = 1W, f = 1kHz f = 100Hz to 10KHz; PO = 0.1 to 8W R S = 10K; f = 1KHz R S = 10K; f = 10KHz
MUTE FUNCTION VTMUTE VTPLAY ATT AM IqMUTE 1.6 4.5 100 7 10 V V dB mA
TYPICAL CHARACTERISTICS (referred to the typical Application Circuit, VS = 28V, RL = 8, unless otherwise specified) Figure 1: Output Power vs. Supply Voltage Figure 2: Distortion vs. Output Power
3/7
TDA7263M
Figure 3: Quiescent Current vs. Supply Voltage Figure 4: Supply Voltage Rejection vs. Frequency
Figure 5: Crosstalk vs. Frequency
Figure 6: Output Attenuation & Quiescent Current vs. Vpin3
Figure 7: Total Power Dissipation vs. Output Power
4/7
TDA7263M
APPLICATION SUGGESTION The recommended values of the components are those shown on application circuit of figure 1. Different values can be used; the following table can help the designer.
Component R1 R2 R5 C1 C3 and R3 and R4 and R6 and C2 Recomm. Value 1.5K 47 4.7 100nF 47F 100nF 1000F 47F 0.1F 1000F Purpose Close loop gain setting (*) Close loop gain setting (*) Frequency stability Input DC decoupling - Ripple Rejection - Mute time constant Supply Voltage Bypass Supply Voltage Bypass Feedback input DC decoupling Frequency stability Output DC decoupling Larger Than Increase of gain Decrease of gain Danger of oscillations Higher SVR Increase of the Switch-on time Smaller Than Decrease of gain Increase of gain Higher low frequency cutoff - Degradation of SVR - Worse turn-off pop by muting Danger of oscillations Decrease of the Switch-on time Danger of oscillations Higher low-frequency cut-off
C4 C5 C6 and C7 C8 and C9 C10 and C11
Increase of the Switch-on time
(*) Closed loop gain must be higher than 26dB
Figure 8: P. C. Board and Component Layout of the Application Circuit (1:1 scale).
BUILT-IN PROTECTION SYSTEMS THERMAL SHUT-DOWN The presence of a thermal limiting circuit offers the following advantages: 1-an overload on the output (even if it is permanent), or an excessive ambient temperature can be easily withstood. 2-the heatsink can have a smaller factor of safety compared with that of a conventional
circuit. There is no device damage in the case of excessive junction temperature; all that happens is that PO (and therefore Ptot) and I O are reduced. SHORT CIRCUIT (AC CONDITIONS) The TDA7263M can withstand accidental short circuits across the speaker made by a wrong connection during normal play operation.
5/7
TDA7263M
MULTIWATT11 PACKAGE MECHANICAL DATA
DIM. MIN. A B C D E F G G1 H1 H2 L L1 L2 L3 L4 L7 M M1 S S1 Dia1 21.5 21.4 17.4 17.25 10.3 2.65 4.1 4.88 1.9 1.9 3.65 4.3 5.08 17.5 10.7 0.49 0.88 1.57 16.87 19.6 20.2 22.3 22.2 18.1 17.75 10.9 2.9 4.5 5.3 2.6 2.6 3.85 0.846 0.843 0.685 0.679 0.406 0.104 0.161 0.192 0.075 0.075 0.144 0.169 0.200 0.689 0.421 1.7 17 1 0.55 0.95 1.83 17.13 0.019 0.035 0.062 0.664 0.772 0.795 0.878 0.874 0.713 0.699 0.429 0.114 0.177 0.209 0.102 0.102 0.152 0.067 0.669 mm TYP. MAX. 5 2.65 1.6 0.039 0.022 0.037 0.072 0.674 MIN. inch TYP. MAX. 0.197 0.104 0.063
6/7
TDA7263M
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1995 SGS-THOMSON Microelectronics - All Rights Reserved MULTIWATT (R) is a Registered Trademark of SGS-THOMSON Microelectronics SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands - Singapore Spain - Sweden - Switzerland - Taiwan - Thaliand - United Kingdom - U.S.A.
7/7


▲Up To Search▲   

 
Price & Availability of TDA7263M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X