Part Number Hot Search : 
BUZ31 SP6656EB 103LF 20023 N40N60 LA7217 RBV406G UP6008
Product Description
Full Text Search
 

To Download TA8440H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TA8440H/F
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8440H,TA8440F
DC MOTOR FULL BRIDGE DRIVER F TYPE: UNDER DEVELOPMENT
The TA8440H is a full-bridge driver for selecting the forward and reverse running of a motor with brushes and is able to control 4 modes of forward, reverse, stop and braking. The motor driving unit and the control unit have a separate power supply line, independently and the TA8440H is also usable as a stepping motor driver.
TA8440H
FEATURES
l Output current is as large as 1.5A (AVE) and 3.0A (PEAK). l 4 modes of forward, reverse, stop, and braking are available and a counter-electromotive force absorbing diode has been built-in. l Thermal shutdown circuit incorporated. l Input is compatible with CMOS. l Built-in input pull-up resistor. BRAKE = 200 k (Typ.) l Built-in input pull-down resistor. IN, ENABLE = 100 k (Typ.)
TA8440F (Under development)
BLOCK DIAGRAM
Weight HZIP12-P-1.78B: 4.04 g (Typ.) HSOP20-P-450-1.00: 0.79 g (Typ.)
TA8440H/TA8440F
TA8440F: 3, 6, 8, 10, 11, 12, 19, 20 pin is No Connection.
1
2001-08-29
TA8440H/F
PIN FUNCTION
Pin No. H 1 2 3 4 5 6 7 8 9 10 11 12 F 2 4 5 FIN 7 9 1 13 15 14, 17 16 18 SYMBOL ENABLE IN
BRAKE
FUNCTIONAL DESCRIPTION ENABLE terminal Forward rotation / reverse rotation switch terminal BRAKE terminal Signal GND PWM signal input terminal Power voltage supply terminal for control Power voltage supply terminal for motor driver Output terminal Power GND COMMON terminal Power GND Output terminal
SG CHOP VCC VS OUTA PG COMMON PG OUT A
TA8440F: 3, 6, 8, 10, 11, 12, 19, 20 pin is No Connection.
FUNCTION
INPUT IN H L (*) (*) H L
BRAKE
OUTPUT ENABLE H H L H H H CHOP L L (*) (*) H H OUTA H L L L OUT A L H L L
MODE MOTOR CW / CCW CCW / CW Stop Brake Chop Chop
H H (*) L H H
*:
Don't care
:
High impedance
MAXIMUM RATING (Ta = 25C)
CHARACTERISTIC Supply Voltage Input Voltage Output Current AVE PEAK SYMBOL VCC VS VIN IO (AVE.) IO (PEAK) PD Topr Tstg RATING 7 50 -0.3~VCC 1.5 3.0 (Note 1) 2.52 (Note 2) 25.0 (Note 3) -30~75 -55~150 UNIT V V A A W C C
Power Dissipation Operating Temperature Storage Temperature
Note 1: t = 100 ms Note 2: No heat sink Note 3: Tc = 75C
2
2001-08-29
TA8440H/F
ELECTRICAL CHARACTERISTICS (VCC = 5 V, VS = 24 V, Ta = 25C)
CHARACTERISTIC High Low SYMBOL VIN (H) VIN (L) IIN-1 (H) Input Current High IIN-2 (H) IIN-3 (H) IIN-1 (L) Input Current Low IIN-2 (L) IIN-3 (L) ICC1 Current Consumption (I) ICC2 ICC3 IS1 Current Consumption (II) IS2 IS3 Upper Side Output saturation voltage Under Side Upper Side Under Side Diode Forward Orientation Voltage Output Leakage Current Upper Side Under Side Upper Side Under Side Vsat-U1 Vsat-L1 Vsat-U2 Vsat-L2 VF-U1 VF-L1 IOH IOL TSD tpLH tpHL tpLH Transfer Time tpHL tpLH tpHL tpLH tpHL ENABLE-OUT 3 IOUT = 3.0A 2 2 1 TEST CIR- CUIT 1 TEST CONDITION MIN 3.5 GND VIN = 5 V VIN = 0 V Source type 1.5 0.7 2.7 1.7 IN-OUT TYP. 5 40 0 0 0 25 6 10 14 2 3.5 2.5 2.0 1.25 3.0 2.0 3.5 1.3 170 2.7 1.2 0.7 2.5 2.9 1.1 45 45 MAX VCC 1.5 52 60 5.5 5.5 5.5 52 10.5 14.5 18.5 4.2 5.0 3.7 2.7 1.9 3.9 2.9 200 100 s V V mA mA A UNIT
Input Voltage
IN, CHOP, ENABLE, BRAKE CHOP IN, ENABLE
BRAKE
v
CHOP IN, ENABLE
BRAKE
Stop Forward / reverse Brake Stop Forward / reverse Brake IOUT = 1.5A
IOUT = 1.5A
4
VS = 30V
A C
Shut Down Temperature
CHOP-OUT
BRAKE -OUT
3
2001-08-29
TA8440H/F
TEST CIRCUIT 1.
VIN (H), VIN (L), IIN (H), IIN (L)
TEST CIRCUIT 2.
ICC1, ICC2, ICC3, IS1, IS2, IS3
4
2001-08-29
TA8440H/F
TEST CIRCUIT 3.
Vsat-L, Vsat-U
Note:
Calibrate IOUT to 1.5 / 3.0 A by RL.
TEST CIRCUIT 4.
IOH, IOL
5
2001-08-29
TA8440H/F
APPLICATION CIRCUIT
Note 1: Schottky diode (2GWJ42) to be connected additionally between each output (pin 16 / 19 / 20 / 23) and GND for preventing Punch-Through Current. Note 2: Utmost care is necessary in the design of the output line, VS and GND line since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper grounding.
6
2001-08-29
TA8440H/F
PACKAGE DIMENSIONS
HZIP12-P-1.78B Unit: mm
Weight: 4.04 g (Typ.)
7
2001-08-29
TA8440H/F
PACKAGE DIMENSIONS
Weight: 0.79 g (Typ.)
8
2001-08-29
TA8440H/F
RESTRICTIONS ON PRODUCT USE
000707EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
9
2001-08-29


▲Up To Search▲   

 
Price & Availability of TA8440H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X