Part Number Hot Search : 
1N753 AP4048 FA5500AN 20N60 0015453 2795G DW1T1 TSOP17
Product Description
Full Text Search
 

To Download SM5818 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM 5817 ... SM 5819 Schottky-Gleichrichter fur die Oberflachenmontage
Surface Mount Schottky-Rectifiers
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case MELF Kunststoffgehause MELF Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
1A 20...40 V DO-213AB 0.12 g
Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
see page 18 siehe Seite 18
Maximum ratings
Type Typ Repetitive peak reverse voltage Periodische Spitzensperrspg. VRRM [V] Surge peak reverse voltage Stospitzensperrspannung VRSM [V]
Grenzwerte
Forward voltage Durchlaspannung VF [V] 1)
SM 5817 SM 5818 SM 5819
20 30 40
20 30 40
< 0.750 < 0.875 < 0.900
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
TT = 100/C f > 15 Hz TA = 25/C TA = 25/C
IFAV IFRM IFSM i2t Tj TS
1A 10 A 2) 30 A 4.5 A2s - 50...+150/C - 50...+150/C
1 2
166
) IF = 3 A, TA = 25/C ) Max. temperature of the terminals TT = 100/C - Max. Temperatur der Anschlusse TT = 100/C 28.02.2002
SM 5817 ... SM 5819 Characteristics Leakage current - Sperrstrom Tj = 25/C Tj = 100/C VR = VRRM VR = VRRM IR IR RthA RthT Kennwerte < 1.0 mA < 10.0 mA < 45 K/W 1) < 10 K/W
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to terminal Warmewiderstand Sperrschicht - Kontaktflache
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 28.02.2002
1
167


▲Up To Search▲   

 
Price & Availability of SM5818

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X