Part Number Hot Search : 
BF100507 SC2412 LN518YK RFP460 LM293 XF0650P MAX9718A SA190
Product Description
Full Text Search
 

To Download SLA5031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLA5031
Absolute maximum ratings
Symbol VDSS VGSS ID ID(pulse) EAS* IF IFSM VR PT Ratings 60 10 5 10 (PW1ms) 2 5 (PW0.5ms, Du25%) 10 (PW10ms, Single pulse) 120
N-channel With built-in flywheel diode
(Ta=25C)
External dimensions A
***
SLA
Electrical characteristics
Symbol V(BR)DSS IGSS IDSS VTH Re(yfs) RDS(ON) Ciss Coss ton toff VSD trr Specification min typ max 60 500 250 1.0 2.0 3.1 4.6 0.17 0.22 0.25 0.30 400 160 80 50 1.1 1.5 150 Unit V nA A V S pF pF ns ns V ns
(Ta=25C)
Unit V V A A mJ A A V W W C/W C/W Vrms C C
Conditions ID=250A, VGS=0V VGS=10V VDS=60V, VGS=0V VDS=10V, ID=250A VDS=10V, ID=5A VGS=10V, ID=2.5A VGS=4V, ID=2.5A VDS=25V, f=1.0MHz, VGS=0V ID=5A, VDD 30V, VGS=5V, see Fig. 3 on page 16. ISD=5A, VGS=0V ISD=100mA
j-a j-c VISO Tch Tstg
5 (Ta=25C, with all circuits operating, without heatsink) 35 (Tc=25C,with all circuits operating, with infinite heatsink) 25 (Junction-Air, Ta=25C, with all circuits operating) 3.57 (Junction-Case, Tc=25C, with all circuits operating) 1000 (Between fin and lead pin, AC) 150 -40 to +150
qDiode for flyback voltage absorption
Symbol min 120 Speciication typ max 1.0 100 1.2 10 Unit V V A ns Conditions IR=10A IF=1A VR=120V IF=100mA
* : VDD=20V, L=1mH, ID=1.7A, unclamped, see Fig. E on page 15.
sEquivalent circuit diagram
2 3 4 9 10 11
1
5
8
12
VR VF IR trr
6
7
Characteristic curves
ID-VDS Characteristics (Typical)
10
ID-VGS Characteristics (Typical)
10
RDS(ON)-ID Characteristics (Typical)
0.3
(VDS=10V)
10V
8
4V
8
4V
ID (A)
ID (A)
6
3.5V
6
(ON)
()
0.2
4
4
TC=-40C
VGS=3V
RDS
VGS=10V
0.1
25C
2
2
125C
0
0
2
4
6
8
10
0 0 1 2 3 4 5
0
0
1
2
3
4
5
6
7
8
9
10
VDS (V)
VGS (V)
ID (A)
Re(yfs)-ID Characteristics (Typical)
10
RDS(ON)-TC Characteristics (Typical)
0.4
Capacitance-VDS Characteristics (Typical)
1000
(VDS=10V)
(ID=2.5A)
VGS=0V f=1MHz
500
5
C 0
Ciss
0.3
Re (yfs) (S)
(ON)
12
C 5
()
=- TC
4
Capacitance (pF)
4V
Coss
1
25C
RDS
0.2
VGS=10V
100
50
Crss
0.1
0.5 0.3 0.05
0.1
0.5
1
5
10
0 -40
0
50
100
150
10 0 10 20 30 40 50
ID (A)
TC (C)
VDS (V)
IDR-VSD Characteristics (Typical)
10
20
Safe Operating Area (SOA)
(TC=25C)
ID (pulse) max
10 1m m s (1 sh 0 s
PT-Ta Characteristics
40 35 30
W ith
10
8
5
LI
R
D S (O N )
M
IT
ED
With Silicone Grease Natural Cooling All Circuits Operating
10
s
IDR (A)
PT (W)
ID (A)
6
10V
ot
)
25 20 15
fin In ite ea H ts in
4
1 0.5
k
4V
10
2
VGS=0V
5
0.1 0.5
Without Heatsink
0
0
1 5 10 50 100
0
0.5
1.0
1.5
0
50
100
150
VSD (V)
VDS (V)
Ta (C)
67


▲Up To Search▲   

 
Price & Availability of SLA5031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X