Part Number Hot Search : 
HC35T3R C9212A CDLL3157 C1164 MAHE1A LC32M IR9494N 400000
Product Description
Full Text Search
 

To Download SD880YT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SD820YT~SD8100YT
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS VOLTAGE 20 to 100 Volts
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O * For surface mounted applications * Low profile package * Built-in strain relief * High surge capacity * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed:260XC/10 seconds at terminals
.307(7.8) .283(7.2) .225(5.7) .209(5.3)
TO-251AB
.264(6.7) .248(6.3) .216(5.5) .200(5.1) 4
Unit: inch ( mm )
CURRENT - 8 Ampere
.098(2.5) .082(2.1) .024(0.6) .016(0.4)
* Low power loss, High efficiency
.063(1.6) .047(1.2)
MECHANICAL DATA
Case: TO-251AB molded plastic Terminals: Solder plated, solderable per MIL-STD-750,Method 2026 Polarity: As marking Weight: 0.015 ounces, 0.4grams.
1
3 .032(0.8) .012(0.3)
.071(1.8) .051(1.3) .02(0.5)
2 .09 .09 (2.3) (2.3)
1 3
2 4
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
SD820YT SD830YT SD840YT SD860YT SD880YT SD8100YT
UNITS V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=85C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 8.0A (Note 1) Maximum DC Reverse Current at Tc=25C DC Blocking Voltage per element Tc=100C Maximum Thermal Resistance (Note 2) Operating and Storage Temperature Range Storage Temperature Range
20 14 20
30 21 30
40 28 40 8
60 42 60
80 56 80
100 70 100
85
0.55 0.2 20 80
0.75
0.85
V mA C/W C C
-55 to +125 -65 to +150
NOTES: 1. Thermal Resistance Junction to Ambient .
DATE : OCT.10.2002
PAGE . 1
RATING AND CHARACTERISTIC CURVES
INSTNTANEOUS FORWARD CURRENT AMPERES AVERAGE FORWARD CURRENT, AMPERES
50
20- 40V
TJ=25 C f=1.0mHz Visg=5mVp-p
O
50- 60V 80- 100 V
10.0 8.0 6.0 4.0
RESISTTIVE OR INDUCTIVE LOAD
10
1.0
2.0 0 20 40 60 80 100 120 140
0.1
.2
.3
.4
.5.6
.7
.8.91.0
1.1
CASE TEMPERATURE, OC Fig.1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
10000
INSTANTANEOUS REVERSE CURRENT, MILAMPERES
100
CAPACITANCE, pF
10
T J =100 C
O
1000
T J = 75 OC
1.0
TJ=25 OC f=1.0mHz Visg=5mVp-p
100
T J = 25 OC
0.1
.01
10 0.1 0 20 40 60 80 100 120 140
PERCENT OF RATEP PEAK REVERSE VOLTAGE %
1.0
10
100
REVERSE VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PEAK FORWARD SURGE CURRENT, AMPERES
Fig.4- TYPICAL JUNCTION CAPACITANCE
120 100 80 60 40 20 0 1 10
NO. OF CYCLES AT 60Hz
100
Fig.5- MAXIMUM NON-REPETITIVE SURGE CURRENT
DATE : OCT.10.2002 PAGE . 2


▲Up To Search▲   

 
Price & Availability of SD880YT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X