|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
S11MS3/S21MS3/S21MS4 S11MS3/ S21MS3/S21MS4 s Features 1. Ultra-compact, mini-flat package type ( 3.6 x 4.4 x 2.0mm ) 2. Built-in zero-cross circuit ( S21MS4 ) 3. High isolation voltage between input and output ( Viso : 3 750Vrms ) 4. Recognized by UL, file No.E64380 High Density Surface Mount Type Mini-flat Package Phototriac Coupler s Outline Dimensions 1.27 0.25 Model No. 65 4 S Anode mark 0.6MAX. ( Unit : mm ) Internal connection diagram 6 5 4 g Zero-cross circuit 1 3 1 3 0.4 0.1 0.10.1 2.6 0.2 For 100V lines No built-in zero-cross circuit Built-in zero-cross circuit S11MS3 - For 200V lines S21MS3 S21MS4 6 1 Anode 3 Cathode 4 Anode/ cathode 0.5+ 0.4 - 0.2 7.0+ 0.2 - 0.7 s Applications 1. For triggering of medium/high power triacs 5 No external connection 6 Anode/ cathode g Zero-cross circuit for S21MS4 s Absolute Maximum Ratings Parameter Input Forward current Reverse voltage 1 RMS ON-state current 2 Peak one cycle surge current Repetitive peak OFF-state voltage 3 Isolation voltage Operating temperature Storage temperatrue 4 Soldering temperature Symbol IF VR IT I surge VDRM Viso Topr Tstg Tsol S11MS3 ( Ta = 25C ) Rating S21MS3/S21MS4 50 6 0.05 0.6 400 600 3 750 - 30 to +100 - 40 to +125 260 Unit mA V A rms A V Vrms C C C IT (A) 0 1 2 * IT 1, 2<= 90 2 180 90 360 Output Soldering area 0.2mm or more 1 The definition of conduction angle of effective ON current I T should be as shown in the right drawing. 2 50Hz sine wave 3 40 to 60% RH, AC for 1 minute 4 For 10 seconds, " In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device." 0.2 0.05 s Model Line-ups 3.6 0.3 C0.4 Input side 4.4 0.2 5.3 0.3 S11MS3/S21MS3/S21MS4 s Electro-optical Characteristics Input Parameter Forward voltage Reverse current Repetitive peak OFF-state current ON-state voltage Holding current Critical rate of rise of OFF-state voltage Zero-cross S21MS4 voltage Minimum trigger current Isolation resistance S11MS3/S21MS3 Turn-on time S21MS4 Symbol VF IR I DRM VT IH dV/dt VOX I FT RISO t on Conditions IF = 20mA VR = 3V VDRM = Rated IT = 0.05A VD = 6V VDRM = 1/ 2 * Rated IF = 15mA, Resistance load VD = 6V, RL = 100 DC500V, 40 to 60% RH VD = 6V, RL = 100 , IF = 20mA MIN. 0.1 100 5 x 1010 TYP. 1.2 1 000 1011 - ( Ta= 25C) MAX. 1.4 10 1 2.5 3.5 35 10 100 50 Unit V A A V mA V/ s V mA s Output Transfer characteristics Fig. 1 RMS ON-state Current vs. Ambient Temperature 60 RMS ON-state current I T ( mA rms ) Fig. 2 Forward Current vs. Ambient Temperature 60 50 Forward current I F ( mA ) 0 50 Ambient temperature T a ( C ) 100 50 40 40 30 30 20 20 10 0 -30 10 0 - 30 0 50 Ambient temperature T a ( C ) 100 Fig. 3 Forward Current vs. Forward Voltage 200 100 Forward current I F ( mA ) 50 20 10 5 T a = 100C 75C 50C Fig. 4-a Minimum Trigger Current vs. Ambient Temperature (S11MS3/S21MS3) 12 V D = 6V Minimum trigger current I FT ( mA ) 10 R L = 100 25C 0C - 30C 8 6 4 2 1 0 0.5 1.0 1.5 2.0 Forward voltage V F ( V ) 2.5 3.0 2 0 - 30 0 20 40 60 80 Ambient temperature T a ( C ) 100 S11MS3/S21MS3/S21MS4 Fig. 4-b Minimum Trigger Current vs. Ambient Temperature (S21MS4) 14 12 10 8 6 4 2 0 - 30 V D = 6V RL = 100 Fig. 5-a Relative Repetitive Peak OFF-state Voltage vs. Ambient Temperature (S11MS3/S21MS3 ) 1.3 Relative repetitive peak OFF-state voltage V DRM ( Tj = T a ) /V DRM ( Ti = 25C) Minimum trigger current I FT ( mA ) 1.2 1.1 1.0 0.9 0.8 0.7 0 20 40 60 80 Ambient temperature T a ( C ) 100 - 30 0 20 40 60 80 Ambient temperature T a ( C ) 100 Fig. 5-b Relative Repetitive Peak OFF-state Voltage vs. Ambient Temperature (S21MS4 ) 1.3 Relative repetitive peak OFF-state voltage V DRM ( Tj = T a ) /V DRM ( Tj = 25C) Fig. 6 ON-state Voltage vs. Ambient Temperature 2.0 I T = 50mA 1.2 ON-state voltage V T ( V ) 1.8 1.1 1.6 S21MS4 1.0 1.4 S11MS3 S21MS3 0.9 1.2 0.8 1.0 0.8 - 30 0.7 - 30 0 20 40 60 80 Ambient temperature T a ( C ) 100 0 20 40 60 80 Ambient temperature T a ( C ) 100 Fig. 7-a Holding Current vs. Ambient Temperature (S11MS3/S21MS3) 10 V D = 6V 5 Holding current I H ( mA ) Fig. 7-b Holding Current vs. Ambient Temperature (S21MS4 ) VD = 6V 10 Holding current I H ( mA ) 5 2 1 0.5 2 1 0.5 0.2 0.1 - 30 0.2 0.1 - 30 60 80 Ambient temperature T a ( C ) 0 20 40 100 0 20 40 60 Ambient temperature T a ( C ) 80 100 S11MS3/S21MS3/S21MS4 Fig. 8-a Repetitive Peak OFF-state Current vs. OFF-state Voltage (S11MS3 ) 2 Fig. 8-b Repetitive Peak OFF-state Current vs. OFF-state Voltage (S21MS3/S21MS4) 2 T a = 25C Repetitive peak OFF-state current I DRM ( A ) Repetitive peak OFF-state current I DRM ( A ) 10 - 9 10 - 9 S21MS4 T a = 25C 5 5 2 2 S11MS3 10 - 10 S21MS3 10 - 10 5 5 100 200 300 400 500 OFF-state voltage V D ( V ) 600 100 200 300 400 500 OFF-state voltage V D ( V ) 600 Fig. 9 Relative Repetitive Peak OFF-state Current vs. Ambient Temperature 10 2 Relative repetitive peak OFF-state current I DRM ( Tj = T a ) /I RM ( Tj= 25C) V DRM = 400V Fig.10 Zero-cross Voltage vs. Ambient Temperature (S21MS4 ) 30 R load I F = 15mA Zero-cross voltage V OX ( V ) 10 1 25 10 0 20 10 - 1 10 - 2 -30 15 0 20 40 60 Ambient temperature T a ( C ) 80 100 -30 0 20 40 60 80 Ambient temperature T a ( C ) 100 Fig.11 ON-state Current vs. ON-state Voltage 100 90 80 ON-state current I T ( mA ) 70 60 50 40 30 20 10 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 ON-state voltage V T ( V ) S21MS4 VIN S11MS3 S21MS3 + VCC I F = 20mA Ta = 25C s Basic Operation Circuit S11MS3/ S21MS3/S21MS4 1 6 Load AC100V (S11MS3 ) AC200V (S21MS3/S21MS4 ) 4 Zero-cross Circuit ( S21MS4 ) 3 Zerocross Circuit q Please refer to the chapter " Precautions for Use." ( Page 78 to 93) . |
Price & Availability of S21MS3 |