Part Number Hot Search : 
00124 6HA08M 1N3334 RF101 P6SMB6 KRF7389 P6SMB6 D4UB40
Product Description
Full Text Search
 

To Download RL202G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RL201G THRU RL207G
GLASS PASSIVATED JUNCTION RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 utilizing Flame retardant epoxy molding compound 2.0 ampere operation at TA=75 with no thermal runaway Glass passivated junction in DO-15 package
Mechanical Data
Case: Molded plastic, DO-15 Terminals: Axial leads, solderable per MIL-STD-202, method 208 Polarity: Color band denotes cathode Mounting Position: Any Weight: 0.014 ounce, 0.395 gram
DIM ENSIONS DIM A B C D inches Min. 0.228 0.102 0.028 1.000 Max. 0.299 0.142 0.034 Min. 5.8 2.6 0.71 25.40 mm Max. 7.6 3.6 0.86 Note
Maximum Ratings and Electrical Characteristics
Symbols RL 201G RL 202G
@25
unless otherwise specified
RL 203G
RL 204G
RL 205G
RL 206G
RL 207G
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Average forward current TA=75 Peak forward surge current 8.3mS half sine-wave Maximum instantaneous forward voltage Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance Typical thermal resistance Operating and storage temperature range
Note: (1) Pulse test: Pulse width 300uSec, Duty cycle 1%
VRRM VRMS VDC I(AV) IFSM
50 35 50
100 70 100
200 140 200
400 280 400 2.0 60.0 1.0 5.0 50.0 20 50 -65 to +175
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A F /W
IFM=2.0A; TA=25 (Note 1) TA=25 TA=100 Measure at 1.0MHz, VR=4.0V
VF IR CJ R
JA
TJ, TSTG
1
RATINGS AND CHARACTERISTIC CURVES
2
RATINGS AND CHARACTERISTIC CURVES
3


▲Up To Search▲   

 
Price & Availability of RL202G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X