Part Number Hot Search : 
H1101NL3 A1209 0M1618 R68FF 3KP40CA EKK6511 245ADG CEU75A3
Product Description
Full Text Search
 

To Download RFP15N06L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RFP15N05L, RFP15N06L
Data Sheet July 1999 File Number
1558.3
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA0522.
Features
* 15A, 50V and 60V * rDS(ON) = 0.140 * Design Optimized for 5V Gate Drives * Can be Driven from QMOS, NMOS, TTL Circuits * Compatible with Automotive Drive Requirements * SOA is Power Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics
Ordering Information
PART NUMBER RFP15N05L RFP15N06L NOTE: PACKAGE TO-220AB TO-220AB BRAND RFP15N05L RFP15N06L
* High Input Impedance * Majority Carrier Device * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
When ordering, use the entire part number.
Symbol
D
G
S
Packaging
JEDEC TO-220AB
DRAIN (TAB)
SOURCE DRAIN GATE
6-229
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
RFP15N05L, RFP15N06L
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified RFP15N05L 50 50 15 40 10 60 0.48 -55 to 150 300 260 RFP15N06L 60 60 15 40 10 60 0.48 -55 to 150 300 260 UNITS V V A A V W W/oC oC
oC oC
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Above TC = 25oC, Derate Linearly . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 125oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS TEST CONDITIONS ID = 250A, VGS = 0V 50 60 VGS(TH) IDSS VGS = VDS, ID = 250A (Figure 7) VDS = 48V, VDS = 50V VDS = 48V, VDS = 50V TC = 125oC 1 VDD = 30V, ID = 7.5A, RG = 6.25 (Figures 10, 11) VGS = 5V RFP15N05L, RFP15N06L 16 250 200 225 2 1 50 100 0.140 900 450 200 40 325 325 325 2.083 V V V A A nA pF pF pF ns ns ns ns
oC/W
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage RFP15N05L RFP15N06L Gate Threshold Voltage Zero Gate Voltage Drain Current
Gate to Source Leakage Current Drain to Source On Resistance (Note 2) Input Capacitance Output Capacitance Reverse-Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
IGSS rDS(ON) CISS COSS CRSS td(ON) tr td(OFF) tf RJC
VGS = 10V, VDS = 0V ID = 15A, VGS = 5V (Figures 5, 6) VDS = 25V, VGS = 0V, f = 1MHz (Figure 8)
Source to Drain Diode Specifications
PARAMETER Source to Drain Diode Voltage (Note 2) Diode Reverse Recovery Time NOTE: 2. Pulsed: pulse duration = 300s maximum, duty cycle = 2%. 3. Repititive rating: pulse width limited by maximum junction temperature. SYMBOL VSD trr ISD = 7.5A ISD = 4A, dISD/dt = 100A/s TEST CONDITIONS MIN TYP 225 MAX 1.4 UNITS V ns
6-230
RFP15N05L, RFP15N06L Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0 ID, DRAIN CURRENT (A) ID MAX CONTINUOUS 10
DC OP ER
Unless Otherwise Specified
100
TC = 25oC CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
AT I
0.8 0.6 0.4 0.2 0
1
OPERATION IN THIS AREA IS LIMITED BY rDS(ON)
ON
RFP15N05L
RFP15N06L
0
50
100
150
0
1
TC, CASE TEMPERATURE (oC)
10 100 VDS, DRAIN SOURCE VOLTAGE (V)
1000
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. FORWARD BIAS SAFE OPERATING AREA
40 IDS, DRAIN TO SOURCE CURRENT (A) IDS, DRAIN TO SOURCE CURRENT PULSE DURATION = 80s DUTY CYCLE 0.5% MAX TC = 25oC 30 VGS = 10V VGS = 5V VGS = 4.5V 20 VGS = 4V VGS = 3.5V 10 VGS = 3V VGS = 2.5V VGS = 2V 0 0 1 2 3 4 VDS, DRAIN TO SOURCE VOLTAGE (V) 5 VGS = 7.5V
16 14 12 -40oC 10 8 6 4 2 0 0 125oC 25oC VDS = 10V PULSE DURATION = 80s DUTY CYCLE 0.5% MAX
125oC
-40oC 5
1 2 3 4 VGS, GATE TO SOURCE VOLTAGE (V)
FIGURE 3. SATURATION CHARACTERISTICS
FIGURE 4. TRANSFER CHARACTERISTICS
0.3 NORMALIZED DRAIN TO SOURCE ON RESISTANCE VGS = 5V PULSE DURATION = 80s DUTY CYCLE 0.5% MAX ON RESISTANCE () 0.2 TC = 125oC 0.1 25oC
2.0 VGS = 10V, ID = 15A PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX 1.5
rDS(ON), DRAIN TO SOURCE
1
0.5
-40oC 0
0
2
4 6 8 10 12 ID, DRAIN TO SOURCE CURRENT (A)
14
16
0 -50
0 50 100 150 TJ, JUNCTION TEMPERATURE (oC)
200
FIGURE 5. DRAIN TO SOURCE ON RESISTANCE vs DRAIN CURRENT
FIGURE 6. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
6-231
RFP15N05L, RFP15N06L Typical Performance Curves
1.4 VGS = VDS NORMALIZED GATE THRESHOLD VOLTAGE ID = 250A 1.2 C, CAPACITANCE (pF)
Unless Otherwise Specified (Continued)
1600 1400 1200 1000 800 600 400 200 CRSS COSS CISS VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGD
1
0.8
0.6 -50
0 0 50 100 150 TJ, JUNCTION TEMPERATURE (oC) 200
0
10 20 30 40 VDS, DRAIN TO SOURCE VOLTAGE (V)
50
FIGURE 7. NORMALIZED GATE THRESHOLD VOLTAGE vs JUNCTION TEMPERATURE
60 DRAIN TO SOURCE VOLTAGE (V) BVDSS 45
FIGURE 8. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
10 GATE TO SOURCE VOLTAGE (V) RL = 4 IG(REF) = 0.5mA VGS = 5V GATE SOURCE VOLTAGE VDD = BVDSS VDD = BVDSS 4
8
6
30
15
0.75BVDSS 0.50BVDSS 0.25BVDSS DRAIN SOURCE VOLTAGE
2
0 20 IG (REF) IG (ACT) t, TIME (s) 80 IG (REF) IG (ACT)
0
NOTE: Refer to Intersil Application Notes AN7254 and AN7260. FIGURE 9. NORMALIZED SWITCHING WAVEFORMS FOR CONSTANT GATE CURRENT
Test Circuits and Waveforms
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
RG DUT
-
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 10. SWITCHING TIME TEST CIRCUIT
FIGURE 11. RESISTIVE SWITCHING WAVEFORMS
6-232
RFP15N05L, RFP15N06L Test Circuits and Waveforms
(Continued)
VDS RL VDD VDS VGS = 10V VGS
+
Qg(TOT)
Qg(5) VDD VGS VGS = 1V 0 Qg(TH) IG(REF) 0 VGS = 5V
DUT IG(REF)
FIGURE 12. GATE CHARGE TEST CIRCUIT
FIGURE 13. GATE CHARGE WAVEFORMS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
6-233


▲Up To Search▲   

 
Price & Availability of RFP15N06L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X