|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1M x 32-Bit Dynamic RAM Module (2M x 16-Bit Dynamic RAM Module) HYM 321160S/GS-60/-70 Advanced Information * 1 048 576 words by 32-bit organization (alternative 2 097 152 words by 16-bit) Fast access and cycle time 60 ns access time 110 ns cycle time (-60 version) 70 ns access time 130 ns cycle time (-70 version) Fast page mode capability with 40 ns cycle time (-60 version) 45 ns cycle time (-70 version) Single + 5 V ( 10 %) supply Low power dissipation max. 4840 mW active (-60 version) max. 4400 mW active (-70 version) CMOS - 44 mW standby TTL - 88 mW standby * CAS-before-RAS refresh, RAS-only-refresh, Hidden refresh 8 decoupling substrate capacitors mounted on * * * All inputs, outputs and clock fully TTL compatible 72 pin Single in-Line Memory Module Utilizes eight 1M x 4-DRAMs in 300 mil SOJ packages 1024 refresh cycles /16 ms Tin-Lead contact pads (S - version) Gold contact pads (GS - version) single sided module with 25.4 mm (1000 mil) height * * * * * * * * * Ordering Information Type HYM 321160S-60 HYM 321160S-70 HYM 321160GS-60 HYM 321160GS-70 Ordering Code Q67100-Q2010 on request Q67100-Q2009 on request Package L-SIM-72-11 L-SIM-72-11 L-SIM-72-11 L-SIM-72-11 Descriptions DRAM module (access time 60 ns) DRAM module (access time 70 ns) DRAM module (access time 60 ns) DRAM module (access time 70 ns) Semiconductor Group 541 09.94 HYM 321160S/GS-60/-70 1M x 32-Bit The HYM 321160S/GS-60/-70 is a 4 M Byte DRAM module organized as 1 048 576 words by 32-bit in a 72-pin single-in-line package comprising eight HYB 514400BJ 1M x 4 DRAMs in 300 mil wide SOJ-packages mounted together with eight 0.2 F ceramic decoupling capacitors on a PC board. The HYM 321160S/GS-60/-70 can also be used as a 2 097 152 words by 16-bits dynamic RAM module by means of connecting DQ0 and DQ16, DQ1 and DQ17, DQ2 and DQ18, ..., DQ15 and DQ31, respectively. Each HYB 514400BJ is described in the data sheet and is fully electrically tested and processed according to Siemens standard quality procedure prior to module assembly. After assembly onto the board, a further set of electrical tests is performed. The speed of the module can be detected by the use of four presence detect pins. The common I/O feature on the HYM 321160S/GS-60/-70 dictates the use of early write cycles. Pin Definitions and Functions Pin No. A0-A9 DQ0-DQ31 CAS0 - CAS3 RAS0, RAS2 WE Function Address Inputs Data Input/Output Column Address Strobe Row Address Strobe Read/Write Input Power (+ 5 V) Ground Presence Detect Pin No Connection VCC VSS PD N.C. Presence Detect Pins -60 PD0 PD1 PD2 PD3 -70 VSS VSS N.C. N.C. VSS VSS VSS N.C. Semiconductor Group 542 HYM 321160S/GS-60/-70 1M x 32-Bit Pin Configuration (top view) Semiconductor Group 543 HYM 321160S/GS-60/-70 1M x 32-Bit Block Diagram Semiconductor Group 544 HYM 321160S/GS-60/-70 1M x 32-Bit Absolute Maximum Ratings Operating temperature range ......................................................................................... 0 to + 70 C Storage temperature range...................................................................................... - 55 to + 125 C Soldering temperature ............................................................................................................ 260 C Soldering time ............................................................................................................................. 10 s Input/output voltage ........................................................................................................ - 1 to + 7 V Power supply voltage...................................................................................................... - 1 to + 7 V Power dissipation................................................................................................................... 6.16 W Data out current (short circuit) ................................................................................................ 50 mA Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. DC Characteristics 1) TA = 0 to 70 C; VCC = 5 V 10 % Parameter Input high voltage Input low voltage Output high voltage (IOUT = - 5 mA) Output low voltage (IOUT = 4.2 mA) Input leakage current (0 V < VIN < 6.5 V, all other pins = 0 V) Output leakage current (DO is disabled, 0 V < VOUT < 5.5 V) Average VCC supply current: -60 version -70 version (RAS, CAS, address cycling, tRC = tRC min.) Standby VCC supply current (RAS = CAS = VIH) Symbol Limit Values min. max. 5.5 0.8 - 0.4 20 10 V V V V A A 2.4 - 1.0 2.4 - - 20 - 10 Unit Test Condition - - - - - - VIH VIL VOH VOL II(L) IO(L) ICC1 - - 880 800 mA mA 2), 3) ICC2 - 16 mA - Average VCC supply current during RAS ICC3 only refresh cycles: -60 version -70 version (RAS cycling, CAS = VIH , tRC = tRC min.) 2) - - 880 800 mA mA Semiconductor Group 545 HYM 321160S/GS-60/-70 1M x 32-Bit DC Characteristics (cont'd) 1) Parameter Symbol Limit Values min. Average VCC supply current during fast ICC4 page mode: -60 version -70 version (RAS = VIL, CAS, address cycling tPC = tPC min.) Standby VCC supply current (RAS = CAS = VCC - 0.2 V) max. Unit Test Condition 2), 3) - - 560 560 mA mA ICC5 - 8 mA - Average VCC supply current during ICC6 CAS-before-RAS refresh mode: -60 version -70 version (RAS, CAS cycling, tRC = tRC min.) 1) - - 880 800 mA mA Capacitance TA = 0 to 70 C; VCC = 5 V 10 %; f = 1 MHz Parameter Input capacitance (A0 to A9) Input capacitance (RAS0, RAS2) Input capacitance (CAS0-CAS3) Input capacitance (WE) I/O capacitance (DQ0-DQ31) Symbol min. Limit Values max. 70 35 35 45 20 pF pF pF pF pF - - - - - Unit CI1 CI2 CI3 CI4 CIO1 Semiconductor Group 546 HYM 321160S/GS-60/-70 1M x 32-Bit AC Characteristics 4) 5) TA = 0 to 70 C; VCC = 5 V 10 %; tT = 5 ns Parameter Symbol Limit Values HYM 321160S/GS-60 min. Random read or write cycle time Fast page mode cycle time Access time from RAS Access time from CAS 6) 12) 6) 11) 12) 6) 11) Unit HYM 321160S/GS-70 min. 130 45 - - - - 0 0 3 50 70 70 40 20 70 20 20 15 5 10 0 10 0 15 max. - - 70 20 35 40 - 20 50 - 10000 200000 - - - 10000 50 35 - - - - - - ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns max. - - 60 15 30 35 - 20 50 - 10000 200000 - - - 10000 45 30 - - - - - - tRC tPC tRAC tCAC 110 40 - - - - 0 0 3 40 60 60 35 15 60 15 20 15 5 10 0 10 0 15 Access time from column address tAA Access time from CAS prech arge 6) tCPA tCLZ tOFF tT tRP tRAS tRASP tRHCP tRSH tCSH tCAS CAS to output in low-Z Output buffer turn-off delay Transition time (rise and fall) RAS precharge time RAS pulse width RAS pulse width (fast page mode) CAS precharge to RAS delay RAS hold time CAS hold time CAS pulse width RAS to CAS delay time RAS to column address delay time CAS to RAS precharge time CAS precharge time (fast page mode) Row address setup time Row address hold time Column address setup time Column address hold time . 6) 7) 5) 11) tRCD tRAD 12) tCRP tCP tASR tRAH tASC tCAH Semiconductor Group 547 HYM 321160S/GS-60/-70 1M x 32-Bit AC Characteristics (cont'd) 4) 5) TA = 0 to 70 C; VCC = 5 V 10 %; tT = 5 ns Parameter Symbol Limit Values HYM 321160S/GS-60 min. Column address to RAS lead time tRAL Read command setup time Read command hold time Read command hold time ref. to RAS Write command hold time Write command pulse width Write command to RAS lead time Write command to CAS lead time Data setup time Data hold time Refresh period Write command setup time CAS setup time CAS hold time RAS to CAS precharge time CAS precharge time Write to RAS precharge time Write to time ref. to RAS . 13) 13) 10) 13) 13) 9) 9) 8) Unit HYM 321160S/GS-70 min. 35 0 0 0 15 15 20 20 0 15 - 0 5 15 0 10 10 10 max. - - - - - - - - - - 16 - - - - - - - ns ns ns ns ns ns ns ns ns ns ms ns ns ns ns ns ns ns max. - - - - - - - - - - 16 - - - - - - - 30 0 0 0 10 10 15 15 0 15 - 0 5 15 0 10 10 10 tRCS tRCH tRRH 8) tWCH tWP tRWL tCWL tDS tDH tREF tWCS tCSR tCHR tRPC tCP tWRP tWRH Semiconductor Group 548 HYM 321160S/GS-60/-70 1M x 32-Bit Notes 1) All voltages are referenced to VSS . 2) ICC1, ICC3, ICC4 and ICC6 depend on cycle rate. 3) ICC1 and ICC4 depend on output loading. Specified values are measured with the output open. 4) An initial pause of 200 s is required after power-up followed by 8 RAS cycles out of which at least one cycle has to be a refresh cycle before proper device operation is achieved. In case of using internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 5) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also measured between VIH and VIL . 6) Measured with a load equivalant of 2 TTL loads and 100 pF. 7) tOFF (max.) defines the time at which the output achieves the open-circuit condition and is not referenced to output voltage levels. 8) Either tRCH or tRRH must be satisfied for a read cycle. 9) These parameters are referenced to the CAS leading edge. 10) tWCS is not a restrictive operating parameter. This is included in the data sheet as electrical characteristic only. If tWCS > tWCS (min.), the cycle is an early write cycle and data out pin will remain open circuit (high impedance). 11) Operation within the tRCD (max.) limit insures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC . 12) Operation within the tRAD (max.) limit insures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA . 13) For CAS-before-RAS cycles only. Semiconductor Group 549 |
Price & Availability of Q67100-Q2009 |