Part Number Hot Search : 
NYC222 DE09SAM1 LTM9004 RF386 92CPE6 ATA2069 1510G HC451
Product Description
Full Text Search
 

To Download Q62901-B80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing
Features * Temperature dependent Resistor with Positive Temperature Coefficient * Selected at 25 C, R25 = 2000 1% * Corrosion resistant stainless steel housing with connector socket * Fast response * High long-term stability * excellent linearity * Robust threaded housing * Mating splash-proof connector set available Test voltage: Isolation voltage: Test duration: Insertion torque: Type KTY 19-6M KTY 19-6Z Marking 1000 V ~ 100 V ~ 1s max. 30 Nm Thread Ordering Code Q62705K271 Pin Configuration 1 2
KTY 19-6 M/Z
Package
KTY 19M ISO M10x1
electrical electrical BSS303 contact contact DIN 1.4305 electrical electrical stainless contact contact steel - - housing: potential free
KTY 19Z NPTF Q627051/8" x 27 K272 - Q62901B80
Connector Set - (Splash-proof)
Absolute Maximum Ratings Parameter Maximum operating voltage 1) TA 25 C, t 10 ms Maximum operating current Peak operating current TA 25 C, t 10 ms Operating temperature range Storage temperature range
1)
Symbol
Limit Values 25 5 7 - 50 ... + 150 - 50 ... + 150
Unit V mA mA C C
Vopmax Iopmax Iopp Top Tstg
ESD Class 1. When the temperature sensor is operated with long supply leads, it should be protected through the parallel connection of a > 10 nF capacitor to prevent damage to the sensor through induced voltage peaks.
Semiconductor Group
1
1997-10-01
KTY 19-6 M/Z
Electrical Characteristics at TA = 25 C unless otherwise specified Parameter Temperature sensor resistance IB = 1 mA KTY 19-6M/Z Thermal time constant (63 % of TA) in still air in still oil (Freon FC40/PP7) Package Outline Stainless Steel Housing, BSS303 (equiv. DIN 1.4305)
48.6 0.5 9 6 12 b SW17 12
Symbol min.
Limit Values typ. max.
Unit
R25
1980 air oil - - 40 4 2020 - -
s
17
45 No undercut Plug-in socket connects with AMP Junior Timer a Spade terminals A2.8x0.8 DIN 46244 without hole
SW17
13.5
Weight approx. 20 g
5
30
M10x1 or NPTF 1/8x27
O3.8
GMX05639
Dimensions in mm
Exterior Packaging I.e. tubes, trays, boxes are shown in our Data Book "Package Information". Semiconductor Group 2 1997-10-01
5


▲Up To Search▲   

 
Price & Availability of Q62901-B80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X