Part Number Hot Search : 
NAS1835 0ETTTS AD16312 NAS1835 MMBZ5 TLC336A D5702 NAS1835
Product Description
Full Text Search
 

To Download PSMN040-200W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor
FEATURES
* 'Trench' technology * Very low on-state resistance * Fast switching * Low thermal resistance
g
PSMN040-200W
QUICK REFERENCE DATA
d
SYMBOL
VDSS = 200 V ID = 50 A RDS(ON) 40 m
s
GENERAL DESCRIPTION
SiliconMAX products use the latest Philips Trench technology to achieve the lowest possible on-state resistance in each package at each voltage rating. Applications:* d.c. to d.c. converters * switched mode power supplies The PSMN040-200W is supplied in the SOT429 (TO247) conventional leaded package.
PINNING
PIN 1 2 3 tab gate drain source drain DESCRIPTION
SOT429 (TO247)
1
2
3
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER VDSS VDGR VGS ID IDM PD Tj, Tstg Drain-source voltage Drain-gate voltage Gate-source voltage Continuous drain current Pulsed drain current Total power dissipation Operating junction and storage temperature CONDITIONS Tj = 25 C to 175C Tj = 25 C to 175C; RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 200 200 20 50 36 200 300 175 UNIT V V V A A A W C
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER EAS Non-repetitive avalanche energy Non-repetitive avalanche current CONDITIONS Unclamped inductive load, IAS = 50 A; tp = 100 s; Tj prior to avalanche = 25C; VDD 25 V; RGS = 50 ; VGS = 10 V; refer to fig:15 MIN. MAX. 661 UNIT mJ
IAS
-
50
A
August 1999
1
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor
THERMAL RESISTANCES
SYMBOL PARAMETER Rth j-mb Rth j-a Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS
PSMN040-200W
TYP. -
MAX. 0.5 -
UNIT K/W K/W
in free air
45
ELECTRICAL CHARACTERISTICS
Tj= 25C unless otherwise specified SYMBOL PARAMETER V(BR)DSS VGS(TO) RDS(ON) IGSS IDSS Qg(tot) Qgs Qgd td on tr td off tf Ld Ld Ls Ciss Coss Crss Drain-source breakdown voltage Gate threshold voltage CONDITIONS VGS = 0 V; ID = 0.25 mA; Tj = -55C VDS = VGS; ID = 1 mA Tj = 175C Tj = -55C Drain-source on-state VGS = 10 V; ID = 25 A resistance Gate source leakage current VGS = 10 V; VDS = 0 V Zero gate voltage drain VDS = 200 V; VGS = 0 V; current Total gate charge Gate-source charge Gate-drain (Miller) charge Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal drain inductance Internal source inductance Input capacitance Output capacitance Feedback capacitance Tj = 175C Tj = 175C MIN. 200 178 2.0 1.0 TYP. MAX. UNIT 3.0 35 2 0.05 183 40 73 43 94 230 92 3.5 4.5 7.5 9530 732 380 4.0 6 40 116 100 10 500 V V V V V m m nA A A nC nC nC ns ns ns ns nH nH nH pF pF pF
ID = 50 A; VDD = 160 V; VGS = 10 V
VDD = 100 V; RD = 3.9 ; VGS = 10 V; RG = 5.6 Resistive load Measured from tab to centre of die Measured from drain lead to centre of die Measured from source lead to source bond pad VGS = 0 V; VDS = 25 V; f = 1 MHz
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25C unless otherwise specified SYMBOL PARAMETER IS ISM VSD trr Qrr Continuous source current (body diode) Pulsed source current (body diode) Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS MIN. IF = 25 A; VGS = 0 V IF = 20 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 30 V TYP. MAX. UNIT 0.85 160 1.4 50 200 1.2 A A V ns C
August 1999
2
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor
PSMN040-200W
Normalised Power Derating, PD (%) 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 Mounting Base temperature, Tmb (C) 150 175
1
Transient thermal impedance, Zth j-mb (K/W) D = 0.5 0.2
0.1
0.1 0.05 0.02 P D D = tp/T
0.01
tp
single pulse 0.001 1E-06 1E-05 1E-04 1E-03 1E-02
T 1E-01 1E+00
Pulse width, tp (s)
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
60 Drain Current, ID (A) 55 Tj = 25 C 50 45 40 35 30 25 20 15 10 5 0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 Drain-Source Voltage, VDS (V) 1.6 4.8 V 4.6 V 4.4 V 4.2 V 1.8 2 5V
Normalised Current Derating, ID (%) 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 Mounting Base temperature, Tmb (C) 150 175
VGS = 10V 8V
6V
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); VGS 10 V
Peak Pulsed Drain Current, IDM (A)
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS)
1000
0.2 0.18 RDS(on) = VDS/ ID tp = 10 us 100 100 us 1 ms D.C. 10 ms 100 ms 1 1 10 100 Drain-Source Voltage, VDS (V) 1000 0.16 0.14 0.12 0.1 10 0.08 0.06 0.04 0.02 0
Drain-Source On Resistance, RDS(on) (Ohms) 4.2 V 4.4 V 4.6 V Tj = 25 C
4.8 V
5V
6V VGS = 10V 0 5 10 15 20 25 Drain Current, ID (A) 30 35 40
Fig.3. Safe operating area ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID)
August 1999
3
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor
PSMN040-200W
Drain current, ID (A) 60 55 50 45 40 35 30 25 20 15 10 5 0 0 VDS > ID X RDS(ON)
4.5 4 3.5 3
175 C
Threshold Voltage, VGS(TO) (V) maximum typical
2.5 2
Tj = 25 C
minimum
1.5 1 0.5 0
1
2
3
4
5
6
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
Gate-source voltage, VGS (V)
Junction Temperature, Tj (C)
Fig.7. Typical transfer characteristics. ID = f(VGS)
Transconductance, gfs (S) VDS > ID X RDS(ON) Tj = 25 C 80 70 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 40 Drain current, ID (A) 45 50 55 60 175 C
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
100 90
1.0E-01
Drain current, ID (A)
1.0E-02 minimum typical 1.0E-04 maximum 1.0E-05
1.0E-03
1.0E-06 0 0.5 1 1.5 2 2.5 3 3.5 Gate-source voltage, VGS (V) 4 4.5 5
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID)
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C
Capacitances, Ciss, Coss, Crss (nF)
Normalised On-state Resistance 2.9 2.7 2.5 2.3 2.1 1.9 1.7 1.5 1.3 1.1 0.9 0.7 0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 Junction temperature, Tj (C)
100
Ciss 10
1
Coss
Crss 0.1 0.1 1 10 Drain-Source Voltage, VDS (V) 100
Fig.9. Normalised drain-source on-state resistance. RDS(ON)/RDS(ON)25 C = f(Tj)
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
August 1999
4
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor
PSMN040-200W
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Gate-source voltage, VGS (V) ID = 50 A Tj = 25 C VDD = 40 V 100
Maximum Avalanche Current, IAS (A)
25 C
VDD = 160 V
10 Tj prior to avalanche = 150 C
0
20
40
60
80 100 120 140 Gate charge, QG (nC)
160
180
200
1 0.001
0.01
0.1 Avalanche time, tAV (ms)
1
10
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG)
Fig.15. Maximum permissible non-repetitive avalanche current (IAS) versus avalanche time (tAV); unclamped inductive load
Source-Drain Diode Current, IF (A) 60 55 50 45 40 35 30 25 20 15 10 5 0 0 VGS = 0 V
175 C Tj = 25 C
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Source-Drain Voltage, VSDS (V)
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
August 1999
5
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor
MECHANICAL DATA
Plastic single-ended through-hole package; heatsink mounted; 1 mounting hole; 3-lead TO-247
PSMN040-200W
SOT429
E P
A A1 q S
R D Y
L1(1) Q b2 L
1
2 b b1 e e
3 wM c
0
10 scale
20 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 5.3 4.7 A1 1.9 1.7 b 1.2 0.9 b1 2.2 1.8 b2 3.2 2.8 c 0.9 0.6 D 21 20 E 16 15 e 5.45 L 16 15 L1
(1)
P 3.7 3.3
Q 2.6 2.4
q 5.3
R 3.5 3.3
S 7.5 7.1
w 0.4
Y 15.7 15.3
6 4
17 13
4.0 3.6
Note 1. Tinning of terminals are uncontrolled within zone L1. OUTLINE VERSION SOT429 REFERENCES IEC JEDEC TO-247 EIAJ EUROPEAN PROJECTION ISSUE DATE 98-04-07 99-08-04
Fig.16. SOT429; pin 2 connected to mounting base
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to mounting instructions for SOT429 envelope. 3. Epoxy meets UL94 V0 at 1/8".
August 1999
6
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
PSMN040-200W
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1999 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
August 1999
7
Rev 1.000


▲Up To Search▲   

 
Price & Availability of PSMN040-200W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X