Part Number Hot Search : 
RK73H1 NR8501 15011 03515 BSS50A ADN4600 B4052 IRL6903
Product Description
Full Text Search
 

To Download PSMN035-150B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
Rev. 04 -- 22 February 2001 Product specification
1. Description
SiliconMAXTM1 products use the latest TrenchMOSTM2 technology to achieve the lowest possible on-state resistance for each package. Product availability: PSMN035-150P in SOT78 (TO-220AB) PSMN035-150B in SOT404 (D2-PAK).
2. Features
s Fast switching s Very low on-state resistance.
3. Applications
s Switched mode power supplies.
4. Pinning information
c c
Table 1: Pin 1 2 3 mb
Pinning - SOT78 and SOT404, simplified outline and symbol Description gate (g) drain (d) source (s) mounting base; connected to drain (d)
1
MBK106
Simplified outline
mb mb
Symbol
[1]
d
g
2 3
MBK116
MBB076
s
123
SOT78 (TO-220AB)
[1] 1. 2. It is not possible to make connection to pin 2 of the SOT404 package. SiliconMAX is a trademark of Royal Philips Electronics. TrenchMOS is a trademark of Royal Philips Electronics.
SOT404 (D2-PAK)
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
5. Quick reference data
Table 2: Symbol VDS ID Ptot Tj RDSon Quick reference data Parameter drain-source voltage (DC) drain current (DC) total power dissipation junction temperature drain-source on-state resistance Tj = 25 C; VGS = 10 V; ID = 25 A Conditions Tj = 25 to 175 C Tmb = 25 C; VGS = 10 V Tmb = 25 C Typ - - - - 30 Max 150 50 250 175 35 Unit V A W C m
6. Limiting values
Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDS VDGR VGS ID IDM Ptot Tstg Tj IS ISM Parameter drain-source voltage (DC) drain-gate voltage (DC) gate-source voltage (DC) drain current (DC) peak drain current total power dissipation storage temperature operating junction temperature source (diode forward) current (DC) peak source (diode forward) current non-repetitive avalanche energy non-repetitive avalanche current Tmb = 25 C Tmb = 25 C; pulsed; tp 10 s Tmb = 25 C; Figure 2 and 3 Tmb = 100 C; Figure 2 and 3 Tmb = 25 C; pulsed; tp 10 s; Figure 3 Tmb = 25 C; Figure 1 Conditions Tj = 25 to 175 C Tj = 25 to 175 C; RGS = 20 k Min - - - - - - - -55 -55 - - Max 150 150 20 50 36 200 250 +175 +175 50 200 Unit V V V A A A W C C A A
Source-drain diode
Avalanche ruggedness EAS IAS unclamped inductive load; IAS = 47 A; tp = 0.1 ms; VDD 50 V; RGS = 50 ; VGS = 10 V; starting Tj = 25 C; Figure 4 - - 460 50 mJ A
9397 750 07994
(c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
2 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
120 Pder
(%)
03aa16
03aa24
120
Ider (%)
100
100
80
80
60
60
40
40
20
20
0 0 25 50 75 100 125 150 175 200
Tmb (oC)
0 0 25 50 75 100 125 150 175 200
Tmb (oC)
P tot P der = ---------------------- x 100% P
tot ( 25 C )
VGS 10 V ID I der = ------------------ x 100% I
D ( 25 C )
Fig 1. Normalized total power dissipation as a function of mounting base temperature.
103 ID (A)
003aaa016
Fig 2. Normalized continuous drain current as a function of mounting base temperature.
102 IAS (A)
003aaa017
RDSon = VDS/ ID tp = 10 s
10
25oC
102
100 s 10
P d= tp T
1 ms D.C. 10 ms 100 ms
1 10-3
Tj prior to avalanche = 150oC
tp T
t
1 1 10 102 VDS (V)
103
10-2
10-1
1 tp (ms)
10
Tmb = 25 C; IDM is single pulse.
Unclamped inductive load; VDD 15 V; RGS = 50 ; VGS = 5 V; starting Tj = 25 C and 150 C.
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
Fig 4. Non-repetitive avalanche ruggedness current as a function of pulse duration.
9397 750 07994
(c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
3 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
7. Thermal characteristics
Table 4: Symbol Rth(j-mb) Rth(j-a) Thermal characteristics Parameter Conditions Value 0.6 60 50 Unit K/W K/W K/W thermal resistance from junction to mounting Figure 5 base thermal resistance from junction to ambient SOT78 package; vertical in still air SOT404 package; mounted on printed circuit board; minimum footprint.
7.1 Transient thermal impedance
003aaa018
1 Zth(j-mb) (K/W) 10-1 = 0.5 0.2 0.1 0.05 0.02 10-2 Single Pulse
tp T t P
=
tp T
10-3 10-6
10-5
10-4
10-3
10-2
10-1 tp (s)
1
Fig 5. Transient thermal impedance from junction to mounting base as a function of pulse duration.
9397 750 07994
(c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
4 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
8. Characteristics
Table 5: Characteristics Tj = 25 C unless otherwise specified Symbol V(BR)DSS VGS(th) Parameter drain-source breakdown voltage Conditions ID = 250 A; VGS = 0 V Min 150 Typ - Max - Unit V Static characteristics
gate-source threshold voltage ID = 1 mA; VDS = VGS; Figure 10 Tj = 25 C Tj = 175 C 2.0 1.0 - - - 3.0 - 0.05 - 2 4.0 - 10 500 100 V V A A nA
IDSS
drain-source leakage current
VGS = 0 V; VDS = 150 V Tj = 25 C Tj = 175 C
IGSS RDSon
gate-source leakage current drain-source on-state resistance
VDS = 0 V; VGS = 10 V VGS = 10 V; ID = 25 A; Figure 8 and 9 Tj = 25 oC Tj = 175 C
- - - - - - - - - - - -
30 - 79 17 33 4720 456 208 25 138 79 93 0.85 118 0.66
35 98 - - 45 - - - - - - - 1.2 - -
m m nC nC nC pF pF pF ns ns ns ns V ns nC
Dynamic characteristics Qg(tot) Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf VSD trr Qr total gate charge gate-source charge gate-drain (Miller) charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain (diode forward) voltage reverse recovery time recovered charge IS = 25 A; VGS = 0 V; Figure 14 IS = 20 A; dIS/dt = -100 A/s; VGS = 0 V; VR = 30 V VDD = 75 V; RD = 1.5 ; VGS = 10 V; RG = 5.6 VGS = 0 V; VDS = 25 V; f = 1 MHz; Figure 13 ID = 50 A; VDS = 120 V; VGS = 10 V; Figure 15
Source-drain diode - - -
9397 750 07994
(c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
5 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
50 ID (A) 40 VGS = 10 V 8V
003aaa019
50
003aaa020
6V
ID (A) 40
VDS > ID x RDSon
30 5.4 V 20 5.2 V 5V 10 4.8 V 4.6 V 0 0 0.4 0.8 1.2 4.4 V 1.6 2 VDS (V)
30
o 175 C
20
Tj = 25 oC
10
0 0 1 2 3 4 5 6 7 9 10 8 VGS (V)
Tj = 25 C
Tj = 25 C and 175 C; VDS > ID x RDSon
Fig 6. Output characteristics: drain current as a function of drain-source voltage; typical values.
003aaa021
Fig 7. Transfer characteristics: drain current as a function of gate-source voltage; typical values.
3.0 0.14 RDSon () 0.12 0.10 0.08 0.06 0.04 0.02 0 0 5 10 15 20 25 ID (A) 30 4.4 V 4.6 V a 4.8 V 5.0 V 5.2 V 5.4 V 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 6.0 V VGS = 8 V 1.2 1.0 0.8 0.6 -40 0 40 80 120
003aaa022
160
Tj ( oC )
Tj = 25 C
R DSon a = --------------------------R
DSon ( 25 C )
Fig 8. Drain-source on-state resistance as a function of drain current; typical values.
Fig 9. Normalized drain-source on-state resistance factor as a function of junction temperature.
9397 750 07994
(c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
6 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
003aaa023
4.5
VGS(th) (V)
10-2
ID
003aaa024
4
max
3.5 3
typ
(A) 10-3
min
2.5 2 1.5 1 0.5 0 -60
min
10-4
typ max
10-5
10-6
-20
20
60
100
140 Tj (oC)
180
10-7
1
2
3
4
VGS (V)
5
ID = 1 mA; VDS = VGS
Tj = 25 C
Fig 10. Gate-source threshold voltage as a function of junction temperature.
003aaa025
Fig 11. Sub-threshold drain current as a function of gate-source voltage.
104 Ciss, Coss, Crss (pF) Ciss
003aaa026
50
gfs (S)
Tj = 25 oC 40
30 Tj = 175 oC 20
103
Coss
10 Crss 0 0 10 20 30 40
ID (A)
102 50
10-1
1
10 VDS (V)
102
Tj = 25 C and 175 C; VDS > ID x RDSon
VGS = 0 V; f = 1 MHz
Fig 12. Forward transconductance as a function of drain current; typical values.
Fig 13. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values.
9397 750 07994
(c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
7 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
50 IS 45 (A) 40 35 30 25 20 15 10 5 0 0 0.2 0.4 0.6 0.8 Tj = 175 oC
003aaa027
10 VGS (V) 8
ID = 50 A Tj = 25 oC
003aaa028
VDD = 30 V
6
VDD = 120 V
Tj = 25 oC
4
2
0
1.0 1.2 VSD (V)
0
20
40
60 QG (nC)
80
Tj = 25 C and 175 C; VGS = 0 V
ID = 50 A; VDD = 30 V and 120 V
Fig 14. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
Fig 15. Gate-source voltage as a function of gate charge; typical values.
9397 750 07994
(c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
8 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
9. Package outline
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB SOT78
E p
A A1 q
D1
mounting base
D
L1(1)
L2 Q
L
b1
1
2
3
b c
e
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.39 1.27 b 0.9 0.7 b1 1.3 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.4 5.9 E 10.3 9.7 e 2.54 L 15.0 13.5 L1(1) 3.30 2.79 L2 max. 3.0 p 3.8 3.6 q 3.0 2.7 Q 2.6 2.2
Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC 3-lead TO-220AB EIAJ SC-46 EUROPEAN PROJECTION ISSUE DATE 00-09-07 01-02-16
Fig 16. SOT78
9397 750 07994 (c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
9 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads (one lead cropped)
SOT404
A E A1 mounting base
D1
D
HD
2
Lp
1
3
b c Q
e
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.80 14.80 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-06-25 01-02-12
Fig 17. SOT404 (D2-PAK).
9397 750 07994 (c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
10 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
10. Revision history
Table 6: 04 Revision history CPCN Description Product specification; fourth version; supersedes third version PSMN035-150_SERIES_HG_3 of 1 August 1999
Rev Date 20010222
*
03 19990801 -
Maximum value of Qgd added in "Dynamic characteristics" on page 5.
Product specification; third version; supersedes second version PSMN035-150_SERIES_2 of 1 August 1999
* *
02 19990801 -
Lotus Manuscript version; August 1999 Rev 1.000 Front and back page (including address information) added.
Product specification; second version; supersedes initial version PSMN035-150_SERIES_1 of 1 February 1999
*
01 19990201 -
Lotus Manuscript version; August 1999 Rev 1.000. Lotus Manuscript version.
Product specification; initial version
*
9397 750 07994
(c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
11 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
11. Data sheet status
Datasheet status Objective specification Preliminary specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Product specification
Production
[1]
Please consult the most recently issued data sheet before initiating or completing a design.
12. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
13. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
9397 750 07994
(c) Philips Electronics N.V. 2001 All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
12 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Tel. +43 160 101, Fax. +43 160 101 1210 Belarus: Tel. +375 17 220 0733, Fax. +375 17 220 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Tel. +359 268 9211, Fax. +359 268 9102 Canada: Tel. +1 800 234 7381 China/Hong Kong: Tel. +852 2 319 7888, Fax. +852 2 319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Tel. +45 3 288 2636, Fax. +45 3 157 0044 Finland: Tel. +358 961 5800, Fax. +358 96 158 0920 France: Tel. +33 14 099 6161, Fax. +33 14 099 6427 Germany: Tel. +49 40 23 5360, Fax. +49 402 353 6300 Hungary: Tel. +36 1 382 1700, Fax. +36 1 382 1800 India: Tel. +91 22 493 8541, Fax. +91 22 493 8722 Indonesia: see Singapore Ireland: Tel. +353 17 64 0000, Fax. +353 17 64 0200 Israel: Tel. +972 36 45 0444, Fax. +972 36 49 1007 Italy: Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Tel. +81 33 740 5130, Fax. +81 3 3740 5057 Korea: Tel. +82 27 09 1412, Fax. +82 27 09 1415 Malaysia: Tel. +60 37 50 5214, Fax. +60 37 57 4880 Mexico: Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Tel. +31 40 278 2785, Fax. +31 40 278 8399 New Zealand: Tel. +64 98 49 4160, Fax. +64 98 49 7811 Norway: Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Tel. +63 28 16 6380, Fax. +63 28 17 3474 Poland: Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Tel. +34 33 01 6312, Fax. +34 33 01 4107 Sweden: Tel. +46 86 32 2000, Fax. +46 86 32 2745 Switzerland: Tel. +41 14 88 2686, Fax. +41 14 81 7730 Taiwan: Tel. +886 22 134 2451, Fax. +886 22 134 2874 Thailand: Tel. +66 23 61 7910, Fax. +66 23 98 3447 Turkey: Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: Tel. +381 11 3341 299, Fax. +381 11 3342 553
For all other countries apply to: Philips Semiconductors, Marketing Communications, Building BE, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 272 4825
Internet: http://www.semiconductors.philips.com
(SCA71)
9397 750 07994
(c) Philips Electronics N.V. 2001. All rights reserved.
Product specification
Rev. 04 -- 22 February 2001
13 of 14
Philips Semiconductors
PSMN035-150B; PSMN035-150P
N-channel enhancement mode field-effect transistor
Contents
1 2 3 4 5 6 7 7.1 8 9 10 11 12 13 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Transient thermal impedance . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers. . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
(c) Philips Electronics N.V. 2001.
Printed in The Netherlands
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 22 February 2001 Document order number: 9397 750 07994


▲Up To Search▲   

 
Price & Availability of PSMN035-150B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X