Part Number Hot Search : 
SWB403B SA2003 2SB370A 4G2404 UZ13BSB 2SA103 TA4018F CHT44PT
Product Description
Full Text Search
 

To Download PM5345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM5345
Summary Information
S/UNI-155 SATURN USER NETWORK INTERFACE
* Monolithic SATURNTM SONET/SDH Asynchronous Transfer Mode User Network LAN Interface. * Implements the ATM transmission convergence (TC) sublayer for Broadband ISDN according to ANSI T1.646, ITU-T Recommendation I.432 and ATM Forum document "ATM User-Network Interface Specification", Version 3.1.
FEATURES
* Provides 4 cell deep FIFO buffers in both transmit and receive paths and provides interface circuitry for external FIFO expansion. * Expansion ports provides access to all overhead to allow external processing for full SONET/SDH Network-Node Interface (NNI) compliance. * Provides a generic 8-bit microprocessor bus interface for configuration, control and status monitoring.
circuits and pseudo-ECL interfaces operating at the155 Mbit/s line rate.
* Provides TTL compatible inputs and outputs and a pseudo-ECL compatible serial line side interface. * Low power, +5 Volt CMOS technology.
* 160 pin plastic quad flat pack (PQFP) package.
* Operates at 19.44 Mbytes/s, processing a duplex 8-bit or 16-bit data stream and mapping ATM cells into a SONET STS-3c or SDH STM-1 compatible bit serial stream operating at 155 Mbit/s. * Provides on-chip parallel-to-serial and serial-to-parallel conversion
* ATM LAN interfaces for computers, workstations, switches and PCs
APPLICATIONS
* ATM public network switching system interfaces * B-ISDN User-Network Interfaces * Gigabit network interfaces * B-ISDN test equipment interfaces
* Provides a standard 5-signal P1149.1 JTAG test port for boundary scan board test purposes.
BLOCK DIAGRAM Line Side
TTOH TTOHFP TTOHCLK TTOHEN TPOH TPOHFP TPOHCLK TPOHEN TFP TPAIS TPYEL TCLK
System Side
TFERF
TXCI+/TXCO+/TXD+/-
Par/ Ser
Transport Overhead Insert Tx Section O/H Processor Rx Section O/H Processor
Path Overhead Insert Tx Path O/H Processor Rx Path O/H Processor Path Overhead Extract
TDO TDI TCK TMS TRSTB
JTAG Test Access Port
TLAIS
VT1 VT2 TSER
FPOUT POUT[7:0] POCLK OOF PICLK FPIN FPOS PIN[7:0]
Tx Line O/H Processor
Tx ATM Cell Processor
Tx ATM 4 Cell FIFO Drop Side/ I/F
Line Side I/F
TSOC TDAT[15:0] TCA TWRB RSOC RDAT[15:0] RCA RRDB
Rx Line O/H Processor
Rx ATM Cell Processor
Rx ATM 4 Cell FIFO
RXC+/RXD+/-
Ser/ Par
Transport Overhead Extract
Microprocessor I/F
RTOH RTOHFP RTOHCLK
RPOH RPOHFP RPOHCLK
LOP PAIS PYEL RCLK
RSER
D[7:0] A[7:0] ALE CSB WRB RDB RSTB INTB GPIN
LOS LOF
LAIS FERF
PMC-920524 (R8)
(c) 1997 PMC-Sierra, Inc.. March, 1997
BUS8 TSEN
PM5345 S/UNI-155
Summary Information
S/UNI-155 SATURN USER NETWORK INTERFACE
OVERHEAD BYTE USAGE: A1 B1 A1 A1 A2 A2 A2 C1 C1 C1 B3 C2 H1 B2 H1 B2 H1 B2 H2 H2 H2 H3 K2 H4 H3 H3 G1
Z2
TRANSPORT OVERHEAD (SOH) PATH OVERHEAD (POH)
TYPICAL APPLICATION: ATM TERMINAL
TRANSMIT ALARM INSERT SIGNALS
OVERHEAD INSERT
E/O
TSD+/-
TDAT[15:0] TSOC TWRB TCA
Transmit AAL Processor
ATM TERMINAL
PM5345 S/UNI SATURN USER NETWORK INTERFACE O/E
RSD+/-
Clock/Data Recovery
RXC+/RXCRXD+/RXD-
RCA RDAT[15:0] RSOC RRDB
Receive AAL Processor
OVERHEAD EXTRACT
RECEIVE ALARM DETECT SIGNALS
MICRO BUS FOR CONFIG, STATUS AND CONTROL
Head Office: PMC-Sierra, Inc. Suite 105 - 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn:Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
S/UNI(R), SATURN(R) and PMC-920524 (R8) UNI-PHYTM are trademarks of PMC-Sierra, Inc. This product contains patented ATM cell delineation (c) 1997 technology under license PMC-Sierra, Inc. from Cisco Systems, Inc. March, 1997


▲Up To Search▲   

 
Price & Availability of PM5345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X