Part Number Hot Search : 
1N5524 1N5524 133BZ KAM1512 6F20V 56000 1N5524 24AA0
Product Description
Full Text Search
 

To Download PI74AVC6820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PI74AVC+16820
2.5V 10-Bit Flip-Flop with Dual and 3-State Outputs
Features
* PI74AVC+16820 is designed for low-voltage operation, VCC = 1.65V to 3.6V * True 24mA Balanced Drive @ 3.3V * IOFF supports Partial power-down operation * 3.6V I/O Tolerant inputs and outputs * All outputs contain a patented DDC (Dynamic DriveControl) circuit that reduces noise without degrading propagation delay. * Industrial operation: -40C to +85C * Packaging (Pb-free & Green available): - 56-pin 240-mil wide plastic TSSOP (A) - 56-pin 173-mil wide plastic TVSOP (K)
Description
Pericom Semiconductor's PI74AVC+16820, a 10-bit flip-flop designed for 1.65V to 3.6V VCC operation. It is designed with edge-triggered D-type flip- flops. On the positive transition of clock (CLK) input. The device provides true data at the Q outputs. A buffered output-enable (OE) input can be used to place the ten outputs in either a normal logic state (HIGH or LOW level) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and increased drive provide the capacity to drive bus lines without the need for interface or pullup components. OE does not affect the internal operation of the flip-flops. Old data can be retained or new data can be entered while the outputs are in the high-impedance state. To ensure the high-impedance state during power-up or powerdown, OE should be tied to VCC through a pullup resistor whose minimum value is determined by the current sinking capability of the driver.

Pin Configuration


Block Diagram
1OE
1
2OE
28 2 C1
1D
CLK D1
56 55
1Q1
3
1Q2
TO 9 OTHER CHANNELS
1
PS8446D
08/18/04
PI74AVC+16820 2.5V 10-Bit Flip-Flop w/Dual and 3-State Outputs Maximum Ratings Truth Table each Flip-Flop(1)
Inputs OEn L L L H CLK L X Dn H L X X Outputs Qn H L Qo Z
(Above which the useful life may be impaired. For user guidelines, not tested.) Supply voltage range, VCC ...................................... -0.5V to +4.6V Input voltage range, VI ............................................. -0.5V to +4.6V Voltage range applied to any output in the high-impedance or power-off state, VO(1) ........ -0.5V to +4.6V Voltage range applied to any output in the high or low state, VO(1,2) ........................... -0.5V to VCC +0.5V Input clamp current, IIK (VI <0) ..................................... -50mA Output clamp current, IOK (VO <0)................................ -50mA Continuous output current, IO ........................................ 50mA Continuous current through each VCC or GND ........... 100mA Package thermal impedance, JA(3): package A............ 64C/W package K............ 48C/W Storage Temperature range, Tstg ....................... -65C to 150C Notes:
1. 2. 3. Input & output negative-voltage ratings may be exceeded if the input and output curent rating are observed. Output positive-voltage rating may be exceeded up to 4.6V maximum if the output current rating is observed. The package thermal impedance is calculated in accordance with JESD 51.
Notes: 1. H = High Signal Level, L = Low Signal Level, X = Irrelevant; Z = High Impedance, Qo = Output Level before the indicated steady-state conditions were established.
Pin Description
Pin Name OE CLK Qn Dn GND VCC Description Output Enable Input (Active LOW) Clock Input (Active HIGH) 3-State Outputs Data Inputs Ground Power
4.
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2
PS8446D
08/18/04
PI74AVC+16820 2.5V 10-Bit Flip-Flop w/Dual and 3-State Outputs Recommended Operating Conditions(1)
Parameters VCC Description Supply Voltage Test Conditions Operating Data retention only VCC = 1.2V VIH High-level Input Voltage VCC = 1.65V to 1.95V VCC = 2.3V to 2.7V VCC = 3V to 3.6V VCC = 1.2V VIL Low-level Input Voltage VCC = 1.65V to 1.95V VCC = 2.3V to 2.7V VCC = 3V to 3.6V VI VO Input Voltage Output Voltage Active State 3-State VCC = 1.65V to 1.95V IOH High-level output current VCC = 2.3V to 2.7V VCC = 3V to 3.6V VCC = 1.65V to 1.95V IOL TV TA Low-level output current Input transition rise or fall rate Operating free-air temperature VCC = 2.3V to 2.7V VCC = 3V to 3.6V VCC = 1.65V to 3.6V -40 0 0 0 Min. 1.65 1.2 VCC 0.65 x VCC 1.7 2 GND 0.35 x VCC 0.7 0.8 3.6 VCC 3.6 -6 - 12 - 24 6 12 24 5 85 ns/V C mA V Max. 3.6 Units
Notes: 1. All unused inputs must be held at VCC or GND to ensure proper device operation.
3
PS8446D
08/18/04
PI74AVC+16820 2.5V 10-Bit Flip-Flop w/Dual and 3-State Outputs DC Electrical Characteristics (Over the Operating Range, TA = -40C +85C)
Parameters Test Conditions(1) VCC 1.65V to 3.6V 1.65V 2.3V 3V 1.65V to 3.6V 1.65V 2.3V 3V 3.6V 0 3.6V 3.6V 2.5V VI = VCC or GND Data Inputs CO Outputs VO = VCC or GND 3.3V 2.5V 3.3V 2.5V 3.3V 40 4 4 6 6 8 8 pF Min. VCC -0.2V 1.2 1.75 2 0.2 0.45 0.55 0.8 2.5 10 10 mA V Typ. Max. Units IOH = -100A VOH IOH = -6mA, VIH = 1.07V IOH = -12mA, VIH = 1.7V IOH = -24mA, VIH = 2V IOL = 100A VOL IOL = 6mA, VIH = 0.57V IOL = 12mA, VIH = 0.7V IOL = 24mA, VIH = 0.8V II IOFF IOZ ICC Control Inputs CI VI = VCC or GND VI or VO = 3.6V VI = VCC or GND VO = VCC or GND, VO = 0
Note: 1. Typical values are measured at TA = 25C.
4
PS8446D
08/18/04
PI74AVC+16820 2.5V 10-Bit Flip-Flop w/Dual and 3-State Outputs Timing Requirements
(Over recommended operating free-air temperature range, unless otherwise noted, see Figures 1 thru 4) VCC = 1.2V Min. fCLOCK Clock Frequency tW Pulse duration, CLK high or low tSU Setup time, data before CLK tH Hold time, data after CLK 6 5.7 1.2 Max. VCC = 1.5V 0.1V Min. Max. VCC = 1.8V 0.15V Min. Max. 150 3 3.5 1 VCC = 2.5V 0.2V Min. Max. 180 3 2.5 1 ns VCC = 3.3V 0.3V Min. Max. 180 MHz Units
Switching Characteristics
Parameters fMAX tPD tEN tDIS CLK OE OE From (Input)
(Over recommended operating free-air temperature range, unless otherwise noted, see Figures 1 thru 4) To (Output) VCC = 1.2V Min. Max. VCC = 1.5V 0.1V Min. Max. VCC = 1.8V 0.15V Min. 150 Q Q Q 4 5.8 5 Max. VCC = 2.5V 0.2V Min. 180 3.2 5.1 4.6 Max. VCC = 3.3V 0.3V Min. 180 2.7 4.5 4.2 ns Max. MHz Units
Operating Characteristics, TA= 25C
Parameters Outputs Enabled Outputs Disabled Test Conditions VCC = 1.8V 0.15V Typical Cpd Power Dissipation Capacitance CL = 0pF, f = 10 MHz, 2 outputs switching 40 23 VCC = 2.5V 0.2V Typical 48 27 VCC = 3.3V 0.3V Typical 55 pF 32 Units
5
PS8446D
08/18/04
PI74AVC+16820 2.5V 10-Bit Flip-Flop w/Dual and 3-State Outputs PARAMETER MEASUREMENT INFORMATION VCC = 1.2V and 1.5V 0.1V
2-ohm S1 2xVCC Open GND
From Output Under Test CL = 15pF (See Note 1)
Test tpd tPLZ/tPZL tPHZ/tPZH
S1 Open 2 x VCC GND
2-ohm
Load Circuit
Timing Input tsu Data Input VCC/2 VCC VCC/2 0V th VCC VCC/2 0V Input tW VCC VCC/2 VCC/2 0V
Voltage Waveforms Setup and Hold Times
Voltage Waveforms Pulse Duration
Output Control (Low Level Enabling) VCC VCC/2 tPZL VCC/2 VCC/2 tPLZ 0V VCC VOL +0.1V tPHZ VCC/2 VOH -0.1V VOL VOH 0V
Input
VCC/2 tPLH VCC/2
VCC/2 tPHL VCC/2
VCC 0V VOH
Output Waveform 1 S1 at 2 x VCC (see Note 2) t PZH Output Waveform 2 S1 at GND (see Note 2)
Output
VOL
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Figure 1. Load Circuit and Voltage Waveforms
Notes: 1. CL includes probe and jig capacitance. 2. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. 3. All input impulses are supplied by generators having the following characteristics: PRR 10 MHz, ZO = 50, tR 2.0ns, tF 2.0ns. 4. The outputs are measured one at a time with one transition per measurement. 5. tPLZ and tPHZ are the same as tdis 6. tPZL and tPZH are the same as ten 7. tPLH and tPHL are the same as tpd
6
PS8446D
08/18/04
PI74AVC+16820 2.5V 10-Bit Flip-Flop w/Dual and 3-State Outputs PARAMETER MEASUREMENT INFORMATION VCC = 1.8V 0.15V
1K-ohm S1 2xVCC Open GND
From Output Under Test CL = 30pF (See Note 1)
Test tpd tPLZ/tPZL tPHZ/tPZH
S1 Open 2 x VCC GND
1K-ohm
Load Circuit
Timing Input tsu Data Input VCC/2 VCC VCC/2 0V th VCC VCC/2 0V Input tW VCC VCC/2 VCC/2 0V
Voltage Waveforms Setup and Hold Times
Voltage Waveforms Pulse Duration
Output Control (Low Level Enabling) VCC VCC/2 tPZL VCC/2 VCC/2 tPLZ 0V VCC VOL + 0.15V tPHZ VCC/2 VOH - 0.15V VOL VOH 0V
Input
VCC/2 tPLH VCC/2
VCC/2 tPHL VCC/2
VCC 0V VOH
Output Waveform 1 S1 at 2 x VCC (see Note 2) t PZH Output Waveform 2 S1 at GND (see Note 2)
Output
VOL
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Figure 2. Load Circuit and Voltage Waveforms
Notes: 1. CL includes probe and jig capacitance. 2. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. 3. All input impulses are supplied by generators having the following characteristics: PRR 10 MHz, ZO = 50, tR 2.0ns, tF 2.0ns. 4. The outputs are measured one at a time with one transition per measurement. 5. tPLZ and tPHZ are the same as tdis 6. tPZL and tPZH are the same as ten 7. tPLH and tPHL are the same as tpd
7
PS8446D
08/18/04
PI74AVC+16820 2.5V 10-Bit Flip-Flop w/Dual and 3-State Outputs PARAMETER MEASUREMENT INFORMATION VCC = 2.5V 0.2V
S1 2xVCC Open GND
From Output Under Test CL = 30pF (See Note 1)
500-ohm
Test tpd tPLZ/tPZL tPHZ/tPZH
S1 Open 2 x VCC GND
500-ohm
Load Circuit
Timing Input tsu Data Input VCC/2 VCC VCC/2 0V th VCC VCC/2 0V Input tW VCC VCC/2 VCC/2 0V
Voltage Waveforms Setup and Hold Times
Voltage Waveforms Pulse Duration
Output Control (Low Level Enabling) VCC VCC/2 tPZL VCC/2 VCC/2 tPLZ 0V VCC VOL + 0.15V tPHZ VCC/2 VOH - 0.15V VOL VOH 0V
Input
VCC/2 tPLH VCC/2
VCC/2 tPHL VCC/2
VCC 0V VOH
Output Waveform 1 S1 at 2 x VCC (see Note 2) t PZH Output Waveform 2 S1 at GND (see Note 2)
Output
VOL
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Figure 3. Load Circuit and Voltage Waveforms
Notes: 1. CL includes probe and jig capacitance. 2. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. 3. All input impulses are supplied by generators having the following characteristics: PRR 10 MHz, ZO = 50, tR 2.0ns, tF 2.0ns. 4. The outputs are measured one at a time with one transition per measurement. 5. tPLZ and tPHZ are the same as tdis 6. tPZL and tPZH are the same as ten 7. tPLH and tPHL are the same as tpd
8
PS8446D
08/18/04
PI74AVC+16820 2.5V 10-Bit Flip-Flop w/Dual and 3-State Outputs PARAMETER MEASUREMENT INFORMATION VCC = 3.3V 0.3V
500-ohm S1 2xVCC Open GND
From Output Under Test CL = 30pF (See Note 1)
Test tpd tPLZ/tPZL tPHZ/tPZH
S1 Open 2 x VCC GND
500-ohm
Load Circuit
Timing Input tsu Data Input VCC/2 VCC VCC/2 0V th VCC VCC/2 0V Input tW VCC VCC/2 VCC/2 0V
Voltage Waveforms Setup and Hold Times
Voltage Waveforms Pulse Duration
Output Control (Low Level Enabling) VCC VCC/2 tPZL VCC/2 VCC/2 tPLZ 0V VCC VOL + 0.3V tPHZ VCC/2 VOH - 0.3V VOL VOH 0V
Input
VCC/2 tPLH VCC/2
VCC/2 tPHL VCC/2
VCC 0V VOH
Output Waveform 1 S1 at 2 x VCC (see Note 2) t PZH Output Waveform 2 S1 at GND (see Note 2)
Output
VOL
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Figure 4. Load Circuit and Voltage Waveforms
Notes: 1. CL includes probe and jig capacitance. 2. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. 3. All input impulses are supplied by generators having the following characteristics: PRR 10 MHz, ZO = 50, tR 2.0ns, tF 2.0ns. 4. The outputs are measured one at a time with one transition per measurement. 5. tPLZ and tPHZ are the same as tdis 6. tPZL and tPZH are the same as ten 7. tPLH and tPHL are the same as tpd
9
PS8446D
08/18/04
PI74AVC+16820 2.5V 10-Bit Flip-Flop w/Dual and 3-State Outputs Packaging Mechanical: 56-pin TSSOP (A)
56
.236 .244
6.0 6.2
1
.547 .555
13.9 14.1
1.20
.047 Max.
SEATING PLANE
.004 0.09 .008 0.20
.0197 BSC 0.50
.007 .011
0.17 0.27
X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
.002 .006 0.05 0.15
0.45 .018 0.75 .030
.319 BSC 8.1
Packaging Mechanical: 56-pin TVSOP (K)
56
.169 .177
4.30 4.50
0.09 0.20 .0035 .008
1
.031 .041 0.80 1.05
0.45 .018 0.75 .030
.441 .449
11.20 11.40
.252 BSC 6.4
SEATING PLANE
.047 1.20 Max.
.016 BSC 0.40
.005 .009 0.13 0.23
.002 .006 0.05 0.15
X.XX X.XX
DENOTES DIMENSIONS IN MILLIMETERS
10
PS8446D
08/18/04
PI74AVC+16820 2.5V 10-Bit Flip-Flop w/Dual and 3-State Outputs Ordering Information
Ordering Code PI74AVC+16820A PI74AVC+16820AE PI74AVC+16820K PI74AVC+16820KE Package Code A A K K Package Description 56-pin, 240-mil wide plastic TSSOP Pb-free & Green, 56-pin, 240-mil wide plastic TSSOP 56-pin, 173-mil wide plastic TSSOP Pb-free & Green, 56-pin, 173-mil wide plastic TSSOP
Notes: 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
Pericom Semiconductor Corporation * 1-800-435-2336 * www.pericom.com
11
PS8446D 08/18/04


▲Up To Search▲   

 
Price & Availability of PI74AVC6820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X