Part Number Hot Search : 
MAX4635 CXA3812M T6316A RU1HE4H BY44810 CLL4756A 015020 75M12
Product Description
Full Text Search
 

To Download PHB55N03LT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
FEATURES
* 'Trench' technology * Very low on-state resistance * Fast switching * Low thermal resistance * Logic level compatible
PHP55N03LT, PHB55N03LT PHD55N03LT
QUICK REFERENCE DATA
d
SYMBOL
VDSS = 25 V ID = 55 A RDS(ON) 14 m (VGS = 10 V) RDS(ON) 18 m (VGS = 5 V)
g
s
GENERAL DESCRIPTION
N-channel enhancement mode logic level field-effect power transistor in a plastic envelope using 'trench' technology. Applications:* High frequency computer motherboard d.c. to d.c. converters * High current switching The PHP55N03LT is supplied in the SOT78 (TO220AB) conventional leaded package. The PHB55N03LT is supplied in the SOT404 (D2PAK) surface mounting package. The PHD55N03LT is supplied in the SOT428 (DPAK)surface mounting package.
PINNING
PIN 1 2 3 tab DESCRIPTION gate drain 1 source
SOT78 (TO220AB)
tab
SOT404 (D2PAK)
tab
SOT428 (DPAK)
tab
2
1 23
2
1
3
1
3
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER VDSS VDGR VGS VGSM ID IDM Ptot Tj, Tstg Drain-source voltage Drain-gate voltage Gate-source voltage (DC) Gate-source voltage (pulse peak value) Drain current (DC) Drain current (pulse peak value) Total power dissipation Operating junction and storage temperature CONDITIONS Tj = 25 C to 175C Tj = 25 C to 175C; RGS = 20 k Tj 150C Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 25 25 15 20 55 38 220 103 175 UNIT V V V V A A A W C
1 It is not possible to make connection to pin:2 of the SOT404 or SOT428 packages. October 1999 1 Rev 1.200
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
THERMAL RESISTANCES
SYMBOL PARAMETER Rth j-mb Rth j-a Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS
PHP55N03LT, PHB55N03LT PHD55N03LT
MIN. -
TYP. MAX. UNIT 60 50 1.45 K/W K/W K/W
SOT78 package, in free air SOT404 and SOT428 packages, pcb mounted, minimum footprint
-
AVALANCHE LIMITING VALUE
SYMBOL PARAMETER WDSS CONDITIONS MIN. MAX. 60 UNIT mJ Drain-source non-repetitive ID = 25 A; VDD 15 V; unclamped inductive turn-off VGS = 5 V; RGS = 50 ; Tmb = 25 C energy
ELECTRICAL CHARACTERISTICS
Tj= 25C unless otherwise specified SYMBOL PARAMETER V(BR)DSS VGS(TO) RDS(ON) Drain-source breakdown voltage Gate threshold voltage Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA; Tj = -55C VDS = VGS; ID = 1 mA Tj = 175C Tj = -55C VGS = 10 V; ID = 25 A VGS = 10 V; ID = 25 A (SOT428 package) VGS = 5 V; ID = 25 A VGS = 5 V; ID = 25 A; Tj = 175C Forward transconductance VDS = 25 V; ID = 25 A Gate source leakage current VGS = 5 V; VDS = 0 V Zero gate voltage drain VDS = 25 V; VGS = 0 V; current Tj = 175C Total gate charge Gate-source charge Gate-drain (Miller) charge Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal drain inductance Internal source inductance Input capacitance Output capacitance Feedback capacitance ID = 55 A; VDD = 15 V; VGS = 5 V MIN. 25 22 1 0.5 10 TYP. MAX. UNIT 1.5 11 14 15 28 10 0.05 20 8 9 7 56 57 38 3.5 4.5 7.5 1230 354 254 2 2.3 14 16 18 34 100 10 500 15 80 80 50 V V V V V m m m m S nA A A nC nC nC ns ns ns ns nH nH nH pF pF pF
gfs IGSS IDSS Qg(tot) Qgs Qgd td on tr td off tf Ld Ld Ls Ciss Coss Crss
VDD = 15 V; ID = 25 A; VGS = 10 V; RG = 5 Resistive load Measured tab to centre of die Measured from drain lead to centre of die (SOT78 package only) Measured from source lead to source bond pad VGS = 0 V; VDS = 20 V; f = 1 MHz
October 1999
2
Rev 1.200
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
PHP55N03LT, PHB55N03LT PHD55N03LT
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25C unless otherwise specified SYMBOL PARAMETER IS ISM VSD trr Qrr Continuous source current (body diode) Pulsed source current (body diode) Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS MIN. IF = 25 A; VGS = 0 V IF = 55 A; VGS = 0 V IF = 20 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 25 V TYP. MAX. UNIT 0.9 1.0 87 0.1 55 220 1.2 A A V ns C
Normalised Power Derating, PD (%) 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 Mounting Base temperature, Tmb (C) 150 175
1000
Peak Pulsed Drain Current, IDM (A)
RDS(on) = VDS/ ID 100 tp = 10 us
100 us
10 D.C.
1 ms 10 ms 100 ms
1 1 10 Drain-Source Voltage, VDS (V) 100
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
Fig.3. Safe operating area ID & IDM = f(VDS); IDM single pulse; parameter tp
Transient thermal impedance, Zth j-mb (K/W)
Normalised Current Derating, ID (%) 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 Mounting Base temperature, Tmb (C) 150 175
10
1
D = 0.5 0.2 0.1
0.1
0.05 0.02
P D
tp
D = tp/T
single pulse 0.01 1E-06 1E-05 1E-04 1E-03 Pulse width, tp (s) 1E-02
T 1E-01 1E+00
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); VGS 5 V
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
October 1999
3
Rev 1.200
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
PHP55N03LT, PHB55N03LT PHD55N03LT
50 45 40 35 30 25
Drain Current, ID (A) VGS = 10 V 5V 4.5 V Tj = 25 C
30
Transconductance, gfs (S) VDS > ID X RDS(ON)
25 Tj = 25 C 20 3V 15 2.8 V 175 C
20 15 10 5 0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 Drain-Source Voltage, VDS (V) 1.6 1.8 2.6 V 2.4 V 2.2 V 2V 2 0 0 5 10 15 20 25 Drain current, ID (A) 30 35 40 10
5
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V
Normalised On-state Resistance
Drain-Source On Resistance, RDS(on) (Ohms) 0.1 0.09 0.08 3V 0.07 0.06 0.05 0.04 0.03 5V 0.02 0.01 0 0 5 10 15 20 25 30 Drain Current, ID (A) 35 40 45 50 VGS =4.5 V 2.2 V 2.4 V 2.6 V 2.8V Tj = 25 C
10V
2 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
-60
-40
-20
0
20 40 60 80 100 Junction temperature, Tj (C)
120
140
160
180
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj)
Threshold Voltage, VGS(TO) (V) 2.25 2 1.75 maximum
Drain current, ID (A) 40 VDS > ID X RDS(ON) 35 30
1.5
25
1.25
typical
20
1 minimum
15
0.75
10 175 C 5 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 Gate-source voltage, VGS (V) Tj = 25 C
0.5 0.25 0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 Junction Temperature, Tj (C)
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
October 1999
4
Rev 1.200
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
PHP55N03LT, PHB55N03LT PHD55N03LT
1.0E-01
Drain current, ID (A) VDS = 5 V
Gate-source voltage, VGS (V) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0
2.5 3
ID = 55A Tj = 25 C VDD = 15 V
1.0E-02
1.0E-03 minimum 1.0E-04 typical maximum
1.0E-05
1.0E-06 0 0.5 1 1.5 2 Gate-source voltage, VGS (V)
5
10
15
20 25 30 Gate charge, QG (nC)
35
40
45
50
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); parameter VDS
Source-Drain Diode Current, IF (A) Capacitances, Ciss, Coss, Crss (pF) 10000 50 VGS = 0 V 45 40 35 30 Ciss 1000 25 20 15 Coss Crss 10 5 0 100 0.1 1 10 Drain-Source Voltage, VDS (V) 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 Source-Drain Voltage, VSDS (V) Tj = 25 C 175 C
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
October 1999
5
Rev 1.200
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
MECHANICAL DATA
PHP55N03LT, PHB55N03LT PHD55N03LT
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220
SOT78
E P
A A1 q
D1
D
L2(1)
L1 Q
L
b1
1
2
3
b c
e
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.39 1.27 b 0.9 0.7 b1 1.3 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.4 5.9 E 10.3 9.7 e 2.54 L 15.0 13.5 L1 3.30 2.79 L2 max. 3.0
(1)
P 3.8 3.6
q 3.0 2.7
Q 2.6 2.2
Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC TO-220 EIAJ EUROPEAN PROJECTION ISSUE DATE 97-06-11
Fig.15. SOT78 (TO220AB); pin 2 connected to mounting base (Net mass:2g)
Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to mounting instructions for SOT78 (TO220AB) package. 3. Epoxy meets UL94 V0 at 1/8".
October 1999
6
Rev 1.200
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
MECHANICAL DATA
PHP55N03LT, PHB55N03LT PHD55N03LT
Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads (one lead cropped)
SOT404
A E A1 mounting base
D1
D
HD
2
Lp
1
3
b c Q
e
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.40 14.80 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 98-12-14 99-06-25
Fig.16. SOT404 surface mounting package. Centre pin connected to mounting base.
Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18. 3. Epoxy meets UL94 V0 at 1/8".
October 1999
7
Rev 1.200
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
MOUNTING INSTRUCTIONS
Dimensions in mm
11.5
PHP55N03LT, PHB55N03LT PHD55N03LT
9.0
17.5 2.0
3.8
5.08
Fig.17. SOT404 : soldering pattern for surface mounting.
October 1999
8
Rev 1.200
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
MECHANICAL DATA
PHP55N03LT, PHB55N03LT PHD55N03LT
Plastic single-ended surface mounted package (Philips version of D-PAK); 3 leads (one lead cropped)
SOT428
seating plane y A E b2 A A1 mounting base A2 D1
E1 D HE L2
2
L L1
1
b1 e e1 b
3
wM A c
0
10 scale
20 mm
DIMENSIONS (mm are the original dimensions) A UNIT max. mm 2.38 2.22 A1(1) 0.65 0.45 A2 0.89 0.71 b 0.89 0.71 b1 max. 1.1 0.9 b2 5.36 5.26 c 0.4 0.2 D1 E D max. max. max. 6.22 5.98 4.81 4.45 6.73 6.47 E1 min. 4.0 e e1 HE max. 10.4 9.6 L 2.95 2.55 L1 min. 0.5 L2 0.7 0.5 w 0.2 y max. 0.2
2.285 4.57
Note 1. Measured from heatsink back to lead. OUTLINE VERSION SOT428 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 98-04-07
Fig.18. SOT428 surface mounting package. Centre pin connected to mounting base.
Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18. 3. Epoxy meets UL94 V0 at 1/8".
October 1999
9
Rev 1.200
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
MOUNTING INSTRUCTIONS
Dimensions in mm
PHP55N03LT, PHB55N03LT PHD55N03LT
7.0
7.0
2.15 2.5
1.5
4.57
Fig.19. SOT428 : soldering pattern for surface mounting.
October 1999
10
Rev 1.200
Philips Semiconductors
Product specification
N-channel TrenchMOSTM transistor Logic level FET
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
PHP55N03LT, PHB55N03LT PHD55N03LT
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1999 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
October 1999
11
Rev 1.200


▲Up To Search▲   

 
Price & Availability of PHB55N03LT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X