Part Number Hot Search : 
V800ME14 F050420 MC101 FN2899 SC531 HA173 XN0111F BD00HC0
Product Description
Full Text Search
 

To Download PBPC1007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PBPC1001 - PBPC1007
10A BRIDGE RECTIFIER Features
* * * * * * * Diffused Junction High Current Capability Surge Overload Rating to 150A Peak High Case Dielectric Strength of 1500V Ideal for Printed Circuit Board Application Plastic Material - UL Flammability Classification 94V-0 UL Listed Under Recognized Component Index, File Number E94661
H G
+
AC
PBPC-8 Dim Min 18.54 6.35 22.20 5.33 3.60 AE Max 19.56 7.60 -- 7.37 4.00 AE
A
E
AC
A B C D E G H J
C B A
Mechanical Data
* * * * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Marked on Body Mounting: Through Hole for #6 Screw Mounting Torque: 5.0 Inch-pounds Maximum Weight: 3.8 grams (approx) Mounting Position: Any Marking: Type Number
1.27 AE Typical
D
12.70 Typical 2.38 X 45 Typical
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 50C (Note 2) @ TC = 50C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2t Cj RqJC Tj, TSTG PBPC 1001 50 35
@ TA = 25C unless otherwise specified
PBPC 1002 100 70
PBPC 1003 200 140
PBPC 1004 400 280 10 8.0 150 1.1 10 1.0 64 110 7.5
PBPC 1005 600 420
PBPC 1006 800 560
PBPC 1007 1000 700
Unit V V A A V A mA A2s pF K/W C
Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) @ IF = 5.0A Peak Reverse Current @TC = 25C at Rated DC Blocking Voltage (per element)@ TC = 100C I2t Rating for Fusing (t<8.3ms) (Note 3) Typical Junction Capacitance, per element (Note 4) Typical Thermal Resistance Junction to Case (per element) Operating and Storage Temperature Range Notes:
-65 to +125
1. Mounted on metal chassis. 2. Mounted on PC board FR-4 material. 3. Non-repetitive, for t > 1.0ms and < 8.3ms. 4. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
DS21312 Rev. E-2
1 of 2
PBPC1001-PBPC1007
IAV, AVERAGE FORWARD OUTPUT CURRENT (A)
10
Resistive or Inductive load
10
8
Mounted on PC Board
IF, FORWARD CURRENT (A)
Mounted on Metal chassis
1.0
6
4
0.1
2
Tj = 25C
0 25 50 75 100 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve 125
0.01
Pulse width = 300s
0 0.4 0.8 1.6 1.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
IF, PEAK FORWARD SURGE CURRENT (A)
TC = 50C
125
Single half sine-wave JEDEC method
IR, INSTANTANEOUS REVERSE CURRENT (A)
150
10
Tj = 100C
100 75
1.0
50
0.1
25 0 1.0 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Typical Reverse Characteristics 100
Tj = 25C
0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 4 Typical Reverse Characteristics, per element
DS21312 Rev. E-2
2 of 2
PBPC1001-PBPC1007


▲Up To Search▲   

 
Price & Availability of PBPC1007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X