Part Number Hot Search : 
AK5701 2842A GNR07DK DS42553 MTDB03B1 3S4YR 74LVC16 103K3
Product Description
Full Text Search
 

To Download PASIC2FPGAFAMILY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 pASIC(R) 2 FPGA FAMILY
Combining Speed, Density, Low Cost and Flexibility The Ultimate Verilog / VHDL Silicon Solution
Rev. D FAMILY HIGHLIGHTS
Ultimate Verilog/VHDL Silicon Solution
-Abundant, high-speed interconnect eliminates manual routing -Flexible logic cell provides high efficiency and performance -Design tools produce fast, efficient Verilog/VHDL synthesis
Speed, Density, Low Cost and Flexibility in One Family
-16-bit counter speeds exceeding 200 MHz -5,000 to 16,000 usable PLD gates, Up to 225 I/Os -3-layer metal ViaLink(R) antifuse for small die sizes -100% routable and pin-out maintainable
3
pASIC 2
High Performance, Flexible Logic Cell
-High performance through larger logic cells (up to 16 inputs) -Complex functions (up to 16 product terms) in a single level of delay -High synthesis utilization from logic cell fragments
Advanced I/O Capabilities
-Individually-clocked input and I/O registers -Full IEEE Standard JTAG boundary scan capability -Individually-controlled output enables on all I/O pins -High-speed, low-skew global clock and control networks
PCI Compliance
-Full speed 33 MHz master and slave implementations -Fully compliant at 5.0 volts (-1/-2 speed grades)
Other Important Family Features
-5.0 volt and 3.3 volt supply operation -I/O pin-compatibility between different devices in the same packages -Upward compatible with pASIC 1 designs -High design security provided by security fuses TABLE 1 pASIC 2 Device Family
QL2003 QL2005 QL2007 QL2009
ASIC Gates Usable PLD Gates Logic Cells Max. Flip-Flops Maximum I/Os Packages
3,000 5,000 7,000 9,000 5,000 8,000 11,000 16,000 192 320 480 672 408 636 912 1236 118 156 174 225 84 PLCC 84 PLCC 84 PLCC 144 TQFP 100 TQFP 144 TQFP 144 TQFP 208 PQFP 144 TQFP 208 PQFP 208 PQFP 256 PBGA
3-1
pASIC 2 FPGA FAMILY
FAMILY SUMMARY As shown in Table 1 on the previous page, QuickLogic's pASIC 2 family includes seven FPGAs ranging from 5,000 to over 16,000 usable PLD gates and 84 to 256 package pins. This family employs a unique combination of architecture, technology, and software tools to provide high speed, high usable density, low price, and flexibility in the same devices. The flexibility and speed make pASIC 2 devices an efficient and high-performance silicon solution for designs described using HDLs such as Verilog and VHDL, as well as schematics. Devices in the pASIC 2 family are based on an array of highly flexible logic cells which have been optimized to efficiently implement a wide range of logic functions at high speed. Each cell can implement one large function, five independent smaller functions, or any combination in-between. This flexibility gives synthesized designs efficient logic utilization plus high performance within the same device. Logic cells are configured and interconnected by rows and columns of routing metal and ViaLink metal-to-metal programmable-via antifuses. Due to their small size, ViaLink antifuses may be placed at every desired routing track junction. In the pASIC 2 family, the benefits of ViaLink technology are further enhanced by a three-layer metal process which allows all routing and programmable elements to be placed above, rather than adjacent to the logic cells. This approach allows abundant interconnect resources with small die sizes, providing users with 100% routability and pin-out maintainability with low device costs. The extremely low resistance of a programmed ViaLink antifuse, combined with the flexible logic cell architecture, makes pASIC 2 devices among the fastest FPGAs available. Datapath speeds exceed 225 MHz and counters run at over 200 MHz. Internal logic cell delays are under 2 ns and total input to output combinatorial logic delays are under 6 ns. This performance permits QuickLogic pASIC 2 FPGAs to be used with today's fastest CISC and RISC microprocessors, while consuming a fraction of the power and board area of PAL, GAL, and discrete logic solutions. A wide range of additional family features complement the pASIC 2 family. All members include speed grades which are PCI compliant at 5.0 volts and are capable of implementing bus master and target applications at 33 MHz. I/O pins provide individually-controlled output enables, dedicated input/feedback registers, and full implementation of IEEE standard 1149.1a JTAG for boundary scan and test. In addition, pASIC 2 devices provide the benefits of non-volatility, high design security, no configuration load times, and self-contained single chip solutions.
3-2
pASIC 2 FPGA FAMILY
All devices share a common architecture and development software to allow easy transfer of designs from one product to another. Different devices in the same package are pin-compatible with one another, permitting easy design migration within the family. In addition, pASIC 2 devices are architectural supersets of pASIC 1 devices, providing a means for users to upgrade existing designs by integrating additional logic or increasing performance. Software support for the pASIC 2 family is available through three basic packages. The turnkey PC-based QuickWorks(R) package, shown in Figure 1, provides the most complete FPGA software solution from design entry, to logic synthesis, to place and route, to simulation. QuickWorks includes VHDL, Verilog, schematic, boolean, and mixedmode entry with fast and efficient logic synthesis provided by the integrated Synplicity Synplify LiteTM tool, specially tuned to take advantage of the pASIC 2 architecture. QuickWorks also provides functional and timing simulation for guaranteed timing and source-level debugging. The PC/Sun/HP-based QuickToolsTM and PC-based QuickChipTM packages are a subset of QuickWorks and provide a solution for designers who use Cadence, Mentor, Synopsys, Viewlogic, Veribest, or other thirdparty tools for design entry, synthesis, or simulation. QuickTools and QuickChip read EDIF netlists and provide optimization, place and route, timing analysis, and back-annotation support for all QuickLogic devices. QuickTools and QuickChip also write out OVI, VITAL, VSS, EDIF, LMC, SDF, and Viewsim files to support a wide range of third-party modeling and simulation tools. In addition, the PC-version of the QuickTools package includes a schematic capture tool, providing a low-cost design entry and compilation solution.
Third Party Design Entry & Synthesis
DEVELOPMENT TOOLS
3
pASIC 2
Verilog QuickBoolean HDL VHDL Sensitive
Editor
Schematic
Schematic Capture
FIGURE 1 QuickWorks Tool Suite
Mixed Mode
Synplicity Synthesis QuickTools Place/Route Analyze
Third Party Simulation
Simulator
QuickWorks Tool Suite
3-3
pASIC 2 FPGA FAMILY
ORGANIZATION The pASIC 2 family contains devices covering a wide spectrum of I/O and density requirements. The seven members range from 192 logic cells to 672 logic cells arranged in regular arrays as shown in Figure 2. The single lines between logic cells in the figure below represent channels containing up to thirty wires, which are actually placed above the logic cells in the physical devices. QuickLogic pASIC 2 devices are fabricated on a conventional high-volume CMOS process. The base technology is a 0.65 micron, n-well CMOS technology with a single polysilicon layer and three layers of metal interconnect. The only deviation from the standard process flow occurs when a single mask is used for the amorphous silicon to form the ViaLink elements between the metal deposition steps. The pASIC 2 device architecture consists of an array of user-configurable logic building blocks, called logic cells, set beneath a grid of metal wiring channels similar to those of a gate array. The pASIC 2 logic cell is a general-purpose building block that can implement most TTL and gate array macro library functions. It is a superset of the pASIC 1 cell, allowing easy design upgrades. The cell has been optimized to maintain the inherent speed advantage of the ViaLink technology while ensuring maximum logic flexibility. For a detailed description of the pASIC 2 logic cell, as well as the I/O cell and routing structure, consult the pASIC 3 FPGA Family data sheet in this data book. pASIC 2 devices have exactly the same architecture as the pASIC 3 QL3012 and QL3025. FIGURE 2 192 to 672 Logic Cells
THREE LAYER METAL CMOS PROCESS
FAST, FLEXIBLE ARCHITECTURE
QL2009 QL2007 QL2005 QL2003
3-4


▲Up To Search▲   

 
Price & Availability of PASIC2FPGAFAMILY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X