Part Number Hot Search : 
DD200GB BU606 B8050 0150CT TSG601 DTA114 T9G02212 LPB352
Product Description
Full Text Search
 

To Download NJG1106KB2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJG1106KB2 800MHz BAND LNA GaAs MMIC
nGENERAL DESCRIPTION NJG1106KB2 is a low noise amplifier GaAs MMIC designed for 800MHz band cellular phone handsets. This amplifier provides low noise figure of 1.3dB and low current consumption of 3mA at low supply voltage of 2.7V. NJG1106KB2 includes internal self-bias circuit and input DC blocking capacitor in a ultra small and ultra thin package of FLP6-B2. nFEATURES lLow voltage operation lLow current consumption lSmall signal gain lLow noise figure lHigh Input IP3 lHigh Output IP3 lUltra small & ultra thin package nPIN CONFIGURATION KB2 Type (Top View)
PIN CONNECTION
nPACKAGE OUTLINE
NJG1106KB2
+2.7V typ. 2.5mA typ. 17dB typ. @f=820MHz 1.3dB typ. @f=820MHz -4dBm typ. @f=820.0+820.1MHz +13dBm typ. @f=820+820.1MHz FLP6-B2 (Mount Size: 2.1x2.0x0.75mm)
4
3
5
AMP
2
1.RFout 2.GND 3.EXTCAP 4.GND 5.GND 6.RFin
6
1
Package orientation mark
Note: Specifications and description listed in this catalog are subject to change without prior notice.
-1-
NJG1106KB2
nABSOLUTE MAXIMUM RATINGS PARAMETER Drain Voltage Input Power Power Dissipation Operating Temp. Storage Temp. SYMBOL VDD Pin PD Topr Tstg VDD=2.7V Tj=125C, mount on PCB FR4 20X20X0.2mm CONDITIONS (Ta=+25C, Zs=Zl=50) RATINGS UNITS 6.0 +15 450 -40 ~ +85 -55 ~ +125 V dBm mW C C
nELECTRICAL CHARACTERISTICS PARAMETER Operating frequency Drain voltage Operating current Small signal gain Gain flatness Noise figure Pout at 1dB gain compression point Input 3rd order Intercept point Output 3rd order Intercept point RF Input port VSWR RF Output port VSWR SYMBOL freq VDD IDD Gain Gflat NF P-1dB IIP3 OIP3 VSWRi VSWRo VDD=2.7V, f=820MHz f=820.0+820.1MHz f=820.0+820.1MHz VDD=2.7V, f=820MHz VDD=2.7V, f=820MHz f=810~885MHz RF OFF (VDD=2.7V, f=820MHz, Ta=+25C, Zs=Zl=50) CONDITIONS MIN TYP MAX UNITS 800 2.5 15.0 -4.0 -8.0 +9.0 820 2.7 2.5 17.0 0.5 1.3 0.0 -4.0 +13.0 1.5 1.5 1000 5.5 3.4 19.0 1.0 1.5 2.0 2.0 MHz V mA dB dB dB dBm dBm dBm
-2-
NJG1106KB2
nTERMINAL INFORMATION Pin 1 Function RFout Description RF output and voltage supply pin. External matching circuits and a bypass capacitor is required. L4 is a RF choke inductor and C1 is a DC blocking capacitor. These elements are used as output matching circuit. C2 is a bypass capacitor. (Please refer to "RECOMMENDED CIRCUIT") Ground pin. To keep good RF grounding performance, please use multiple via holes to connect with ground plane and this pin. An external bypass capacitor is required. (Please refer to "RECOMMENDED CIRCUIT") RF input pin. A DC blocking capacitor is not required. An external matching circuit is required. (Please refer to "RECOMMENDED CIRCUIT")
2,4,5 GND 3 6 EXTCAP RFin
-3-
NJG1106KB2
nTYPICAL CHARACTERISTICS
NJG1106KB2 Gain,NF vs. Freq VDD=2.7V,IDD=2.9mA,Ta=25 oC
20
Gain
NJG1106KB2 S11,S21,S12,S22 vs. Freq
VDD=2.7V, IDD=2.9mA, Ta=25 C
3.0 25 20
S21
o
50 40 30 20 S12 (dB) 10 0
S11 S22
S11,S21,S22 (dB)
15
2.5
15 10 5 0 -5 -10 -15 -20
S12
Gain (dB)
10
2.0
NF (dB)
-10 -20 -30 -40 1500 -50 2000
5
NF
1.5
0 700
750
800
850
900
950
1.0 1000
-25 0 500 1000
freq (GHz) NJG1106KB2 Pout,Gain vs. Pin VDD=2.7V, IDD=2.9mA, Freq=820MHz, Ta=25 C
5
Gain
o
Freq (GHz)
NJG1106KB2 Pout,IM3 vs. Pin o VDD=2.7V, IDD=2.9mA, Freq=820+820.1MHz, Ta=25 C
20 0
Pout
20
0
P-1dB=-0.5dBm
Pout (dBm)
Pout (dBm)
-5 -10 -15 -20 -25 -45
15
-20 -40 -60
OIP3=+13.7dBm IIP3=-4.1dBm
Pout
10
Gain (dB)
-80 5.0 -40 -35 -30 -25 -20 -15 -10 -5 -100 -45
IM3
-40
-35
-30
-25
-20
-15
-10
-5
Pin (dBm)
Pin (dBm)
Equations of OIP3 and IIP3 3 x Pout - IM3 OIP3 = 2 IIP3 = OIP3 - Gain @ Pin=-40dBm
-4-
NJG1106KB2
nTYPICAL CHARACTERISTICS
NJG1106KB2 Gain,NF vs. VDD
Freq=820MHz,Ta=25 C
18.0 2.0 3.2
o
NJG1106KB2 IDD vs. VDD
Freq=820MHz,Ta=25 C
o
17.8
Gain
1.8
3.1
Gain (dB)
IDD (mA)
NF (dB)
17.6
1.6
3.0
17.4
NF
1.4
2.9
17.2
1.2
2.8
17.0 2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.0 6.0
2.7 2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)
VDD (V)
NJG1106KB2 OIP3,IIP3 vs. VDD
Freq=820+820.1MHz, Ta=25oC
20
IIP3
NJG1106KB2 OIP3,IIP3 vs. Freq
VDD=2.7V, IDD=3mA, Freq=820+820.1MHz, Ta=25 oC
0 20 0
18
-2
18
-2
OIP3 (dBm)
IIP3 (dBm)
OIP3(dBm)
16
OIP3
-4
16
IIP3
-4
14
-6
14
OIP3
-6
12
-8
12
-8
10 2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-10 6.0
10 800
820
840
860
880
-10 900
VDD (V)
freq (MHz)
Equations of OIP3 and IIP3 3 x Pout - IM3 OIP3 = 2 IIP3 = OIP3 - Gain @ Pin=-40dBm
-5-
IIP3 (dBm)
NJG1106KB2
nTYPICAL CHARACTERISTICS
NJG1106KB2 Gain,NF vs. Ta VDD=2.7V,Freq=820MHz
20
Gain
NJG1106KB2 IDD vs. Ta VDD=2.7V,Freq=820MHz
5.0 4.0
18
4.0
3.5
Gain (dB)
IDD (mA)
NF (dB)
16
3.0
3.0
14
2.0
2.5 12
NF
1.0
10 -50
0
50
0.0 100
Ta ( C)
o
2.0 -50
0
Ta ( oC)
50
100
NJG1106KB2 OIP3,IIP3 vs. Ta
VDD=2.7V,Freq=820+820.1MHz
20 0
18
-2
OIP3 (dBm)
16
-4
IIP3 (dBm)
IIP3
14
OIP3
-6
12
-8
Equations of OIP3 and IIP3 3 x Pout - IM3 OIP3 = 2 IIP3 = OIP3 - Gain @ Pin=-40dBm
10 -50
0
Ta ( C)
o
50
-10 100
-6-
NJG1106KB2
nTYPICAL CHARACTERISTICS
NJG1106KB2 S11 vs. Freq(to 20GHz)
VDD=2.7V, IDD=2.9mA, Ta=25 C
25 20 15 10 25 20 15 10
o
NJG1106KB2 S22 vs. Freq(to 20GHz)
VDD=2.7V, IDD=2.9mA, Ta=25 C
o
S11 (dB)
0 -5 -10 -15 -20 -25 0 5 10 15 20
S22 (dB)
5
5 0 -5 -10 -15 -20 -25 0 5 10 15 20
Freq (GHz)
Freq (GHz)
NJG1106KB2 S21 vs. Freq(to 20GHz)
VDD=2.7V, IDD=2.9mA, Ta=25 C
25 20 15 10 50 40 30 20
o
NJG1106KB2 S12 vs. Freq(to 20GHz)
VDD=2.7V, IDD=2.9mA, Ta=25 oC
S21 (dB)
0 -5 -10 -15 -20 -25 0 5 10 15 20
S12 (dB)
5
10 0 -10 -20 -30 -40 -50 0 5 10 15 20
Freq (GHz)
Freq (GHz)
-7-
NJG1106KB2
nTYPICAL CHARACTERISTICS Scattering Parameter Table VDD=2.7V, IDD=2.9mA, Zo=50 S11 S21 Freq mag ang mag ang (MHz) (units) (deg) (units) (deg) 100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 0.996 0.995 0.993 0.982 0.964 0.947 0.930 0.914 0.897 0.884 0.874 0.860 0.851 0.838 0.831 0.822 0.815 0.809 0.803 0.796 -1.8 -4.8 -7.2 -9.6 -11.7 -13.9 -15.5 -17.3 -18.7 -20.2 -21.5 -22.6 -23.8 -24.9 -26.1 -27.0 -28.2 -29.7 -30.6 -31.8 1.298 1.846 2.029 2.056 2.029 1.964 1.892 1.816 1.733 1.659 1.582 1.513 1.449 1.385 1.330 1.279 1.235 1.194 1.153 1.120 -142.2 -164.1 179.1 165.7 155.1 145.6 137.5 130.0 123.2 117.0 111.1 105.8 100.7 96.1 91.4 87.0 83.0 78.9 75.2 71.8
S12 mag (units) 0.005 0.003 0.006 0.006 0.007 0.006 0.008 0.008 0.009 0.009 0.010 0.011 0.012 0.012 0.014 0.014 0.016 0.017 0.018 0.019 ang (deg) 70.0 -6.6 38.5 36.0 47.8 54.7 55.8 60.4 62.5 61.0 69.4 70.7 72.6 80.1 77.4 84.4 85.1 90.7 87.7 91.9
S22 mag (units) 0.967 0.953 0.942 0.939 0.931 0.928 0.918 0.916 0.906 0.903 0.898 0.893 0.886 0.883 0.878 0.874 0.871 0.869 0.865 0.864 ang (deg) -2.3 -3.7 -4.9 -6.1 -7.3 -8.5 -9.7 -10.9 -12.2 -13.4 -14.7 -16.1 -17.3 -18.9 -20.0 -21.3 -22.7 -24.1 -25.4 -26.8
4
3 1000pF
5
AMP
2
Network Analyzer Port1
6
1
Network Analyzer Port2
Reference Plane
Note VDD (=2.8V) is supplied through "BIAS CONNECT (PORT2)" of Network Analyzer.
-8-
NJG1106KB2
nRECOMMENDED CIRCUIT (f=810~885MHz)
( Top View )
4
3 C3
5 L2 RF Input L1 6
2 AMP L3 1 L4 C1 RF Output VDD=2.7V
C2
-9-
NJG1106KB2
nRECOMMENDED PCB DESIGN (Top View)
C3
RF IN
L2
NJG1106
L4 C1 L3 C2
PCB SIZE: 14.0x14.0mm PCB: FR4, t=0.2mm MICROSTRIP LINE WIDTH=0.4mm(Zo=50) RF OUT
L1
Parts List (f=810~885MHz) Parts ID L1 L2 L3 L4 C1 C2, C3 Constant 82nH 33nH 39nH 12nH 4pF 1000pF Comment TAIYO-YUDEN HK1005 Series TAIYO-YUDEN HK1608 Series TAIYO-YUDEN HK1005 Series TAIYO-YUDEN HK1005 Series MURATA GRM36 Series MURATA GRM36 Series
NOTES: 1. Please use L1 to stabilize amplifier. This element pull input impedance down at low frequency region (up to 400MHz). 2. Please use chip inductor which has low resistance at input circuit. (A low resistance inductor of 1608 size (1.6mm x 0.8mm) is used in the circuit example above.) Because any losses at input circuit cause NF degradation. 3. The capacitor C3 is a bypass capacitor connected with self-biasing resistor. The small signal gain can be controlled by this capacitor. (Gain=18.5dB @ C3=30pF)
- 10 -
NJG1106KB2
nPACKAGE OUTLINE (FLP6-B2)
2.00.1 6 5 4 0.2
0.750.05 +0.1 0.15 -0.05
1.70.1 1 0.65 2 0.65 3 0.2
2.10.1
0.1
+0.1 0.2 -0.05
Lead material Lead surface finish Molding material UNIT Weight
: Copper : Solder plating : Epoxy resin : mm : 6.5mg
0.1
Cautions on using this product This product contains Gallium-Arsenide (GaAs) which is a harmful material. * Do NOT eat or put into mouth. * Do NOT dispose in fire or break up this product. * Do NOT chemically make gas or powder with this product. * To waste this product, please obey the relating law of your country. This product may be damaged with electric static discharge (ESD) or spike voltage. Please handle with care to avoid these damages.
[CAUTION] The specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
- 11 -


▲Up To Search▲   

 
Price & Availability of NJG1106KB2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X