Part Number Hot Search : 
B3234 IRF951 MA4L031 1458046 ANTXV1N R4632 FX641 100LVE
Product Description
Full Text Search
 

To Download MUR3040PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR3040PT, RURH1540CC, MUR3060PT, RURH1560CC
Data Sheet January 2000 File Number 2774.4
15A, 400V - 600V Ultrafast Dual Diodes
MUR3040PT, RURH1540CC, MUR3060PT, and RURH1560CC are ultrafast dual diodes (trr < 55ns) with soft recovery characteristics. They have a low forward voltage drop and are of planar, silicon nitride passivated, ion-implanted, epitaxial construction. These devices are intended for use as energy steering/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and ultrafast recovery with soft recovery characteristics minimizes ringing and electrical noise in many power switching circuits thus reducing power loss in the switching transistor. Formerly developmental type TA09905.
Features
* Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <55ns * Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC * Reverse Voltage Up to . . . . . . . . . . . . . . . . . . . . . . . .600V * Avalanche Energy Rated * Planar Construction
Applications
* Switching Power Supply * Power Switching Circuits * General Purpose
Ordering Information
PART NUMBER MUR3040PT RURH1540CC MUR3060PT RURH1560CC PACKAGE TO-218AC TO-218AC TO-218AC TO-218AC BRAND MUR3040PT RURH1540C MUR3060PT RURH1560C
Packaging
JEDEC TO-218AC
ANODE 1 CATHODE ANODE 2 CATHODE (FLANGE)
NOTE: When ordering, use the entire part number.
Symbol
K
A1
A2
Absolute Maximum Ratings
(Per Leg) TC = 25oC, Unless Otherwise Specified MUR3040PT RURH1540CC Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM 400 400 400 15 42 200 100 20 -55 to 175
MUR3060PT RURH1560CC 600 600 600 15 30 200 100 20 -55 to 175
UNITS V V V A A A W mJ oC
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV) (TC = 145oC) Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFRM (Square Wave 20kHz) Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM (Halfwave 1 Phase 60Hz) Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Avalanche Energy (See Figures 7 and 8) . . . . . . . . . . . . . . . . . . . . . . . . . . .EAVL Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
1
1-888-INTERSIL or 321-724-7143 | Copyright
(c) Intersil Corporation 2000
MUR3040PT, RURH1540CC, MUR3060PT, RURH1560CC
Electrical Specifications
SYMBOL VF (Per Leg) TC = 25oC, Unless Otherwise Specified MUR3040PT, RURH1540CC TEST CONDITION IF = 15A IF = 15A, TC = 150oC IR VR = 400V VR = 600V VR = 400V, TC = 150oC VR = 600V, TC = 150oC trr IF = 1A, dIF/dt = 100A/s IF = 15A, dIF/dt = 100A/s ta tb RJC DEFINITIONS VF = Instantaneous forward voltage (pw = 300s, D = 2%). IR = Instantaneous reverse current. trr = Reverse recovery time at dIF/dt = 100A/s (See Figure 6), summation of ta + tb. ta = Time to reach peak reverse current at dIF/dt = 100A/s (See Figure 6). tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 6). RJC = Thermal resistance junction to case. pw = pulse width. D = duty cycle. IF = 15A, dIF/dt = 100A/s IF = 15A, dIF/dt = 100A/s MIN TYP 30 17 MAX 1.25 1.12 100 500 55 60 1.5 MUR3060PT, RURH1560CC MIN TYP 30 20 MAX 1.5 1.2 100 500 55 60 1.5 UNITS V V A A A A ns ns ns ns
oC/W
Typical Performance Curves
80 500 100 IR, REVERSE CURRENT (A) IF, FORWARD CURRENT (A) 175oC 10
10
175oC 100oC 25oC
1.0
100oC
0.1
0.01 25oC
1 0 0.5 1.0 VF, FORWARD VOLTAGE (V) 1.5 2.0
0.001 0 100 200 300 400 500 600 VR, REVERSE VOLTAGE (V)
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
2
MUR3040PT, RURH1540CC, MUR3060PT, RURH1560CC Typical Performance Curves
IF(AV) , AVERAGE FORWARD CURRENT (A) 60 50 40 t, TIME (ns) 30 ta 20 10 0 1 IF, FORWARD CURRENT (A) 10 20 tb 16 14 DC 12 10 8 6 4 2 0 120 SQ. WAVE
trr
130
140
150
160
170
180
TC, CASE TEMPERATURE (oC)
FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. CURRENT DERATING CURVE
Test Circuits and Waveforms
VGE AMPLITUDE AND RG CONTROL dIF/dt t1 AND t2 CONTROL IF L
DUT RG VGE t1 t2
CURRENT SENSE + VDD 0
IF
dIF dt ta
trr tb
IGBT
-
0.25 IRM IRM
FIGURE 5. trr TEST CIRCUIT
I = 1A L = 40mH R < 0.1 EAVL = 1/2LI2 [VR(AVL) /(VR(AVL) - VDD)] Q1 = IGBT (BVCES > DUT VR(AVL)) L CURRENT SENSE Q1 VDD DUT R + VDD IV
FIGURE 6. trr WAVEFORMS AND DEFINITIONS
VAVL
IL
IL
t0 t1 t2 t
FIGURE 7. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 8. AVALANCHE CURRENT AND VOLTAGE WAVEFORMS
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com 3


▲Up To Search▲   

 
Price & Availability of MUR3040PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X