Part Number Hot Search : 
BH3563FV LF502RU TL431G TL494CPW N755BURT C5682 CAT5119 LV1017
Product Description
Full Text Search
 

To Download MUR3005WT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MUR3005WT THRU MUR3060WT
30 Amp Super Fast Recovery Rectifier 200 to 600 Volts
TO-247
E Q B U A R 1 2 3 P K C 4 L
High Surge Capability Low Forward Voltage Drop High Current Capability Super Fast Switching Speed For High Efficiency
* *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Part Number MUR3005WT MUR3010WT MUR3020WT MUR3040WT MUR3060WT Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V Maximum RMS Voltage 35V 70V 140V 280V 420V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 30 A TC = 100C Current Peak Forward Surge IFSM 300A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage 1.05V IFM = 15.0A; MUR3005WT-3020WT VF 1.30V T C = 25C MUR3040WT 1.70V MUR3060WT Maximum DC 10A TC = 25C Reverse Current At IR 500A TC = 125C Rated DC Blocking Voltage Maximum Reverse Recovery Time MUR3005WT-3040WT Trr 50ns I F=0.5A, IR=1.0A, MUR3060WT 80ns I rr=0.25A *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
F V D G
PIN 1. PIN 2. PIN 3. PIN 4. ANODE CATHODE ANODE CATHODE
DIMENSIONS DIM A B C D E F G H J K L P Q R U V INCHES MIN .803 .608 .185 .043 .059 .071 .215 .101 .019 .613 .286 .122 .138 .130 .209 .120 MAX .823 .628 .205 .051 .064 .086 BSC .130 .027 .633 .295 .133 .145 .150 BSC .134 MM MIN 20.40 15.44 4.70 1.09 1.50 1.80 5.45 2.56 0.48 15.57 7.26 3.10 3.50 3.30 5.30 3.05 MAX 20.90 15.95 5.21 1.30 1.63 2.18 BSC 2.87 0.68 16.08 7.50 3.38 3.70 3.80 BSC 3.40
H J
NOTE
www.mccsemi.com
MCC
MUR3005WT thru MUR3060WT
Figure 1 Typical Forward Characteristics @ TJ = 25 C 2000 1000 600 400 200 25C Amps 100 60 40 20 10 6 4 2 1 1.8 1.2 1.4 1.6 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 0.8 1.0 Amps 100 60 40 20 10 6 4 2 1 1.8 1.2 1.4 1.6 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 0.8 1.0 100C MUR3005WT-3020WT MUR3040WT MUR3060WT Figure 2 Typical Forward Characteristics @ TJ = 100C 2000 1000 600 400 200 MUR3005WT-3020WT MUR3040 MUR3060
Figure 3 Forward Derating Curve 60 50
40
30 Amps 20 10
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 130 140 150 160 170 180
0
C Average Forward Rectified Current Per Leg - Amperes versus Case Temperature - C
www.mccsemi.com
MCC
MUR3005WT thru MUR3060WT
Figure 4 Typical Reverse Characteristics 100 60 40 20 TJ =100C 10 6 4 2 Amps 1 .6 .4 .2 TJ =25C .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 7 Reverse Recovery Time Characteristic And Test Circuit Diagram 50 10 trr 100 120 140 Amps 300 200 100 0 1 2 4 6 8 10 20 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 40 60 80100 Figure 5 Peak Forward Surge Current 600 500 400
+0.5A 0 25Vdc Pulse Generator Note 2 1 Notes: 1. Rise Time = 7ns max. Input impedance = 1 megohm, 22pF 2. Rise Time = 10ns max. Source impedance = 50 ohms 3. Resistors are non-inductive Oscilloscope Note 1 -0.25
-1.0 1cm Set Time Base for 20/100ns/cm
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MUR3005WT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X