Part Number Hot Search : 
62C1804 YD7312 SDM60XX 1N980D HUL7281 SIR424DP 70013 BA5600U
Product Description
Full Text Search
 

To Download MQC02009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical
Accessory Products
Temperature Sensors
Temperature Sensors
Description
Power-One offers a wide range of battery charger systems for power requirements of 50 Watt up to 8000 Watt. For this purpose Power-One supplies temperature sensors and adapted power supplies. The batteries (lead acid batteries) are charged according to the battery temperature and the ambient temerature. If the battery is fully charged it is maintained at the float charge voltage which represents the optimum point for maximum available energy in case of
Cell voltage [V] 2.45 2.40 2.35 2.30 2.25 2.20 2.15 2.10 -20 [C] 50
need and optimum life expectancy of the battery. The type of sensor needed is defined mainly by three parameters: The nominal battery voltage (e.g. 24 V or 48 V), the temperature coefficient of the battery (e.g. -3.0 mV/K/cell) and the nominal floating charge voltage per cell of the battery at 20C (e.g. 2.27 V/cell). The latter two are defined in the specifications of the battery given by the respective battery manufacturer.
06139
-10
0
10
20
30
40
UC = 2.27 V, -3 mV/K UC = 2.23 V, -3 mV/K
UC = 2.27 V, -3.5 mV/K UC = 2.23 V, -3.5 mV/K
Fig. 1 Float charge voltage versus temperature for defined temperature coefficient.
03099
Vi+ Vi-
Power supply
Vo+ Vo- R /UCR input
Load
Temperature sensor
Fig. 2 Functional description
Table of Contents
Description ....................................................................... 1 Temperature Sensors for T and U units ........................... 1 Mechanical Dimensions ................................................... 2
Edition 5/06.2001
+ -
Battery
Page
Page Temperature Sensors for M, H, S, K, KP, PSx, LW, OK Units .................................. 3 Mechanical Dimensions ................................................... 3 Fail Safe Operation .......................................................... 4
1/4
Electrical
Accessory Products
Temperature Sensors
Temperature Sensors for T and U units
T and U units feature a cell voltage selector switch (feature Z) to set the required floating charge voltage at 20C directly at the unit. If this Z switch is used the 2.23 V/cell sensor types should be selected in any case as a basis and the selection criteria are only the temperature coefficient of the battery and the nominal battery voltage. If for example a 24 V battery is used which has a cell voltage of 2.27 V/cell and a temperature coefficient of -3.5 mV/K/cell, the sensor type is S24-2.23-35-02. The setting on the Z switch of the T or U unit should be 2.27. For units without the Z selector switch a sensor according to both criteria should be selected. In our example it would be S24-2.27-35-02. For further details please consult the T or U datasheet.
Table 1: Type survey T sensors
Nominal battery voltage [V] 24 24 24 36 36 36 48 48 48 48 48 48 48 Sensor type S24-2.23-30-02 S24-2.23-35-02 S24-2.23-45-02 S36-2.23-30-02 S36-2.23-35-02 S36-2.27-35-02 S48-2.23-30-02 S48-2.23-35-02 S48-2.23-40-02 S48-2.23-45-02 S48-2.27-30-02 S48-2.27-35-02 S48-2.27-45-02 Part no. MQC02052 MQC02053 MQC02051 MQC02081 MQC02082 MQC02083 MQC02008 MQC02009 MQC02013 MQC02012 MQC02010 MQC02007 MQC02006 Cell voltage [mV] 2.23 2.23 2.23 2.23 2.23 2.27 2.23 2.23 2.23 2.23 2.27 2.27 2.27 Temp. coefficient [mV/K/cell] -3.0 -3.5 -4.5 -3.0 -3.5 -3.5 -3.0 -3.5 -4.0 -4.5 -3.0 -3.5 -4.5 Cable length [m] 2 2 2 2 2 2 2 2 2 2 2 2 2
Other types for different cell voltages or temperature coefficients are available upon request.
05064 05148
+
-- Sensor wires
Sensor Temperature sensor cable U Ucr Vo+ + -- Vo- Battery 2 white 1 brown 9 green
+
- Sensor wires
Sensor Temperature sensor cable
i/Ucr Vo+ Vo--
28 white 12 brown 22 green
+
-
Battery
Fig. 3: Connection to the T unit.
Fig. 4: Connection to the U unit.
Mechanical Dimensions
All dimensions in mm, tolerances 0.3 mm unless otherwise specified.
15 25 0.2 12
09044
European Projection
l l: 2 m standard length other cable lengths on request
60
adhesive tape
Fig. 5 T and U temperature sensor with mounting fixture.
Edition 5/06.2001 2/4
14.5
Electrical
Temperature Sensors for M, H, S, K, KP, PSx, W, OK Units
Accessory Products
Temperature Sensors
With M, H, S, K, KP, PSx, W and OK units the sensor signal acts on the R pin to adjust the output voltage relative to the battery temperature and the ambient temperature. As these units in contrast to the T and U units do not feature a cell voltage selector switch (Z switch) the sensor selection criteria is in every case both the cell voltage and the temperature coefficient (beside the nominal battery voltage). If the application uses for example a 48 V battery with a cell voltage of 2.23 V/cell and a temperature coefficient of -3.0mV/K/cell the sensor S-KSMH48-2.23-30-2 should be selected.
Table 2: Type survey S-KSMH sensors
Nominal battery voltage [V] 12 24 24 48 48 Sensor type S-KSMH12-2.27-30-2 S-KSMH24-2.27-35-2 S-KSMH24-2.27-30-2 S-KSMH48-2.27-35-2 S-KSMH48-2-27-30-2 Part no. MQC03005 MQC03002 MQC03004 MQC03001 MQC03003 Cell voltage [mV] 2.27 2.27 2.27 2.27 2.27 Temp. coefficient [mV/K/cell] -3.0 -3.5 -3.0 -3.5 -3.0 Cable length [m] 2 2 2 2 2
Other types for different cell voltages or temperature coefficients are available upon request.
05163
+
- Sensor wires
Sensor Temperature sensor cable
R Vo+ Vo-
white brown green
+
-
Battery
Fig. 6 Connection to a M, H, S, K, KP, LW or OK unit.
Mechanical Dimensions
All dimensions in mm, tolerances 0.3 mm unless otherwise specified.
European Projection
S90051
55 (2.17")
26 (1.02")
Fig. 7 S-KSMH temperature sensor.
Edition 5/06.2001
9.8 (0.4")
3/4
Electrical
Fail Safe Operation
Accessory Products
Table 3:
Nominal battery voltage [V] 12 24 36 48 60
Temperature Sensors
To prevent overcharging of the battery but still maintain a minimum charging in case of interruption of the sensor signal cable to the power supply, Power-One has designed units with a special nominal output voltage setting. These units differ from the respective standard units described in the datasheet in the nominal output voltage and output current settings. Without the sensor connected to the R pin the output voltage will be higher than the nominal battery voltage to avoid a discharging of the battery but still lower than the theoretically needed float charge voltage. As soon as the sensor is connected to the R pin the output voltage will be set to the correct value.
Output voltage setting (20C) [V] 12.84 25.68 38.52 51.36 64.2
Tabel 4: Special units for battery charging
Ubatt [V]
12 24 36 48 60
Po 50 Watt
LM 1781-7R LM 1782-7R LM 1783-7R LM 1784-7R LM 1785-7R
Po 70 Watt
LH 1781-2R LH 1782-2R LH 1783-2R LH 1784-2R LH 1785-2R
Po 100 Watt
LS 4740-7R LS 5740-7R
Po 150 Watt
LK 4740-7R LK 5740-7R
Po 250 Watt
LKP 5740-6R
LS 5740-7R
LK 5740-7R
LKP 5740-6R
Higher power requirements can be covered by paralleling of these units. Complete microprocessor controlled systems of un-interuptable power suplies (UPS) are realized by our Applications Center. Please consult your local Power-One representant.
Edition 5/06.2001
4/4


▲Up To Search▲   

 
Price & Availability of MQC02009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X