Part Number Hot Search : 
N10A0 SA100A LCX29 M5450 2001834 CSR1206 TS555 TS555
Product Description
Full Text Search
 

To Download MPIC2131 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MPIC2131/D
Power Products Division
Advance Information
3-HIGH SIDE & 3-LOW SIDE DRIVER
The MPIC2131 is a high voltage, high speed, power MOSFET and IGBT driver with three independent high side and low side referenced output channels for 3-Phase applications. Proprietary HVIC technology enables ruggedized monolithic construction. Logic inputs are compatible with 5 V CMOS or LSTTL outputs. A ground referenced operational amplifier provides an analog feedback of bridge current via an external current sense resistor. A current trip function which terminates all six outputs is also derived from an external current sense resistor. An extra shutdown input is provided for customizing the shutdown function. An open drain FAULT signal is provided to indicate that any of shutdown conditions has occurred. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in high frequency applications. The floating channels can be used to drive N-channel power MOSFET or IGBT's in the high side configuration which operate from 10 to 600 volts.
MPIC2131
3 HIGH SIDE & 3 LOW SIDE DRIVER
28 1
* * * * * * * * * *
Floating Channel Designed for Bootstrap Operation Fully Operational to +600 V Tolerant to Negative Transient Voltage dV/dt Immune Gate Drive Supply Range from 10 to 20 V Undervoltage Lockout for All Channels Over-current Shut Down Turns Off All Six Drivers Independent 3 High Side & 3 Low Side Drivers Matched Propagation Delay for All Channels Outputs Out of Phase with Inputs
P SUFFIX PLASTIC PACKAGE CASE 710-02
PIN CONNECTIONS
1 2 3 4 5 VCC HIN1 HIN2 HIN3 LIN1 LIN2 LIN3 FAULT ITRIP FLT+CLR SD VSS COM LO3 (TOP VIEW) VB1 28 HO1 27 VS1 26 25 VB2 24 HO2 23 VS2 22 21 VB3 20 HO3 19 VS3 18 17 LO1 16 LO2 15
PRODUCT SUMMARY
VOFFSET IO+/- VOUT ton/off (typical) Delay Matching 600 V MAX 200 mA/420 mA 10 - 20 V 1.4 & 0.7 ms 700 ns
6 7 8 9 10 11 12 13 14
ORDERING INFORMATION
Device
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Package PDIP
MPIC2131P
REV 1
(c) Motorola Power Motorola, Inc. 1996
Products Division Advanced Data
1
MPIC2131
SIMPLIFIED BLOCK DIAGRAM
HIN1 HIN2 HIN3 LIN1 LIN2 LIN3 FLT-CLR SD FAULT FAULT LOGIC
H1 INPUT SIGNAL L1 GENERATOR
PULSE GENERATOR LEVEL SHIFTER
SET
LATCH DRIVER
VB1 HO1 VS1 VB2 DRIVER HO2 VS2 VB3 DRIVER HO3 VS3 VCC DRIVER
UV RESET DETECTOR
H2 INPUT SIGNAL L2 GENERATOR
PULSE GENERATOR LEVEL SHIFTER
SET
LATCH
UV RESET DETECTOR
H3 INPUT SIGNAL L3 GENERATOR
PULSE GENERATOR LEVEL SHIFTER
SET
LATCH
UV RESET DETECTOR
VSS
UNDER- VOLTAGE DETECTOR DRIVER CURRENT COMPARATOR
LO1
ITRIP
LO2
0.5 V VSS
DRIVER
LO3 COM
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air conditions. Rating High Side Floating Absolute Voltage High Side Floating Supply Offset Voltage High Side Floating Output Voltage Low Side Output Voltage Fixed Supply Voltage Fixed Supply Offset Voltage Logic Input Voltage (HIN-, LIN-, FLT-, CLR-, SD & ITRIP) Fault Output Voltage Allowable Offset Supply Voltage Transient *Package Power Dissipation @ TC +25C (28 Lead DIP) Operating and Storage Temperature Thermal Resistance, Junction to Ambient (8 Lead DIP) Lead Temperature for Soldering Purposes, 10 seconds Symbol VB1,2,3 VS1,2,3 VHO1,2,3 VLO1,2,3 VCC VSS VIN FAULT dVS/dt PD Tj, Tstg RJA TL Min -0.3 VB1,2,3-25 VS1,2,3-0.3 -0.3 -0.3 VCC-25 VSS-0.3 VSS-0.3 - - -55 - - Max 625 VB1,2,3+0.3 VB1,2,3+0.3 VCC+0.3 25 VCC+0.3 VCC+0.3 VCC+0.3 50 1.5 150 83 260 Unit VDC
V/ns Watt C C/W C
2
Motorola Power Products Division Advanced Data
MPIC2131
RECOMMENDED OPERATING CONDITIONS
The Input/Output logic timing Diagram is shown in Figure 1. For proper operation the device should be used within the recommended conditions. The VS offset rating is tested with all supplies biased at 15 V differential. High Side Floating Supply Absolute Voltage High Side Floating Supply Offset Voltage High Side Floating Output Voltage Fixed Supply Voltage Low Side Output Voltage Low Side Driver Return Logic Input Voltage (HIN-, LIN-, FLT-CLR, SD & ITRIP) Fault Output Voltage Ambient Temperature VB1,2,3 VS1,2,3 VHO1,2,3 VCC VLO1,2,3 VSS VIN FAULT- VS1,2,3+10 Note 1 VS1,2,3 10 0 -5 VSS VSS -40 VS1,2,3+20 VSO+600 VB1,2,3 20 VCC 5 5 VCC 125 V V V V V V V V C
TA Note 1: Logic operational for VS of -5 V to +600 V. Logic state held for VS of -5 V to -VBS.
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise specified)
Characteristic Symbol Min Typ Max Unit STATIC ELECTRICAL CHARACTERISTICS VBIAS (VCC, VBS1,2,3) = 15 V and VSS = COM unless otherwise specified. The VIN, VTH and IIN parameters are referenced to VSS and are applicable to all six channels (HS1,2,3 & LS1,2,3). The VO and IO parameters are referenced to COM and VSO1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3. Logic "0" Input Voltage (OUT = LO) Logic "1" Input Voltage (OUT = HI) Logic "0" Fault Clear Input Voltage Logic "1" Fault Clear Input Voltage SD Input Positive Going Threshold SD Input Negative Going Threshold ITRIP Input Positive Going Threshold ITRIP Input Negative Going Threshold High Level Output Voltage, VBIAS-VO @ VIN = 0 V, IO = 0 A Low Level Output Voltage, VO @ VIN = 5 V, IO = 0 A Offset Supply Leakage Current @ VB1,2,3 = VS1,2,3 = 600 V Quiescent VBS Supply Current @ VIN = 0 V or 5 V Quiescent VCC Supply Current @ VIN = 0 V or 5 V Logic "1" Input Bias Current (OUT = HI) @ VIN = 0 V Logic "0" Input Bias Current (OUT = LO) @ VIN = 5 V "High" ITRIP Bias Current @ ITRIP = 5 V "Low" ITRIP Bias Current @ ITRIP = 0 V Logic "1" Fault Clear Bias Current @ FLT-CLR = 0 V Logic "0" Fault Clear Bias Current @ FLT-CLR = 5 V Logic "1" Shut Down Bias Current @ SD = 5 V Logic "0" Shut Down Bias Current @ SD = 5 V VBS Supply Undervoltage Positive Going Threshold VBS Supply Undervoltage Negative Going Threshold VCC Supply Undervoltage Positive Going Threshold VCC Supply Undervoltage Negative Going Threshold FAULT - Low On Resistance Output High Short Circuit Pulsed Current @ Vout = 0 V, Vin = 0 V, PW 10 s Output Low Short Circuit Pulsed Current @ Vout = 15 V, Vin = 5 V, PW 10 s VIH VIL VFCLR,IH VFCLR,IL VSD,TH+ VSD,TH- VIT,TH+ VIT,TH- VOH VOL ILK IQBS IQCC IIN+ IIN- ITRIP+ ITRIP- IFCLR+ IFCLR- ISD+ ISD- VBSUV+ VBSUV- VCCUV+ VCCUV- Ron,FLT IO+ IO- 2.2 - 2.2 - - - - - - - - - - - - - - - - - - - - - - - 200 420 - - - - 1.8 1.5 485 400 - - - 30 3.0 190 100 60 - 190 100 60 - 8.6 8.2 9.0 8.7 55 250 500 - 0.8 - 0.8 - - - - 100 100 50 - - - - - 50 - - - 150 - - - - - - - V V V V V V mV mV mV mV A A mA A A A nA A A A nA V V V V mA mA
Motorola Power Products Division Advanced Data
3
MPIC2131
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise specified)
Characteristic Symbol Min Typ Max Unit DYNAMIC ELECTRICAL CHARACTERISTICS VBIAS (VCC, VBS1,2,3) = 15 V, VSO1,2,3 = VSS and CL = 1000 pF unless otherwise specified. TA = 25C. Turn-On Propagation Delay @ VIN = 0 & 5 V, VS1,2,3 = 0 V to 600 V Turn-Off Propagation Delay @ VIN = 0 & 5 V, VS1,2,3 = 0 V to 600 V Turn-On Rise Time @ VIN = 0 & 5 V, VS1,2,3 = 0 V to 600 V Turn-On Fall Time @ VIN = 0 & 5 V, VS1,2,3 = 0 V to 600 V ITRIP to Output Shutdown Propagation Delay @ VIN, VITRIP = 0 & 5 V ITRIP Blanking Time @ ITRIP = 1 V ITRIP to FAULT- Propagation Delay @ VIN, VITRIP = 0 & 5 V Input Filter Time (all six inputs) @ VIN = 0 & 5 V FLT-CLR to FAULT Clear Time @ VIN, VIT, VFC = 0 & 5 V SD to OUTPUT Shutdown Propagation Delay @ VIN, VSD = 0 & 5 V Deadtime, LS Turn-Off to HS Turn-On & HS Turn-Off to LS Turn-On @ VIN = 0 & 5 V ton toff tr tf titrip tbl tflt tflt,in tfltclr tsd DT - - - - - - - - - - - 1.4 0.7 80 40 550 400 450 310 450 550 700 - - - - - - - - - - - s s ns ns ns ns ns ns ns ns ns
TYPICAL CONNECTION
10 TO 600 V
VCC HIN1,2,3 LIN1,2,3 FAULT ITRIP FLT-CLR SD VSS COM
VB1,2,3 HO1,2,3 VS1,2,3 TO LOAD
LO1,2,3
LEAD DEFINITIONS
Symbol HIN1,2,3 LIN1,2,3 FLT-CLR SD FAULT ITRIP VSS VB1,2,3 HO1,2,3 VS1,2,3 VCC LO1,2,3 COM Lead Description Logic Inputs for High Side Gate Driver Outputs (HO1,2,3), Out of Phase Logic Inputs for Low Side Gate Driver Outputs (LO1,2,3), Out of Phase Logic Inputs for Fault Clear Logic Input for Shut Down Indicates Over-current, Shut Down or Low Side Undervoltage Condition, Negative Logic Input for Over-current Shut Down Logic Ground High Side Floating Supplies High Side Gate Drive Outputs High Side Floating Supply Returns Logic and Low Side Fixed Supply Low Side Gate Drive Outputs Low Side Return
4
Motorola Power Products Division Advanced Data
MPIC2131
HIN LIN ITRIP SD FLT-CLR FAULT HO LO HO LO 10% 10% ton HIN LIN 50% 50%
tr 90%
toff 90%
tf
Figure 1. Input / Output Timing Diagram
Figure 2. Switching Time Waveform Definitions
HIN 50% LIN 50%
LIN2 ITRIP SD FLT-CLR 50% 50% tflt titrip 50% tfltclr tsd 50% 50% 50% 50%
LO 50% HO LO2 DT DT 50% FAULT
Figure 3. Deadtime Waveform Definitions
Figure 4. Shutdown Waveform Definitions
Motorola Power Products Division Advanced Data
5
MPIC2131
PACKAGE DIMENSIONS
28
15
B
1 14
NOTES: 1. POSITIONAL TOLERANCE OF LEADS (D), SHALL BE WITHIN 0.25 (0.010) AT MAXIMUM MATERIAL CONDITION, IN RELATION TO SEATING PLANE AND EACH OTHER. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 36.45 37.21 13.72 14.22 3.94 5.08 0.36 0.56 1.02 1.52 2.54 BSC 1.65 2.16 0.20 0.38 2.92 3.43 15.24 BSC 0_ 15_ 0.51 1.02 INCHES MIN MAX 1.435 1.465 0.540 0.560 0.155 0.200 0.014 0.022 0.040 0.060 0.100 BSC 0.065 0.085 0.008 0.015 0.115 0.135 0.600 BSC 0_ 15_ 0.020 0.040
A N
C
L
H
G
F D
K
SEATING PLANE
M
J
CASE 710-02 ISSUE B
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
6
Motorola Power Products Division Advanced Data
*MPIC2131/D*
MPIC2131/D


▲Up To Search▲   

 
Price & Availability of MPIC2131

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X