Part Number Hot Search : 
C1100 CT138 1761B SMF7V0A 2SK3378 ZX84C3V6 30FQ040 GS204U
Product Description
Full Text Search
 

To Download MM74HCT14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM74HCT14 Hex Inverting Schmitt Trigger
September 1983 Revised April 1999
MM74HCT14 Hex Inverting Schmitt Trigger
General Description
The MM74HCT14 utilizes advanced silicon-gate CMOS technology to achieve the low power dissipation and high noise immunity of standard CMOS, as well as the capability to drive 10 LS-TTL loads. The 74HCT logic family is functionally and pinout compatible with the standard 74LS logic family. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground.
Features
s Typical propagation delay: 13 ns s Wide power supply range: 2-6V s Low quiescent current: 10 A maximum s Low input current: 1 A maximum s Fanout of 10 LS-TTL loads s Typical hysteresis voltage: 0.9V at VCC = 4.5V s TTL, LS pin-out and input threshold compatible
Ordering Codes:
Order Number MM74HCT14M MM74HCT14SJ MM74HCT14MTC MM74HCT14N Package Number M14A M14D MTC14 N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Schematic Diagram
Top View
(c) 1999 Fairchild Semiconductor Corporation
DS500059.prf
www.fairchildsemi.com
MM74HCT14
Absolute Maximum Ratings(Note 1)
(Note 2) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Lead Temperature (TL) (Soldering 10 seconds) 260C -0.5 to +7.0V -1.5 to VCC + 1.5V -0.5 to VCC + 0.5V 20 mA 25 mA 50 mA -65C to +150C
Recommended Operating Conditions
Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) 0 -40 VCC +85 V C 2 Max 6 Units V
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground.
DC Electrical Characteristics (Note 3)
Symbol VT+ Parameter Positive Going Threshold Voltage Maximum VT- Negative Going Threshold Voltage Maximum VH Hysteresis Voltage Minimum Maximum V OH Minimum HIGH Level Output Voltage VIN = VIL |IOUT| = 20 A |IOUT| = 4.0 mA, VCC = 4.5V |IOUT| = 4.8 mA, VCC = 5.5V VOL Maximum LOW Level Voltage VIN = VIH |IOUT| = 20 A |IOUT| = 4.0 mA, VCC = 4.5V |IOUT| = 4.8 mA, VCC = 5.5V IIN ICC Maximum Input Current Maximum Quiescent Supply Current VIN = VCC or GND VIH or VIL VIN = VCC or GND IOUT = 0 A VIN=2.4V or 0.5V (Note 3) 5.5V 5.5V 0 0.2 0.2 0.1 0.26 0.26 0.1 1.0 2.4 0.1 0.33 0.33 1.0 10 2.4 V V V A A mA VCC 4.2 5.2 VCC- 0.1 3.98 4.98 VCC - 0.1 3.84 4.98 V V V Minimum Minimum Conditions VCC 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V 4.5V 5.5V TA = 25C Typ 1.5 1.7 1.5 1.7 0.9 1.0 0.9 1.0 0.6 0.7 0.6 0.7 1.2 1.4 1.9 2.1 0.5 0.6 1.2 1.4 0.4 0.4 1.4 1.5 TA = -40 to 85C Guaranteed Limits 1.2 1.4 1.9 2.1 0.5 0.6 1.2 1.4 0.4 0.4 1.4 1.5 Units V V V V V V V V V V V V
Note 3: For a power supply of 5V 10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
www.fairchildsemi.com
2
MM74HCT14
AC Electrical Characteristics
VCC = 5V, TA = 25C, CL = 15 pF, tr = tf = 6 ns Symbol tPHL, tPLH Parameter Maximum Propagation Delay Conditions Typ 10 Guaranteed Limit 18 Units ns
AC Electrical Characteristics
VCC= 5V 10%, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified) Symbol tPHL, tPLH tTLH, tTHL CPD CIN Parameter Maximum Propagation Delay Maximum Output Rise and Fall Time Power Dissipation Capacitance (Note 4) Maximum Input Capacitance 5 10 10 pF
Note 4: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f+ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f+ICC.
Conditions
TA = 25 Typ 20 9 15 25
TA = -40 to 85C Guaranteed Limits 25 19
Units ns ns pF
(per gate)
Typical Performance Characteristics
Input Threshold, VT+, VT-, vs Power Supply Voltage Propagation Delay vs Power Supply
Typical Applications
Low Power Oscillator
Note: The equations assume t1+t2>>tpd0 +tpd1
3
www.fairchildsemi.com
MM74HCT14
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow Package Number M14A
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
www.fairchildsemi.com
4
MM74HCT14
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
5
www.fairchildsemi.com
MM74HCT14 Hex Inverting Schmitt Trigger
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of MM74HCT14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X