Part Number Hot Search : 
1H333J ICL7663 61030 W4XME1C MC1455P1 DBF150 GN1A4Z V2044
Product Description
Full Text Search
 

To Download MELFSM5818 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MELFSMA5817-5819
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 20 to 40 Volts CURRENT - 1.0 Ampere
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Terminals: Solder plated solderable per MIL-STD-202E, Method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.12 gram
FEATURES
* High current capability * Ideal for surface mounted applications * Low leakage current for high efficiency
SM-1(DO-213AB)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
PARAMETER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TA = 25 Peak Forward Surge Current: 8.3 ms single half sine-wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage at 1.0A DC @TA = 25 Maximum DC Reverse Current at Rated DC Blocking Voltage @TA = 100 Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance ( Note 2 ) Operating and Storage Temperature Range
Notes:
SYMBOL SM5817 SM5818 SM5819 UNITS
VRRM VRMS VDC IO IFSM VF IR CJ RJL TJ,TSTG 0.45 20 14 20 30 21 30 1.0 25 0.55 1.0 10 110 75 -65 to +125 0.60 40 28 40 Volts Volts Volts Amps Amps Volts mAmps pF /W
1. Measured at 1 MHz and applied reverse voltage of 4.0 volts 2. Thermal Resistance from Junction to Ambient, 0.24"2(6.0mm2) copper pads to each Terminal.
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
MELFSMA5817-5819
RATING AND CHARACTERISTIC CURVES
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of MELFSM5818

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X