Part Number Hot Search : 
C2510 TC90A67F 1A101 0402C TIC225S ATRO420 STA472A TYPETE
Product Description
Full Text Search
 

To Download ME501210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ME501210 ME501610
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Three-Phase Diode Bridge Modules
100 Amperes/1200-1600 Volts
A B G G
M - DIA. (2 TYP.) + -
J H
C
Description: Powerex Three-Phase Diode Bridge Modules are designed for use in three-phase bridge applications. The modules are isolated consisting of six rectifier diodes. Features: Isolated Mounting
K
N - M5 THD (5 TYP.)
D
E
LF
Planar Chips
ME501210, ME501610 Three-Phase Diode Bridge Modules 100 Amperes/1200-1600 Volts
Applications: Inverters DC Power Supplies AC Motor Control Front End Ordering Information: Select the complete eight digit module part number you desire from the table below. Example: ME501210 is a 1200 Volt, 100 Ampere ThreePhase Diode Bridge Module.
Type ME50 Voltage Volts (x100) 12 16 Current Rating Amperes (x10) 10
Outline Drawing
Dimension A B C D E F G H J K L M N
Inches 3.15 2.6770.010 1.57 1.18 1.16 1.04 0.79 0.45 0.41 0.39 0.31 0.216 Dia. M5 Metric
Millimeters 80 680.25 40 30 29.5 26.5 20 11.5 10.5 10 8 Dia. 5.5 M5
D-83
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 ME501210, ME501610 Three-Phase Diode Bridge Modules 100 Amperes/1200-1600 Volts
Absolute Maximum Ratings
Characteristics Peak Reverse Blocking Voltage Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms DC Reverse Blocking Voltage DC Output Current, TC = 102C Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz) Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz) I2t (for Fusing), 8.3 milliseconds Storage Temperature Operating Temperature Maximum Mounting Torque M6 Mounting Screw Maximum Mounting Torque M5 Terminal Screw Module Weight (Typical) V Isolation Symbol VRRM VRSM VR(DC) IO IFSM IFSM I2t TSTG Tj -- -- -- VRMS ME501210 1200 1350 960 100 1000 910 4200 -40 to 125 -40 to 150 26 17 220 2500 ME501610 1600 1700 1280 100 1000 910 4200 -40 to 125 -40 to 150 26 17 220 2500 Units Volts Volts Volts Amperes Amperes Amperes A2sec C C in.-lb. in.-lb. Grams Volts
D-84
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 ME501210, ME501610 Three-Phase Diode Bridge Modules 100 Amperes/1200-1600 Volts
Electrical and Thermal Characteristics, Tj = 25C unless otherwise specified
Characteristics Blocking State Maximums Reverse Leakage Current, Peak Conducting State Maximums Peak On-State Voltage Thermal Maximums Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink (Lubricated) Symbol IRRM VFM R (J-C) R (C-S) Test Conditions Tj = 150C, VRRM = Rated IFM = 100A Per Module Per Module ME501210/ME501610 10 1.2 0.2 0.06 Units mA Volts C/Watt C/Watt
D-85
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 ME501210, ME501610 Three-Phase Diode Bridge Modules 100 Amperes/1200-1600 Volts
MAXIMUM ON-STATE CHARACTERISTICS
INSTANTANEOUS ON-STATE VOLTAGE, VFM, (VOLTS)
MAXIMUM ALLOWABLE PEAK SURGE (NON-REPETITIVE) CURRENT
MAXIMUM ALLOWABLE CASE TEMPERATURE, TC, (oC)
MAXIMUM ALLOWABLE CASE TEMPERATURE
2.0
MAXIMUM PEAK SURGE (NON-REPETITIVE) CURRENT, IFSM, (AMPERES)
1200
Tj = 25oC
160 150 140 130 120 110 100 90 80 0 0 20 40 60 80 100 120
DC OUTPUT CURRENT, IO, (AMPERES)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 100 101 102 103
INSTANTANEOUS ON-STATE CURRENT, IFM, (AMPERES)
1000 800 600 400 200 0 100
101
CYCLES AT 60 HZ
102
MAXIMUM ON-STATE POWER DISSIPATION
MAXIMUM POWER DISSIPATION, PAV(MAX), (WATTS)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (JUNCTION-TO-CASE)
TRANSIENT THERMAL IMPEDANCE, Z (J-C)(t), (oC/WATT)
300 250 200 150 100 50 0 0 20 40 60 80 100 120
DC OUTPUT CURRENT, IO, (AMPERES)
0.25
0.20
0.15
0.10
0.05
0 10-3
10-2
10-1
TIME, t, (SECONDS)
100
101
D-86


▲Up To Search▲   

 
Price & Availability of ME501210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X