Part Number Hot Search : 
HVC365 SMCJXXX TMP88 HER102 30500 MMBTA CD401 BAS21
Product Description
Full Text Search
 

To Download MC14012B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14012B B-Suffix Series CMOS Gates
The B Series logic gates are constructed with P and N channel enhancement mode devices in a single monolithic structure (Complementary MOS). Their primary use is where low power dissipation and/or high noise immunity is desired.
* Supply Voltage Range = 3.0 Vdc to 18 Vdc * All Outputs Buffered * Capable of Driving Two Low-power TTL Loads or One Low-power * *
Schottky TTL Load Over the Rated Temperature Range. Double Diode Protection on All Inputs Pin-for-Pin Replacements for Corresponding CD4000 Series B Suffix Devices
http://onsemi.com MARKING DIAGRAMS
14 PDIP-14 P SUFFIX CASE 646 1 MC14012BCP AWLYYWW
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 3.) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value - 0.5 to +18.0 - 0.5 to VDD + 0.5 10 500 - 55 to +125 - 65 to +150 260 Unit V V mA SOIC-14 D SUFFIX CASE 751A
14 14012B AWLYWW 1
14 mW C C C SOEIAJ-14 F SUFFIX CASE 965 1 A = Assembly Location WL or L = Wafer Lot YY or Y = Year WW or W = Work Week MC14012B AWLYWW
2. Maximum Ratings are those values beyond which damage to the device may occur. 3. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS (Vin or Vout) VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
ORDERING INFORMATION
Device MC14012BCP MC14012BD MC14012BDR2 MC14012BF MC14012BFEL Package PDIP-14 SOIC-14 SOIC-14 SOEIAJ-14 SOEIAJ-14 Shipping 2000/Box 55/Rail 2500/Tape & Reel See Note 1. See Note 1.
v
v
1. For ordering information on the EIAJ version of the SOIC packages, please contact your local ON Semiconductor representative.
(c) Semiconductor Components Industries, LLC, 2000
1
April, 2000 - Rev. 3
Publication Order Number: MC14012B/D
MC14012B
MC14012B Dual 4-Input NAND Gate
OUTA IN 1A IN 2A IN 3A IN 4A NC VSS 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD OUTB IN 4B IN 3B IN 2B IN 1B NC VDD = PIN 14 VSS = PIN 7 2 3 4 5 9 10 11 12
1
13 NC = 6, 8
NC = NO CONNECTION
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I I I I I I I I III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I III II IIII I III II IIII I II I III I I IIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I III II I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II IIII I
Characteristic Symbol VOL VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 15 -- - 55_C 25_C 125_C Min -- -- -- Max Min -- -- -- Typ
(4.)
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Max
Min -- -- --
Max
Unit Vdc
Output Voltage Vin = VDD or 0
"0" Level
0.05 0.05 0.05 -- -- --
0 0 0
0.05 0.05 0.05 -- -- --
0.05 0.05 0.05 -- -- --
"1" Level
VOH
Vin = 0 or VDD
4.95 9.95 14.95 -- -- --
4.95 9.95 14.95 -- -- --
5.0 10 15
4.95 9.95 14.95 -- -- --
Vdc
Input Voltage "0" Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) "1" Level (VO = 0.5 or 4.5 Vdc) (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc)
VIL
Vdc
1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- --
2.25 4.50 6.75 2.75 5.50 8.25
1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- --
1.5 3.0 4.0 -- -- -- -- -- -- -- -- -- --
VIH
Vdc
3.5 7.0 11
3.5 7.0 11
3.5 7.0 11
Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc)
IOH
mAdc
Source
- 3.0 - 0.64 - 1.6 - 4.2 0.64 1.6 4.2 -- -- -- -- --
- 2.4 - 0.51 - 1.3 - 3.4 0.51 1.3 3.4 --
- 4.2 - 0.88 - 2.25 - 8.8 0.88 2.25 8.8
- 1.7 - 0.36 - 0.9 - 2.4 0.36 0.9 2.4 -- -- -- -- --
Sink
IOL
mAdc
Input Current
Iin
0.1
0.00001
0.1 7.5
1.0 --
Adc pF
Input Capacitance (Vin = 0)
Cin
--IIII 5.0 -- -- -- --
Quiescent Current (Per Package)
IDD
5.0 10 15 5.0 10 15
0.25 0.5 1.0
0.0005 0.0010 0.0015
0.25 0.5 1.0
7.5 15 30
Adc
Total Supply Current (5.) (6.) (Dynamic plus Quiescent, Per Gate, CL = 50 pF)
IT
IT = (0.3 A/kHz) f + IDD/N IT = (0.6 A/kHz) f + IDD/N IT = (0.9 A/kHz) f + IDD/N
Adc
4. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 5. The formulas given are for the typical characteristics only at 25_C. 6. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL - 50) Vfk
where: IT is in A (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.001 x the number of exercised gates per package.
http://onsemi.com
2
MC14012B
B-SERIES GATE SWITCHING TIMES
III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I IIIII I IIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIII
Characteristic Symbol tTLH VDD Vdc Min -- -- -- -- -- -- -- -- -- Typ (8.) 100 50 40 100 50 40 160 65 50 Max 200 100 80 200 100 80 300 130 100 Unit ns Output Rise Time tTLH = (1.35 ns/pF) CL + 33 ns tTLH = (0.60 ns/pF) CL + 20 ns tTLH = (0.40 ns/PF) CL + 20 ns Output Fall Time tTHL = (1.35 ns/pF) CL + 33 ns tTHL = (0.60 ns/pF) CL + 20 ns tTHL = (0.40 ns/pF) CL + 20 ns 5.0 10 15 5.0 10 15 5.0 10 15 tTHL ns Propagation Delay Time tPLH, tPHL = (0.90 ns/pF) CL + 115 ns tPLH, tPHL = (0.36 ns/pF) CL + 47 ns tPLH, tPHL = (0.26 ns/pF) CL + 37 ns tPLH, tPHL ns 7. The formulas given are for the typical characteristics only at 25_C. 8. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 14 INPUT OUTPUT * CL VDD 20 ns INPUT tPHL OUTPUT INVERTING 90% 50% 10% tTHL tPLH 90% 50% 10% tTLH tPHL 90% 50% 10% tPLH VOH VOL VOH VOL 20 ns VDD 0V PULSE GENERATOR 7 VSS * All unused inputs of AND, NAND gates must be connected to VDD. All unused inputs of OR, NOR gates must be connected to VSS. OUTPUT NON-INVERTING tTLH tTHL
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
Figure 1. Switching Time Test Circuit and Waveforms
CIRCUIT SCHEMATIC
MC14012B One of Two Gates Shown
VDD
14 2, 9 * 3, 10 VSS 4, 11 5, 12 SAME AS ABOVE * Inverter omitted 7
VDD
1, 13
VSS
http://onsemi.com
3
MC14012B
TYPICAL B-SERIES GATE CHARACTERISTICS
N-CHANNEL DRAIN CURRENT (SINK)
5.0 - 10 - 9.0 ID , DRAIN CURRENT (mA) ID , DRAIN CURRENT (mA) 4.0 TA = - 55C - 40C + 85C + 25C 2.0 1.0 + 125C - 8.0 - 7.0 - 6.0 - 5.0 - 4.0 - 3.0 - 2.0 - 1.0 0 0 1.0 2.0 3.0 4.0 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) 5.0 0 0 - 1.0 - 2.0 - 3.0 - 4.0 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) - 5.0 + 85C - 40C + 25C TA = - 55C
P-CHANNEL DRAIN CURRENT (SOURCE)
3.0
+ 125C
Figure 2. VGS = 5.0 Vdc
20 18 ID , DRAIN CURRENT (mA) ID , DRAIN CURRENT (mA) 16 14 12 10 8.0 6.0 4.0 2.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) 9.0 10 TA = - 55C - 40C + 25C + 85C + 125C - 50 - 45 - 40 - 35 - 30 - 25 - 20 - 15 - 10 - 5.0 0 0
Figure 3. VGS = - 5.0 Vdc
TA = - 55C - 40C + 25C + 85C + 125C
- 1.0 - 2.0 - 3.0 - 4.0 - 5.0 - 6.0 - 7.0 - 8.0 - 9.0 - 10 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
Figure 4. VGS = 10 Vdc
50 45 40 35 30 25 20 15 10 5.0 0 0 2.0 4.0 6.0 8.0 10 12 14 16 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc) 18 20 + 125C TA = - 55C - 40C + 25C + 85C ID , DRAIN CURRENT (mA) ID , DRAIN CURRENT (mA) - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 0
Figure 5. VGS = - 10 Vdc
TA = - 55C - 40C + 25C + 85C + 125C
- 2.0 - 4.0 - 6.0 - 8.0 - 10 - 12 - 14 - 16 VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
- 18 - 20
Figure 6. VGS = 15 Vdc
Figure 7. VGS = - 15 Vdc
These typical curves are not guarantees, but are design aids. Caution: The maximum rating for output current is 10 mA per pin.
http://onsemi.com
4
MC14012B
TYPICAL B-SERIES GATE CHARACTERISTICS (cont'd)
VOLTAGE TRANSFER CHARACTERISTICS
V out , OUTPUT VOLTAGE (Vdc)
5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0
SINGLE INPUT NAND, AND MULTIPLE INPUT NOR, OR
V out , OUTPUT VOLTAGE (Vdc)
10 8.0 6.0 4.0 2.0 0 0 2.0 4.0
SINGLE INPUT NAND, AND MULTIPLE INPUT NOR, OR
SINGLE INPUT NOR, OR MULTIPLE INPUT NAND, AND
SINGLE INPUT NOR, OR MULTIPLE INPUT NAND, AND
3.0 4.0 5.0 Vin, INPUT VOLTAGE (Vdc)
6.0 8.0 10 Vin, INPUT VOLTAGE (Vdc)
Figure 8. VDD = 5.0 Vdc
Figure 9. VDD = 10 Vdc
16 V out , OUTPUT VOLTAGE (Vdc) 14 12 10 8.0 6.0 4.0 2.0 0 0 2.0 4.0 6.0 8.0 10 Vin, INPUT VOLTAGE (Vdc) SINGLE INPUT NOR, OR MULTIPLE INPUT NAND, AND SINGLE INPUT NAND, AND MULTIPLE INPUT NOR, OR
DC NOISE MARGIN
The DC noise margin is defined as the input voltage range from an ideal "1" or "0" input level which does not produce output state change(s). The typical and guaranteed limit values of the input values VIL and VIH for the output(s) to be at a fixed voltage VO are given in the Electrical Characteristics table. VIL and VIH are presented graphically in Figure 11. Guaranteed minimum noise margins for both the "1" and "0" levels = 1.0 V with a 5.0 V supply 2.0 V with a 10.0 V supply 2.5 V with a 15.0 V supply
Figure 10. VDD = 15 Vdc
Vout VO
VDD
Vout VO
VDD
VO VDD 0 VIL VIH Vin
VO VDD 0 VIL VSS = 0 VOLTS DC VIH Vin
(a) Inverting Function
(b) Non-Inverting Function
Figure 11. DC Noise Immunity
http://onsemi.com
5
MC14012B
PACKAGE DIMENSIONS
P SUFFIX PLASTIC DIP PACKAGE CASE 646-06 ISSUE M
14 8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10_ 0.015 0.039 MILLIMETERS MIN MAX 18.16 18.80 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10_ 0.38 1.01
A F N -T-
SEATING PLANE
L C
K H G D 14 PL 0.13 (0.005)
M
J M
DIM A B C D F G H J K L M N
D SUFFIX PLASTIC SOIC PACKAGE CASE 751A-03 ISSUE F
-A-
14 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
-B-
1 7
P 7 PL 0.25 (0.010)
M
B
M
G C
R X 45 _
F
-T-
SEATING PLANE
D 14 PL 0.25 (0.010)
M
K TB
S
M A
S
J
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
http://onsemi.com
6
MC14012B
PACKAGE DIMENSIONS
F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 965-01 ISSUE O
14
8
LE Q1 E HE M_ L DETAIL P
1
7
Z D e A VIEW P
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE 0.50 LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 1.42 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.056
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
http://onsemi.com
7
MC14012B
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (M-F 1:00pm to 5:00pm Munich Time) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (M-F 1:00pm to 5:00pm Toulouse Time) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (M-F 12:00pm to 5:00pm UK Time) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, England, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2745 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC14012B/D


▲Up To Search▲   

 
Price & Availability of MC14012B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X