Part Number Hot Search : 
S7805 R1060 5A100 UPD78F 128K16 PEMB1 X1624 PH1A0
Product Description
Full Text Search
 

To Download MC12098 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Order this document by MC12098/D
MC12098 2.5 GHz Prescaler
The MC12098 is a single modulus divide by 8192 prescaler for low power frequency division of a 2.5 GHz high frequency input signal. The low power (3.6 mA typical at 5.0 V) and high operating frequency features make this prescaler ideal in satellite TV receiver applications. The MC12098 is pin and functionally compatible to the Plessey SP4982, but with significantly lower power consumption. On-chip output termination provides 2.0 mA of output current to drive a 12 pF (typical) high impedance load. The output voltage swing under typical supply voltage and temperature conditions is 1.1 V. If additional drive is required for the prescaler output, an external resistor can be added in parallel from the OUT pin to GND to increase the output power. Care must be taken not to exceed the maximum allowable current through the output.
MECL PLL COMPONENTS /8192 PRESCALER
SEMICONDUCTOR TECHNICAL DATA
* * * *
2.5 GHz Toggle Frequency Supply Voltage 2.7 to 5.5 V Low Power Dissipation 18 mW Typical Operating Temperature Range of -40 to 85C
8 1
MAXIMUM RATINGS
Parameter Power Supply Voltage, Pin 4 Operating Temperature Range Storage Temperature Range Maximum Output Current, Pin 7
NOTE: ESD data available upon request.
Symbol VCC TA Tstg IO
Value -0.5 to 6.0 -40 to 85 -65 to 150 4.0
Unit VDC C C mA
D SUFFIX PLASTIC PACKAGE CASE 751 (SO-8)
PIN CONNECTIONS
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 V; TA = -40 to 85C,
unless otherwise noted.) Parameter Toggle Frequency (Sine Wave) Supply Current Output (Pin 4) Input Voltage Sensitivity 500-2500 MHz Output Voltage Swing (Note 1)
NOTE: 1. Assumes CL = 12 pF
Symbol ft ICC Vin
Min 0.5 140
Typ 3.0 3.6 1.1
Max 2.5 6.5 1000 -
Unit GHz mA mVpp
Gnd IN IN VCC
1 2 3 4
8 7 6 5
NC OUT VCCO GndO
(Top View)
Vout
0.8
Vpp
ORDERING INFORMATION
Device MC12098D Operating Temperature Range TA = -40 to +85C Package SO-8
(c) Motorola, Inc. 1997
Rev 2
MC12098
Figure 1. MC12098 Block Diagram
VREF 2.0 V @ VCC = 3.0 V VREF 3.5 V @ VCC = 5.0 V VCC VREF 5000 IN IN 5000 /8192 OUT VCCO 11 k
GND
GNDO
Figure 2. AC Test Circuit
VCC = 2.7 to 5.5 V C3 SINE WAVE GENERATOR C1 IN 50 C2 VCC VCCO
IN GNDO GND
OUT CL EXTERNAL COMPONENTS C1 = C2 = 1000 pF C3 = 0.1 F CL = 12 pF (Including Scope and Jig Capacitance)
2
MOTOROLA RF/IF DEVICE DATA
MC12098
Figure 3. MC12098 Input Signal Amplitude versus Input Frequency
(VCC = 5.5 V, TA = 25C)
MOTOROLA RF/IF DEVICE DATA
3
MC12098
Figure 4. Input Impedance versus Frequency
55
45
35 R (Ohms) 25 15 5 300
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
2700
Input Frequency (MHz)
Figure 5. Input Impedance versus Frequency
50 0 -50 -100 -150 jX (Ohms) -200 -250 -300 -350 -400 -450 300
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
2700
Input Frequency (MHz)
4
MOTOROLA RF/IF DEVICE DATA
MC12098
OUTLINE DIMENSIONS
D SUFFIX PLASTIC PACKAGE CASE 751-06 (SO-8) ISSUE T C
5
A
8
D
E
1 4
H
0.25
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
h B C e A
SEATING PLANE
X 45 _
q
L 0.10 A1 B 0.25
M
CB
S
A
S
q
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shagawa-ku, Tokyo, Japan. 03-5487-8488
MOTOROLA RF/IF DEVICE DATA
MC12098/D 5


▲Up To Search▲   

 
Price & Availability of MC12098

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X