Part Number Hot Search : 
M28W800T NDT451 LA76810A TMK316B 090663 03N60 BC107 TMK316B
Product Description
Full Text Search
 

To Download MBR4060W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l
l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBR4020W THRU MBR40100W
40 Amp Schottky Barrier Rectifier 20 to 100 Volts TO-247
High Surge Capacity Low Power Loss, High Efficiency High Current Capability, Low VF Metal of silicon Rectifier, majority Carrier Conduction Guard Ring For Transient Protection Plastic Package Has UL Flammability Classification 94V-0
E Q B U C 4 L
l l l
Maximum Ratings
l l
Operating Temperature: -55 C to +150 C Storage Temperature: -55 C to +150 C Maximum Maximum Recurrent Peak RMS Voltage Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V
o o o
o
o
MCC Part Number
Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
A R 1 2 3 P K
PIN 1. PIN 2. PIN 3. PIN 4. ANODE CATHODE ANODE CATHODE
MBR4020W MBR4030W MBR4035W MBR4040W MBR4045W MBR4060W MBR4080W MBR40100W
14V 21V 24.5V 28V 31.5V 42V 56V 70V
F V D G J
H
Note: Drawings Are Not To Scale
Electrical Characteristics @ 25 C Unless Otherwise Specified
DIMENSIONS
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR4020W-4045W MBR4060W MBR4080W-40100W Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance
I F(AV) I FSM
40.0A 400A
T C =125 o C 8.3ms half sine
DIM A B C
INCHES MIN .803 .608 .185 .043 .059 .071 .215 .101 .019 .613 .286 .122 .138 .130 .209 .120 MAX .823 .628 .205 .051 .064 .086 BSC .130 .027 .633 .295 .133 .145 .150 BSC .134 MIN 20.40 15.44 4.70 1.09 1.50 1.80 5.45 2.56 0.48 15.57 7.26 3.10 3.50 3.30 5.30 3.05
MM MIN 20.90 15.95 5.21 1.30 1.63 2.18 BSC 2.87 0.68 16.08 7.50 3.38 3.70 3.80 BSC 3.40
NOTE
VF
.63V .80V* .84V
I FM =40.0A T A = 2 5o C
D E F G H J K L
IR
1.0mA
T C= 2 5 C Measured at 1.0MHz, V R=4.0V
o
Cj
700pF
P Q R U V
*Forward Voltage Test : IFM=20.0A Pulse test: Pulse width 300 usec, duty cycle 2%.
www.mccsemi.com
*M*C*C*
MBR4020W thru MBR40100W
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
40
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
400
30
300
20
200
10
RESISTIVE OR INDUCTIVE LOAD
100
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
1
2
5
10
20
50
100
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(mA)
TJ = 125 C
10
10
TJ = 75 C
1.0
MBR3020WT~ MBR3045W
MBR3060W
1.0
0.1
TJ = 25 C PULSE WIDTH 300ua 300us
TJ = 25 C
0.01 0 20 40 60 80 100 120 140
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%) INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
10000
CAPACITANCE , (pF)
1000
TJ = 25 C, f= 1MHz
100 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS
www.mccsemi.com
*M*C*C*
MBR4020W thru MBR40100W
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR4060W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X