Part Number Hot Search : 
0A170 AVR32AP TEF6902A SC7312 SE2522BL 2414M MPS222 VDS1706
Product Description
Full Text Search
 

To Download MAZ5200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zener Diodes
MAZ5000 Series
Silicon planar type
Unit : mm
For stabilization of power supply
4.0 0.5 3.0 0.2
I Features
* Mini power type package (2-pin) * Allowing automatic mounting with the emboss taping * Sharp rising performance
4.0 0.2 1.5 0.1 1 2
5.0 0.5
Parameter Average forward current Instanious forward current Total power dissipation*1 Non-repetitive reverse surge power dissipation*2 Junction temperature Storage temperature
Symbol IF(AV) IFRM Ptot PZSM Tj Tstg
Rating 250 250 500 30 125 -55 to +200
Unit mA mA mW W C C
1.5 0.2
0.4 0.2
1 : Anode 2 : Cathode Mini Power Type Package (2-pin)
Note) *1 : With a printed-circuit board *2 : t = 100 s, Tj = 125C
Marking Symbol Refer to the list of the electrical characteristics within part numbers (Example) MAZ5047 : 4.7
I Common Electrical Characteristics Ta = 25C*1
Parameter Forward voltage Zener voltage*2 Operating resistance Symbol VF VZ RZK RZ Reverse current voltage*3 IR1 IR2 Temperature coefficient of zener Terminal capacitance SZ Ct IF = 10 mA IZ ****************** Specified value IZ ****************** Specified value IZ ****************** Specified value VR *************** Specified value VR *************** Specified value IZ ****************** Specified value VR *************** Specified value Refer to the list of the electrical characteristics within part numbers Conditions Min Typ 0.8 Max 0.9 Unit V V A A mV/C pF
Note) 1 Rated input/output frequency: 50 MHz 2 *1 : The VZ value is for the temperature of 25C. In other cases, carry out the temperature compensation. *2 : Guaranteed at 20 ms after power application. *3 : Tj = 25C to 125C
0 to 0.14
0.3 0.1
I Absolute Maximum Ratings Ta = 25C
0.7 0.1
0.5 0.1
1
MAZ5000 Series
I Electrical characteristics within part numbers VZ 5% Ta = 25C
Zener voltage Part Number VZ (V) IZ = 5 mA Min Nom Max 4.4 4.7 5.0 4.8 5.1 5.4 5.3 5.6 6.0 5.8 6.2 6.6 6.4 6.8 7.2 7.0 7.5 7.9 7.7 8.2 8.7 8.5 9.1 9.6 9.4 10.0 10.6 10.4 11.0 11.6 11.4 12.0 12.7 12.4 13.0 14.1 13.9 15.0 15.6 15.3 16.0 17.1 16.9 18.0 19.1 18.8 20.0 21.2 20.8 22.0 23.3 22.8 24.0 25.6 Reverse current IR1 (nA) VR (V) Max 1 3000 2 2000 2 1000 4 3000 4 2000 5 1000 5 500 6 200 7 200 7 100 8 100 9 100 10 50 11 50 13 50 14 50 15 50 17 50 IR2 (A) VR (V) Max 5.3 60 5.9 60 6.5 60 7.2 60 8.0 60 8.9 60 9.9 60 10.9 60 11.9 60 13.4 60 14.8 60 16.4 60 18.3 60 20.3 60 22.3 60 Operating resistance RZ () RZK () IZ = 5 mA IZ Typ Max (mA) Max 50 80 1 900 40 60 1 800 15 40 1 500 6 20 0.5 300 6 15 0.5 140 6 15 0.5 120 6 15 0.5 120 6 15 0.5 130 8 20 0.5 130 10 20 0.5 170 10 25 0.5 170 10 30 0.5 170 10 30 0.5 170 10 40 0.5 170 10 45 0.5 170 15 55 0.5 180 20 55 0.5 180 25 70 0.5 180
Temperature coefficient of zener voltage Terminal capacitance
Ct (pF) (VR = 0 V) f = 1 MHz
Zener Diodes
MAZ5047 MAZ5051 MAZ5056 MAZ5062 MAZ5068 MAZ5075 MAZ5082 MAZ5091 MAZ5100 MAZ5110 MAZ5120 MAZ5130 MAZ5150 MAZ5160 MAZ5180 MAZ5200 MAZ5220 MAZ5240
SZ (mV/C) IZ = 5 mA Min Typ Max -3.5 -1.4 0.2 -2.7 -0.8 1.2 -2.0 1.2 2.5 0.4 2.3 3.7 1.2 3.0 4.5 2.5 4.0 5.3 3.2 4.6 6.2 3.8 5.5 7.0 4.5 6.4 8.0 5.4 7.4 9.0 6.0 8.4 10.0 7.0 9.4 11.0 9.2 11.4 13.0 10.4 12.4 14.0 12.4 14.4 16.0 14.4 16.4 18.0 16.4 18.4 20.0 18.4 20.4 22.0
Marking Symbol
Typ 130 110 95 90 85 80 75 70 70 65 65 60 55 52 47 36 34 33
Max 180 160 140 130 110 100 95 90 90 85 85 80 75 75 70 60 60 55
4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25C. 2. The zener voltage temperature coefficient is the one for Tj = 25C to 150C.
Ptot Ta
800 Thickness of the printed-circuit board 1.6 mm Copper foil 0.035 mm Anode side copper foil area 10 mm2 Cathode side copper foil area 20 mm2
IZ V Z
100
MAZ5047
IZ VZ
40 MAZ5110 32 Ta = 25C Static Characteristics
MAZ5051
Ta = 25C Static Characteristics
MAZ5056 MAZ5062 MAZ5068 MAZ5075 MAZ5082 MAZ5091
Power dissipation Ptot (mW)
80
Zener current IZ (mA)
Zener current IZ (mA)
600
MAZ5160 24 MAZ5200 16
60
400
40
MAZ5100
200
20
8
0
0
0 40 80 120 160
0
4
8
12
16
0
0
8
16
24
MAZ5240
32
Ambient temperature Ta (C)
Zener voltage VZ (V)
Zener voltage VZ (V)
2
Zener Diodes
IZ V Z
200 Tj = 25C Dynamic Characteristics 100
MAZ5000 Series
IZ V Z
Tj = 25C Dynamic Characteristics 250 Ta = 25C 200
IF VF
160
MAZ5068
120
MAZ5056 MAZ5075
60
Forward current IF (mA)
32
Zener current IZ (mA)
Zener current IZ (mA)
MAZ5062
80
MAZ5110 MAZ5130 MAZ5160
MAZ5200
MAZ5240
150
80
MAZ5082 MAZ5051
40
100
MAZ5047
MAZ5091
40
MAZ5100
20
50
0
0
4
8
12
16
0
0
8
16
24
0
0
0.2
0.4
0.6
0.8
1.0
Zener voltage VZ (V)
Zener voltage VZ (V)
Forward voltage VF (V)
PZSM tW
Non-repetitive reverse surge power dissipation PZSM (W)
103
10
Zth tW
Thermal impedance Zth (C / mW)
(1) Without Printed-circuit board (2) With a printed-circuit board Thickness t = 1.6 mm Copper foil tcu = 0.035 mm Anode side area 10 mm2 Cathode side area 20 mm2
102
1
(1) 10-1 (2)
10
Ta = 25C 125C
1
10-2
10-1 10-1
1
10
102
10-3 10-2
10-1
1
10
102
103
104
Pulse width tW (ms)
Pulse width tW (s)
SZ I Z
15
104
RZ IZ
Ta = 25C
Temperature coefficient SZ (mV / C)
Tj = 25C to 125C
Operating resistance RZ ()
10
103 MAZ5047 MAZ5200 102 MAZ5068 MAZ5240 MAZ5120
MAZ5100
5
MAZ5075 MAZ5068
MAZ5082
MAZ5091
MAZ5062
MAZ5056
0
MAZ5051 MAZ5047
10
-5
0
4
8
12
16
20
1 10-1
1
10
102
Zener current IZ (mA)
Zener current IZ (mA)
3


▲Up To Search▲   

 
Price & Availability of MAZ5200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X