Part Number Hot Search : 
3KP12CA E561UAP SP8910 TT150N TA8473F 332J100 100BG MTRPB
Product Description
Full Text Search
 

To Download LP62S2048-I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LP62S2048-I Series
256K X 8 BIT LOW VOLTAGE CMOS SRAM
Features
n Power supply range: 2.7V to 3.3V n Access times: 70/100 ns (max.) n Current: Low power version: Operating: 30mA (max.) Standby: 50A (max.) Very low power version: Operating: 30mA (max.) Standby: 10A (max.) n Full static operation, no clock or refreshing required n All inputs and outputs are directly TTL-compatible n Common I/O using three-state output n Output enable and two chip enable inputs for easy application n Data retention voltage: 2V (min.) n Available in 32-pin SOP, TSOP, TSSOP (8 X 13.4mm) and 36-pin CSP packages
General Description
The LP62S2048-I is a low operating current 2,097,152-bit static random access memory organized as 262,144 words by 8 bits and operates on a low power supply range: 2.7V to 3.3V. It is built using AMIC's high performance CMOS process. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures. Two chip enable inputs are provided for POWER-DOWN and device enable and an output enable input is included for easy interfacing. Data retention is guaranteed at a power supply voltage as low as 2V.
Pin Configurations
n SOP n TSOP/(TSSOP) n CSP (Chip Size Package) 36-pin Top View
A17 A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O1 I/O2 I/O3 GND 1 2 3 4 5 32 31 30 29 28 VCC A15 CE2 WE A13 A8 A9 A11 OE A10 CE1 I/O8 I/O7 I/O6 I/O5 I/O4 17 32 H A9 A10 A11 A12 A13 A14 1 2 A1 A2 3 CE2 WE NC 4 A3 A4 A5 5 A6 A7 6 A8 I/O1 I/O2 VCC GND NC OE CE1 A17 A16 A15 I/O3 I/O4 16 1
LP62S2048V-I (LP62S2048X-I)
6 7 8 9 10 11 12 13 14 15 16
27 26 25 24 23 22 21 20 19 18 17
A B C D E F G
A0 I/O5 I/O6 GND VCC I/O7 I/O8
(August, 2001, Version 1.0)
LP62S2048M-I
Pin No. Pin Name Pin No. Pin Name
1 A11 17 A3
2 A9 18 A2
3 A8 19 A1
4 A13 20 A0
5 WE 21 I/O1
6 CE2 22 I/O2
7 A15 23 I/O3
8 VCC 24 GND
9 A17 25 I/O4
10 A16 26 I/O5
11 A14 27 I/O6
12 A12 28 I/O7
13 A7 29 I/O8
14 A6 30 CE1
15 A5 31 A10
16 A4 32 OE
1
AMIC Technology, Inc.
LP62S2048-I Series
Block Diagram
A0 VCC GND A15 A16 A17 ROW DECODER 1024 X 2048 MEMORY ARRAY
I/O1
INPUT DATA CIRCUIT
COLUMN I/O
I/O8
CE2 CE1 OE WE
CONTROL CIRCUIT
Pin Description - SOP
Pin No. 1 - 12, 23, 25 - 28, 31 13 - 15, 17 - 21 16 22 24 29 30 32 Symbol Description
Pin Descriptions - TSOP/TSSOP
Pin No. 1 - 4, 7, 9 - 20, 31 5 Symbol A0 - A17 WE CE2 VCC NC I/O1 - I/O8 GND CE1 OE Description Address Inputs Write Enable Chip Enable Power Supply No Connection Data Input/Outputs Ground Chip Enable Output Enable
A0 - A17
Address Inputs
I/O1 - I/O8 GND CE1 OE WE CE2 VCC
Data Input/Outputs 6 Ground 8 Chip Enable Output Enable Write Enable Chip Enable Power Supply 9 21 - 23, 25 - 29 24 30 32
(August, 2001, Version 1.0)
2
AMIC Technology, Inc.
LP62S2048-I Series
Pin Description - CSP
Symbol A0 - A17 WE OE CE1 CE2 Description Address Inputs Write Enable Output Enable Chip Enable Chip Enable Symbol NC I/O1 - I/O8 VCC GND -Description No Connection Data Input/Output Power Supply Ground --
Recommended DC Operating Conditions
(TA = -40C to + 85C) Symbol VCC GND VIH VIL CL TTL Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Output Load Output Load Min. 2.7 0 2.0 -0.3 Typ. 3.0 0 Max. 3.3 0 VCC + 0.3 +0.6 30 1 Unit V V V V pF -
(August, 2001, Version 1.0)
3
AMIC Technology, Inc.
LP62S2048-I Series
Absolute Maximum Ratings*
VCC to GND . . . . . . . .. . . . . . . . . . . . . -0.5V to + 4.6V IN, IN/OUT Volt to GND . . . . . . . . . -0.5V to VCC + 0.5V Operating Temperature, Topr . . . . . . . . -40C to + 85C Storage Temperature, Tstg . . .. . . . . . . -55C to + 125C Temperature Under Bias, Tbias .. . . . . . -10C to + 85C Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . 0.7W Soldering Temp. & Time . . . . . . . . . . . . . 260C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
DC Electrical Characteristics
Symbol Parameter
(TA = -40C to + 85C, VCC = 2.7V to 3.3V, GND = 0V) LP62S2048-70LLI/10LLI Min. Max. 1 A VIN = GND to VCC CE1 = VIH or CE2 = VIL or OE = VIH or WE = VIL VI/O = GND to VCC CE1 = VIL, CE2 = VIH II/O = 0mA Min. Cycle, Duty = 100% CE1 = VIL, CE2 = VIH II/O = 0mA CE1 = VIL, CE2 = VIH VIH = VCC, VIL = 0V f = 1 MHZ, II/O = 0mA Unit Conditions
LP62S2048-70LI/10LI Min. Max. 1
ILI
Input Leakage Current
-
ILO
Output Leakage Current Active Power Supply Current
-
1
-
1
A
ICC
-
3
-
3
mA
ICC1
Dynamic Operating Current
-
30
-
30
mA
ICC2
-
5
-
5
mA
(August, 2001, Version 1.0)
4
AMIC Technology, Inc.
LP62S2048-I Series
DC Electrical Characteristics (continued)
Symbol Parameter LP62S2048-70LI/10LI Min. ISB Max. 0.5 LP62S2048-70LLI/10LLI Min. Max. 0.5 mA CE1 = VIH or CE2 =VIL CE1 VCC - 0.2V VIN 0V CE2 0.2V VIN 0V IOL = 2.1mA Unit Conditions
ISB1
Standby Power Supply Current
-
50
-
10
A
ISB2 Output Low Voltage Output High Voltage
-
50
-
10
A
VOL
-
0.4
-
0.4
V
VOH
2.2
-
2.2
-
V
IOH = -1.0mA
Truth Table
Mode Standby CE1 H X Output Disable Read Write Note: X = H or L L L L CE2 X L H H H OE X X H L X WE X X H H L I/O Operation High Z High Z High Z DOUT DIN Supply Current ISB, ISB1 ISB, ISB2 ICC, ICC1, ICC2 ICC, ICC1, ICC2 ICC, ICC1, ICC2
Capacitance (TA = 25C, f = 1.0MHz)
Symbol CIN* CI/O* Parameter Input Capacitance Input/Output Capacitance Min. Max. 6 8 Unit pF pF Conditions VIN = 0V VI/O = 0V
* These parameters are sampled and not 100% tested.
(August, 2001, Version 1.0)
5
AMIC Technology, Inc.
LP62S2048-I Series
AC Characteristics
Symbol (TA = -40C to + 85C, VCC = 2.7V to 3.3V) Parameter LP62S2048-70LI/LLI Min. Read Cycle tRC tAA tACE1 tACE2 tOE tCLZ1 tCLZ2 tOLZ tCHZ1 tCHZ2 tOHZ tOH Write Cycle tWC tCW tAS tAW tWP tWR tWHZ tDW tDH tOW Write Cycle Time Chip Enable to End of Write Address Setup Time Address Valid to End of Write Write Pulse Width Write Recovery Time Write to Output in High Z Data to Write Time Overlap Data Hold from Write Time Output Active from End of Write 70 60 0 60 50 0 0 30 0 5 25 100 80 0 80 60 0 0 40 0 5 35 ns ns ns ns ns ns ns ns ns ns Output Disable to Output in High Z Output Hold from Address Change Output Enable to Output in Low Z Chip Disable to Output in High Z CE1 CE2 Output Enable to Output Valid Chip Enable to Output in Low Z CE1 CE2 Read Cycle Time Address Access Time Chip Enable Access Time CE1 CE2 70 10 10 5 0 0 0 10 70 70 70 35 25 25 25 100 10 10 5 0 0 0 10 100 100 100 50 35 35 35 ns ns ns ns ns ns ns ns ns ns ns ns Max. LP62S2048-10LI/LLI Min. Max. Unit
Notes: tCHZ1, tCHZ2, tOHZ, and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are not referred to output voltage levels.
(August, 2001, Version 1.0)
6
AMIC Technology, Inc.
LP62S2048-I Series
Timing Waveforms
Read Cycle 1
(1, 2, 4)
tRC Address
tAA tOH tOH
DOUT
Read Cycle 2
(1, 3, 4, 6)
CE1
tACE1 tCLZ15
tCHZ15
DOUT
Read Cycle 3
(1, 4, 7, 8)
CE2
tACE2 tCLZ25 tCHZ25
DOUT
(August, 2001, Version 1.0)
7
AMIC Technology, Inc.
LP62S2048-I Series
Timing Waveforms (continued)
Read Cycle 4
(1)
tRC Address tAA
OE
tOE tOLZ5
tOH
CE1
tACE1 tCLZ15 CE2 tACE2 tCLZ2 DOUT
5
tCHZ15
tOHZ 5 tCHZ25
Notes: 1. 2. 3. 4. 5. 6. 7. 8.
WE is high for Read Cycle. Device is continuously enabled CE1 = VIL and CE2 = VIH. Address valid prior to or coincident with CE1 transition low. OE = VIL. Transition is measured 500mV from steady state. This parameter is sampled and not 100% tested. CE2 is high. CE1 is low. Address valid prior to or coincident with CE2 transition high.
(August, 2001, Version 1.0)
8
AMIC Technology, Inc.
LP62S2048-I Series
Timing Waveforms (continued)
Write Cycle 1 (Write Enable Controlled)
(6)
tWC Address tAW tCW CE1 (4)
5
tWR3
CE2
(4) tAS1 tWP2
WE
tDW
tDH
DIN tWHZ tOW DOUT
(August, 2001, Version 1.0)
9
AMIC Technology, Inc.
LP62S2048-I Series
Timing Waveforms (continued)
Write Cycle 2 (Chip Enable Controlled)
tWC Address tAW tCW5 CE1 tAS1 (4) tWR3
CE2
(4) tCW5 tWP2
WE
tDW DIN
tDH
tWHZ7
DOUT
Notes: 1. 2. 3. 4.
tAS is measured from the address valid to the beginning of Write. A Write occurs during the overlap (tWP) of a low CE1, a high CE2 and a low WE . tWR is measured from the earliest of CE1 or WE going high or CE2 going low to the end of the Write cycle. If the CE1 low transition or the CE2 high transition occurs simultaneously with the WE low transition or after the WE transition, outputs remain in a high impedance state. 5. tCW is measured from the later of CE1 going low or CE2 going high to the end of Write. 6. OE is continuously low. ( OE = VIL) 7. Transition is measured 500mV from steady state. This parameter is sampled and not 100% tested.
(August, 2001, Version 1.0)
10
AMIC Technology, Inc.
LP62S2048-I Series
AC Test Conditions
Input Pulse Levels Input Rise and Fall Time Input and Output Timing Reference Levels Output Load 0.4V to 2.4V 5 ns 1.5V See Figures 1 and 2
TTL
TTL
CL 30pF
CL 5pF
* Including scope and jig.
* Including scope and jig.
Figure 1. Output Load
Figure 2. Output Load for tCLZ1, tCLZ2, tOHZ, tOLZ, tCHZ1, tCHZ2, tWHZ, and tOW
Data Retention Characteristics (TA = -40C to 85C)
Symbol VDR1 VDR2 ICCDR1 VCC for Data Retention L-Version LL-Version L-Version LL-Version tCDR tR tVR Chip Disable to Data Retention Time Operation Recovery Time VCC Rising Time from Data Retention Voltage to Operating Voltage ICCDR: max. ICCDR: max. Parameter Min. 2.0 2.0 0 tRC 5 Max. 3.3 3.3 20* 5** 20* 5** ns ns ms See Retention Waveform Unit V V Conditions CE1 VCC - 0.2V CE2 0.2V, VCC = 2.0V, CE1 VCC - 0.2V, VIN 0V
A
Data Retention Current ICCDR2
A
VCC = 2.0V, CE2 0.2V, VIN 0V
** LP62S2048-70LLI/10LLI * LP62S2048-70LI/10LI
1A at TA = 0C to + 40C 5A at TA = 0C to + 40C
(August, 2001, Version 1.0)
11
AMIC Technology, Inc.
LP62S2048-I Series
Low VCC Data Retention Waveform (1) ( CE1 Controlled)
DATA RETENTION MODE VCC 2.7V tCDR VDR 2V tVR CE1 VIH CE1 VDR - 0.2V VIH 2.7V tR
Low VCC Data Retention Waveform (2) (CE2 Controlled)
DATA RETENTION MODE VCC 2.7V tCDR VDR 2V tVR CE2 2.7V tR
VIL CE2 0.2V
VIL
(August, 2001, Version 1.0)
12
AMIC Technology, Inc.
LP62S2048-I Series
Ordering Information
Part No. Access Time (ns) Operating Current Max. (mA) 30 30 30 70 30 30 30 30 30 30 30 30 100 30 30 30 30 30 Standby Current Max. (A) 50 10 50 10 50 10 50 10 50 10 50 10 50 10 50 10 Package
LP62S2048M-70LI LP62S2048M-70LLI LP62S2048V-70LI LP62S2048V-70LLI LP62S2048X-70LI LP62S2048X-70LLI LP62S2048U-70LI LP62S2048U-70LLI LP62S2048M-10LI LP62S2048M-10LLI LP62S2048V-10LI LP62S2048V-10LLI LP62S2048X-10LI LP62S2048X-10LLI LP62S2048U-10LI LP62S2048U-10LLI
32L SOP 32L SOP 32L TSOP 32L TSOP 32L TSSOP 32L TSSOP 36L CSP 36L CSP 32L SOP 32L SOP 32L TSOP 32L TSOP 32L TSSOP 32L TSSOP 36L CSP 36L CSP
(August, 2001, Version 1.0)
13
AMIC Technology, Inc.
LP62S2048-I Series
Package Information SOP (W.B.) 32L Outline Dimensions
32 17 e1 ~ ~
unit: inches/mm
HE
E
L 1 b 16
Detail F
e1 c A2 A
D
s Seating Plane y D
e
A1
LE See Detail F
Symbol A A1 A2 b c D E e e1 HE L LE S y
Dimensions in inches 0.118 Max. 0.004 Min. 0.1060.005 0.016 +0.004 -0.002 0.008 +0.004 -0.002 0.805 Typ. (0.820 Max.) 0.4450.010 0.050 0.006 0.525 NOM. 0.5560.010 0.0310.008 0.0550.008 0.044 Max. 0.004 Max. 0 ~ 10
Dimensions in mm 3.00 Max. 0.10 Min. 2.690.13 0.41 +0.10 -0.05 0.20 +0.10 -0.05 20.45 Typ. (20.83 Max.) 11.300.25 1.270.15 13.34 NOM. 14.120.25 0.790.20 1.400.20 1.12 Max. 0.10 Max. 0 ~ 10
Notes: 1. The maximum value of dimension D includes end flash. 2. Dimension E does not include resin fins. 3. Dimension e1 is for PC Board surface mount pad pitch design reference only. 4. Dimension S includes end flash.
(August, 2001, Version 1.0)
14
AMIC Technology, Inc.
LP62S2048-I Series
Package Information TSOP 32L TYPE I (8 X 20mm) Outline Dimensions
D
unit: inches/mm
e
A2
12.0 c A
GAUGE PLANE
E
A1
0.25 BSC
L LE
HD Detail "A" Detail "A"
y
D
S
b
0.10(0.004)
M
Symbol A A1 A2 b c D E e HD L LE S Y
Dimensions in inches 0.047 Max. 0.0040.002 0.0390.002 0.0080.001 0.0060.001 0.7240.004 0.3150.004 0.020 TYP. 0.7870.007 0.0200.004 0.031 TYP. 0.0167 TYP. 0.004 Max. 0 ~ 6
Dimensions in mm 1.20 Max. 0.100.05 1.000.05 0.200.03 0.150.02 18.400.10 8.000.10 0.50 TYP. 20.000.20 0.500.10 0.80 TYP. 0.425 TYP. 0.10 Max. 0 ~ 6
Notes: 1. The maximum value of dimension D includes end flash. 2. Dimension E does not include resin fins. 3. Dimension e1 is for PC Board surface mount pad pitch design reference only. 4. Dimension S includes end flash.
(August, 2001, Version 1.0)
15
AMIC Technology, Inc.
LP62S2048-I Series
Package Information TSSOP 32L TYPE I (8 X 13.4mm) Outline Dimensions
unit: inches/mm
e
12.0 A2 E A c
GAUGE PLANE
A1
0.25 BSC
L LE
D1 D Detail "A"
Detail "A"
D
0.10MM
S
SEATING PLANE
b
Symbol A A1 A2 b c E e D D1 L LE S y
Dimensions in inches 0.049 Max. 0.002 Min. 0.0390.002 0.0080.001 0.0060.0003 0.3150.004 0.020 TYP. 0.5280.008 0.4650.004 0.020.008 0.0266 Min. 0.0109 TYP. 0.004 Max. 0 ~ 6
Dimensions in mm 1.25 Max. 0.05 Min. 1.000.05 0.200.03 0.150.008 8.000.10 0.50 TYP. 13.400.20 11.800.10 0.500.20 0.675 Min. 0.278 TYP. 0.10 Max. 0 ~ 6
Notes: 1. The maximum value of dimension D includes end flash. 2. Dimension E does not include resin fins. 3. Dimension e1 is for PC Board surface mount pad pitch design reference only. 4. Dimension S includes end flash.
(August, 2001, Version 1.0)
16
AMIC Technology, Inc.
LP62S2048-I Series
Package Information 36LD CSP (6 x 8 mm) Outline Dimensions
TOP VIEW BOTTOM VIEW Ball#A1 CORNER 0.10 S C 0.25 S C A B Ball*A1 CORNER 123456 b (36X) 654321
unit: mm
A B C D E F G H e
A B C D E F G H
B A 0.10 C 0.20(4X)
E1
E
e D1 D
SIDE VIEW // 0.25 C
A2
C (0.36)
SEATING PLANE A1 A
Symbol A A1 A2 D E D1 E1 e b
Dimensions in mm MIN. 1.00 0.16 0.48 5.80 7.80 ------0.25 NOM. 1.10 0.21 0.53 6.00 8.00 3.75 5.25 0.75 0.30 MAX. 1.20 0.26 0.58 6.20 8.20 ------0.35
Note: 1. THE BALL DIAMETER, BALL PITCH, STAND-OFF & PACKAGE THICKNESS ARE DIFFERENT FROM JEDEC SPEC MO192 (LOW PROFILE BGA FAMILY). 2. PRIMARY DATUM C AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS. 3. DIMENSION b IS MEASURED AT THE MAXIMUM. 4. THEERE SHALL BE A MINIMUM CLEARANCE OF 0.25mm BETWEEN THE EDGE OF THE SOLDER BALL AND THE BODY EDGE.
(August, 2001, Version 1.0)
17
AMIC Technology, Inc.


▲Up To Search▲   

 
Price & Availability of LP62S2048-I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X