Part Number Hot Search : 
L5971 CSD1025 L5971 L5971 9F002 100302DC 001456 LV11A
Product Description
Full Text Search
 

To Download IP1525A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
TOP VIEW
INV. INPUT 1 N. I. INPUT 2 SYNC 3 OSC. OUTPUT 4 CT 5 RT 6 DISCHARGE 7 SOFT START 8
16 15 14 13 12 11 10 9
SEME
IP1525A SERIES IP1527A SERIES
VREF
VIN OUTPUT B VC GROUND OUTPUT A SHUTDOWN COMPENSATION
REGULATING PULSE WIDTH MODULATORS
FEATURES
* * * * * * * * * 8 to 35V operation 5.1V reference trimmed to 1% 100Hz to 500kHz oscillator range Separate oscillator sync terminal Adjustable deadtime control Internal soft start Input undervoltage lockout Latching PWM to prevent multiple pulses Dual source/sink output drivers
J Package - 16 Pin Ceramic DIP N Package - 16 Pin Plastic DIP D Package - 16 Pin Plastic (300) SOIC
Order Information
Part Number IP1525A IP1527A IP3525A IP3527A J-Pack 16 Pin N-Pack 16 Pin D-16 16 Pin Temp. Range -55 to +125C -55 to +125C 0 to +70C 0 to +70C Note: To order, add the package identifier to the part number. eg. IP1525AJ IP3527AD-16
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
+VIN Input Voltage Collector Voltage Logic Inputs Analogue Inputs Output Current, Source or Sink Reference Output Load Current Oscillator Charging Current PD PD TJ TSTG TL Power Dissipation Power Dissipation TA = 25C Derate @ TA > 50C TC = 25C Derate @ TC > 25C +40V +40V -0.3 to +5.5V -0.3 to +VIN 500mA Internally Limited 5mA 1W 10mW/C 2W 16mW/C See Ordering Information -65 to +150C (soldering, 10 seconds) +300C
Prelim. 3/95
Operating Junction Temperature Storage Temperature Range Lead Temperature
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
LAB
DESCRIPTION BLOCK DIAGRAM
VREF
16
SEME
IP1525A SERIES IP1527A SERIES
The IP1525A and IP1527A families of PWM switching regulator control circuits offer improved performance and lower parts count when used in designing switching power supplies. Included are 5.1 volt reference, error amplifier, adjustable dead-time oscillator with synchronisation capability, latched PWM comparator, totem-pole output drivers, shutdown, soft start, and undervoltage lockout. The IP1525A and IP1527A differ only in output phasing. The IP1525A output is low when "off", while the IP1527A output is high when "off".
VC
13
+VIN
15
REFERENCE REGULATOR
GND
12
U.V. LOCKOUT
11
TO INTERNAL CIRCUITRY
3
OUTPUT A
SYNC RT CT DISCHARGE
6
OSC. OUTPUT
4
FLIP FLOP Q
14
5 7
OSCILLATOR Q
OUTPUT B
IP1525A OUTPUT STAGE
9
COMPENSATION INV. INPUT N.I. INPUT SOFT START SHUTDOWN
R S
+VIN
VC
13
1 2
PWM
LATCH
11
OUTPUT A
ERROR AMP
8
50A
VREF
10
5k
14
OUTPUT B
5k IP1527A OUTPUT STAGE
RECOMMENDED OPERATING CONDITIONS
VIN Input Voltage Collector Voltage Sink/Source Load Current (Steady State) Sink/Source Load Current (Peak) Reference Load Current Oscillator Frequency Range RT CT Oscillator Timing Resistor Oscillator Timing Capacitor Deadtime Resistor Range Operating Ambient Temperature Range IP1525A / IP1527A IP3525A / IP3527A +8 to +35V +4.5 to +35V 0 to 100mA 0 to 400mA 0 to 20mA 100Hz to 400kHz 2k to 200k 470pF to 0.1F 0 to 500 -55 to +125C 0 to +70C
Prelim. 3/95
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
LAB
Parameter
Output Voltage Line Regulation Load Regulation Temperature Stability Total Output Variation Short Circuit Current Output Noise Voltage Long Term Stability Over Line, Load and Temp. VREF = 0 f = 10 Hz to 10kHz 5.0 80 40 1
SEME
IP1525A SERIES IP1527A SERIES
ELECTRICAL CHARACTERISTICS (TJ = Over Operating Temperature Range unless otherwise stated)
Test Conditions IP1525A IP1527A Min. Typ. Max.
5.05 5.10 2 5 20 5.15 10 50 50 5.2 100 200 10 4.95 80 40 1
IP3525A IP3527A Min. Typ. Max.
5.0 5.1 2 5 20 5.2 20 50 50 5.25 100 200 50
Units
V mV mV V mA Vrms mV kHr
REFERENCE SECTION
TJ = 25C VIN = 8 to 35V IL = 0 to 20mA
OSCILLATOR SECTION
Initial Accuracy Voltage Stability Temperature Stability Minimum Frequency Maximum Frequency Current Mirror Clock Amplitude Clock Width Sync Threshold Sync Input Current Sync Voltage = 3.5V TJ = 25C RT = 200k RT = 2k IRT = 2mA VIN = 8 to 35V
2
2 0.3 3 CT = 0.1F CT = 470pF 400 1.7 3.0 0.3 1.2 90 600 2.0 3.5 0.5 2.0 1.0
3
6 1 6 120 400 2.2 1.7 3.0 1.0 2.8 2.5 0.3 1.2
2 1 3 90 600 2.0 3.5 0.5 2.0 1.0
6 2 6 120 Hz kHz 2.2 mA V 1.0 2.8 2.5 s V mA %
ERROR AMPLIFIER SECTION
Input Offset Voltage Input Bias Current Input Offset Current DC Open Loop Gain Gain Bandwidth Product RL 10M TJ = 25C
0.5 1
5 10 1
2 1
10 10 1
mV A dB MHz
60 1
75 2
60 1
75 2
NOTES
1. Test Conditions unless otherwise stated: VIN = 20V TJ = -55 to +125C for IP1525A / IP1527A for IP3525A / IP3527A TJ = 0 to +70C 2. Oscillator Section Test Conditions: (RT = 3.6k , CT = 0.01F , RD = 0) fOSC = 40kHz 3. Error Amplifier Section Test Condition: VCM = 5.1V 4. Output Driver Section Test Condition: VC = 20V
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
LAB
Parameter
Output Low Level Output High Level Common Mode Rejection Supply Voltage Rejection VCM = 1.5 to 5.2V VIN = 8 to 35V 3.8 60 50
SEME
IP1525A SERIES IP1527A SERIES
ELECTRICAL CHARACTERISTICS (TJ = Over Operating Temperature Range unless otherwise stated)
Test Conditions IP1525A IP1527A Min. Typ. Max.
0.2 5.6 75 60 0.5 3.8 60 50
IP3525A IP3527A Min. Typ. Max.
0.2 5.6 75 60 0.5
Units
ERROR AMPLIFIER SECTION (cont.) 3
V
dB
PWM COMPARATOR
Minimum Duty Cycle Maximum Duty Cycle Input Threshold Input Threshold Input Bias Current VPIN1 - VPIN2 150mV VPIN2 - VPIN1 150mV Zero Duty Cycle Max. Duty Cycle 45 0.6 49 0.9 3.3 0.05 3.6 1.0 0 45 0.6 49 0.9 3.3 0.05 3.6 1.0 0 %
V A A V mA s
SHUTDOWN SECTION
Soft Start Current Soft Start Low Level Shutdown Threshold Shutdown Input Current Shutdown Delay VSHUTDOWN = 0V VSHUTDOWN = 2V To Outputs VSHUTDOWN = 2.5V VSHUTDOWN = 2.5V ISINK = 20mA ISINK = 100mA ISOURCE = 20mA ISOURCE = 100mA VCOMP = High VC = 35V CL = 1nF CL = 1nF VIN = 35V TJ = 25C TJ = 25C 100 50 18 17 5 TJ = 25C
4
25
50 0.4
80 0.6 2.0 1.0 0.5
25
50 0.4
80 0.6 2.0 1.0 0.5
0.6
1.3 0.1 0.2
0.6
1.3 0.1 0.2
OUTPUT DRIVERS (each output)
Output Low Level
0.2 1.0 19 18 7
0.4 2.0 18 17 8 200 600 300 5
0.2 1.0 19 18 7
0.4 2.0
V
Output High Level Undervoltage Lockout Output Leakage Rise Time Fall Time
V 8 200 V A ns
100 50
600 300
TOTAL STANDBY CURRENT
Supply Current 10 20 10 20 mA
NOTES
1. Test Conditions unless otherwise stated: VIN = 20V TJ = -55 to +125C for IP1525A / IP1527A for IP3525A / IP3527A TJ = 0 to +70C 2. Oscillator Section Test Conditions: (RT = 3.6k , CT = 0.01F , RD = 0) fOSC = 40kHz 3. Error Amplifier Section Test Condition: VCM = 5.1V 4. Output Driver Section Test Condition: VC = 20V
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
LAB
APPLICATIONS INFORMATION
+ VS U P PL Y R1
Q1 TO OU TPU T FIL TER
SEME
IP1525A SERIES IP1527A SERIES
+ VS U P P L Y
R2
13
R1
13
C1
+ VC A
11
+ VC A
11
T1 Q1
R2 C2
IP1525A B GND
12 14
IP1525A B GND
12 14
Q2 R3
R E TU R N
R E TU R N
For single-ended supplies, the driver outputs are grounded. The VC terminal is switched to ground by the totem-pole source transistors on alternate oscillator cycle.
In conventional push-pull bipolar designs, forward base drive is controlled by R1-R3. Rapid turn-off times for the power devices are achieved with speed-up capacitors C1 and C2.
+ VS U P P L Y R1
+ VS U P PL Y
Q1 T1
13 13
C1 R1
+ VC
A
Q1
11
T1
+ VC A
11
T2 Q2
IP1 5 2 5 A Q2 B GND
12 14
IP1525A B GND
12 14
C2
R2
RE TU RN RE TU RN
The low source impedance of the output drivers provides rapid charging of power FET input capacitance while minimising external components.
Low power transformers can be driven directly by the IP1525A. Automatic reset occurs during deadtime when both ends of the primary winding are switched to ground.
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
LAB
Oscillator Charge Time vs RT and CT
200 500 100
CT = 1nF
SEME
IP1525A SERIES IP1527A SERIES
TYPICAL PERFORMANCE CHARACTERISTICS
Oscillator Discharge Time vs. RD and CT
CT = 0.02 F CT = 0.01 F CT = 0.05 F
400 50
R D DEADTIME RESISTOR ()
R T TIMING RESISTOR (k)
F .02 F
.05 F
nF
.1 F
nF
nF
.01
=5
=0
20
T
=1
T
T
=0
T
T
C
C
C
C
T
C
10
C
C
T
=0
=2
=0
300
200
5
100
6 5
RD CT
7
2
RT
1 1
2
5
10
20
50 100 200
500
1 ms
2 ms
5 10 ms ms
0 0.2
0.5
1
2
5
10
20
50
100
CT = 0.1
200 0.5 0.7
CT = 2n F
CHARGE TIME (s)
DISCHARGE TIME (s)
Error Amplifier Open-Loop Frequency Response
100 4
VIN = 20V T A = 25C
IP1525A Output Saturation Characteristics
80
SATURATION VOLTAGE (V)
3
VOLTAGE GAIN (dB)
60
40
2
R Z = 20k
CT = 5nF
20
1 9
SOURCE SAT, V C - VOH
1
2
0
CP RZ
SINK SAT, VOL
-20 1 10 100 1k 10k 100k 1M 10M
0 0.01 0.02 0.03 0.05 0.07 0.1 0.2 0.3 1
FREQUENCY (Hz)
OUTPUT CURRENT, SOURCE or SINK (A)
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
F
= CP F 1n
C
P
=0 R
Z
=0


▲Up To Search▲   

 
Price & Availability of IP1525A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X