Part Number Hot Search : 
768KH FJX3001R 183J100 G1427 12S05 FCH10A06 ENA1018 MC100EP
Product Description
Full Text Search
 

To Download IL75232D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL75232
Line Driver / Receiver
Description The SL75232N, SL75232D are monolithic device containing 3 independent drives and 5 receivers. These are designed to interface between date terminal equipment and date communication equipment as designed by EIA-232-D. Features * Meets standard EIA-232-D (Revision of RS-232-C) * Drivers - Current Limited Output 10 mA Typical - Power-off Output Impedance 300 Min - Slew Rate Control by Load Capacitor - Flexible Supply Voltage Range - Input Compatible with Most TTL and DTL Circuits * Receivers - Input Resistance 3 k to 7 k - Input Signal Range 30 V - Built-in Input Hysteresis (Double Threshold) * 20 DIP/SO20: IS-001AD (SL75232N) / IS-013AN (SL75232D)
Block Diagram
V
CC+
1
20
VCC
RA1
2
19
RY1
RA2
3
18
RY2
RA3
4
17
RY3
DY1
5
16
DA1
DY2
6
15
DA2
RA4
7
14
RY4
DY3
8
13
DA3
RA5
9
12
RY5
V
CC-
10
11
GND
IL75232N, IL75232D
Pin Description Name VCC+ DA1 DA2 DA3 VCC RA1 RA2 RA3 RA4 RA5 Pin No 1 16 15 13 20 2 3 4 7 9 Function Driver Section Supply + Name VCCDY1 DY2 DY3 GND RY1 RY2 RY3 RY4 RY5 Pin No 10 5 6 8 11 19 18 17 14 12 Function Driver Section Supply Driver Output Ground
Driver Input Receiver Section Supply
Receiver Input
Receiver Output
SLS
System Logic Semiconductor
SL75232
Absolute Maximum Ratings Symbol VCC+ VCCVCC VI (Driver) VI (Reciver) VO (Driver) PT TSTG Top Parameter Supply Voltage Supply Voltage Supply Voltage Input Voltage Input Voltage Output Voltage Continuous Power Dissipation (Below 25 oC) Storage Temperature Operating Temperature Rating 15 -15 10 -15 / +7 30 -15 / +15 1.0 -65 / +175 0 / +75 Unit V V V V V V W o C o C
Schematic
DRIVER
VCC+
RESEIVER
VCC 2E DY
8.2 E DA
6.2 E 2E
9E
5E
70
300 DY DA
4E
3.6E
10 E
10E 7E VCC70
SLS
System Logic Semiconductor
SL75232
Electrical Characteristics Supply Current
VCC = 5V, TA = 25 OC
Symbol ICC+
Parameter Supply Current from VCC+
ICC-
Supply Current from VCC-
ICC
Supply Current from VCC
Test Conditions VCC+ = 9 V VIN = 1.9V No Load VIN = 0.8V VCC+ = 12 V VIN = 1.9V No Load VIN = 0.8V VCC+ = 15 V VIN = 1.9V No Load VIN = 0.8V VCC- = -9 V VIN = 1.9V No Load VIN = 0.8V VCC- = -12 V VIN = 1.9V No Load VIN = 0.8V VCC- = -15 V VIN = 1.9V No Load VIN = 0.8V VCC = 5 V VIN = 5.0V
Min
Max 15 4.5 19 5.5 25 9 -15 -3.2 -19 -3.2 -25 -3.2 30
Unit mA
mA
mA
Driver Section Symbol VIH VIL VOH Parameter High Level Input Voltage Low Level Input Voltage High Level Output Voltage Test Conditions VCC+ = 9 V VCC- = -9 V Min 1.9 Max Unit V V V
0.8 VIL = 0.8V RL = 3 k VCC+ = 9 V VCC- = -9 V VCC+ = 13.2 V VCC- = -13.2 V VCC+ = 9 V VCC- = -9 V VCC+ = 13.2 V VCC- = -13.2 V 6 9
VOL
Low Level Output Voltage
VIH = 1.9V RL = 3 k
-6 -9
V
IIH IIL IOS(H)
IOS(L)
RO SLS
High Level Input Current Low Level Input Current Short Circuit Output Current at High Level Short Circuit Output Current at Low Level Output Resistance,
System Logic Semiconductor
VI = 5V VI = 0 VI = 0.8V VO = 0 VI = 1.9V VO = 0 VCC+ = 0, VCC- = 0 -6
10 -1.6 -12
A mA mA
6
12
mA
300
SL75232
Power Off
VO = -2V to 2V
Driver Switching Characteristic
VCC+ = 9V, VCC- = -9V TA = 25 OC
Symbol tPLH tPHL tTLH tTHL tTLH tTHL
Parameter Propagation Delay Time, Low-To-High-Level Output Propagation Delay Time, High -To- Low -Level Output Transition Time, Low-To-High-Level Output * Transition Time, High -To- Low -Level Output* Transition Time, Low-To-High-Level Output** Transition Time, High-To-Low -Level Output**
Test Conditions RL = 3 k CL = 15 F See Figure 1
Min
Max 500 175 100 75
Unit ns ns ns ns s s
RL = 3 k to 7 k CL = 2500 F See Figure 1
2.5 (tip) 3.0 (tip)
*- Measured between 10 % and 90 % Points of Output Waveform
** - Measured between +3V and -3V Points on the Output Waveform (EIA-232-D Condition)
Receiver Section Symbol VT+ VTVOH Parameter Positive-Going Threshold Voltage Negative-Going Threshold Voltage High Level Output Voltage Low Level Output Voltage High-Level Input Current Low-Level Input Current Short-Circuit Output Current Test Conditions Min 1.75 0.75 VI= 0.75V, IOL=-0.5mA Input Open, IOL = -0.5 mA VI= 3V, IOL = 10 mA VI= 25V VI= 3V VI= -25V VI= -3V 2.6 2.6 Max 2.25 1.25 5 5 0.45 8.3 -8.3 -3 (tip) Unit V V V
VOL IIH IIL IOS
3.6 0.43 -3.6 -0.43
V mA mA mA
Receiver Switching Characteristic
VCC= 5V
Symbol tPLH tPHL tTLH
Parameter Propagation Delay Time, Low-To-High-Level Output Propagation Delay Time, High -To- Low -Level Output Transition Time, Low-To-High-Level Output
Test Conditions CL = 15 F RL = 3.9 k CL = 15 F RL = 390 k CL = 15 F RL = 3.9 k
Min
Max 190 60 175
Unit ns ns ns
System Logic Semiconductor
SLS
SL75232
CL = 15 F RL = 390 k
tTHL
Transition Time, High -To- Low -Level Output
20
ns
Parameter Measurement Information
DRIVER
PULSE GENERATOR (See Note A) RL CL 10ns 3V 1.5V OUTPUT INTPUT OUTPUT 50% Test Circuit tTHL Voltage Waveform 50% VOL tTLH tPHL 1.5V OV tPLH VOH
RESEIVER
VCC OUTPUT PULSE GENERATOR (See Note A) CL (See Note C) tTHL Test Circuit R1 10% 10ns 90% 50% tPHL OUTPUT 1.5V 1.5V VOL tTLH 90% 3V 50% tPLH VOH INTPUT 10% OV
TW=25 s, Voltage Waveform
Note
A. B. C.
The pulse generator has the following characteristics. f = 200 KHz, Z O = 50 C included probe and jig capacitance. All diodes are 1N3064 or equivalent.
Fig1. Propagation and Transition Times
Typical Application
UART +5V ILA75232N,D +12V
/DCD /DSR
DCD DSR RX
DB95
SIN /RTS SOUT /CTS /DTR /RI CTS DTR RI RTS TX
1 6 2 7 3 8 4 9 5
-12V
SIO Card
SLS
System Logic Semiconductor


▲Up To Search▲   

 
Price & Availability of IL75232D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X