Part Number Hot Search : 
FA5606 1N4002 STRF6674 P50N06 MEW1036 BZX55C51 JZDW8016 BDR2G
Product Description
Full Text Search
 

To Download IDTQS3126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS3126 HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
FEATURES:
* * * * * * Enhanced N channel FET with no inherent diode to Vcc Bidirectional switches connect inputs to outputs Pin compatible with the 74'126 function Zero propagation delay, zero ground bounce Undershoot clamp diodes on all switch and control inputs Available in QSOP and SOIC packages
IDTQS3126
DESCRIPTION:
APPLICATIONS:
* * * * *
Active high enabling Hot-swapping, hot-docking Voltage translation (5V to 3.3V) Power conservation Capacitance reduction and isolation (mass storage, work stations) * Logic replacement (data processing) * Clock gating * Bus isolation
The QS3126 provides a set of four high-speed CMOS switches connecting inputs to outputs. The low ON resistance of the QS3126 allows inputs to be connected to outputs without propagation delay and without generating additional ground bounce noise. Individual active high enables (OE) are used to turn the switches on. The QS3126 is ideal for signal and control switching since the device adds no noise, ground bounce, propagation delay, or significant power consumption to the system. QuickSwitch devices provide an order of magnitude faster speed than conventional logic devices. The QS3126 is characterized for operation at -40C to +85C.
FUNCTIONAL BLOCK DIAGRAM
1A
2A
3A
4A
1O E 2O E 3O E 4O E
1Y
2Y
3Y
4Y
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 2000 Integrated Device Technology, Inc.
FEBRUARY 2000
DSC-5599/2
IDTQS3126 HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) Description Supply Voltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation (TA = 85C) Storage Temperature Max -0.5 to +7 -0.5 to +7 -0.5 to +7 -3 120 0.5 -65 to +150 Unit V V V V mA W C
NC 1OE 1A 1Y 2OE 2A 2Y GND
1 2 3 4 5 6 7 8
QSOP TOP VIEW
1 6 1 5 1 4 1 3 1 2 1 1 1 0 9
VCC 4OE 4A 4Y 3OE 3A 3Y NC
VTERM(3) VTERM(3) VAC IOUT PMAX TSTG
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC .
CAPACITANCE (TA = +25C, f = 1MHz, VIN = 0V, VOUT = 0V)
Pins Control Inputs Quickswitch Channels (Switch OFF) Typ. 3 5 Max. (1) 5 7 Unit pF pF
NOTE: 1. This parameter is guaranteed but not production tested.
PIN DESCRIPTION
Pin Names 1A - 4A I/O I/O I/O I Bus A Bus Y Bus Switch Enable Description 1Y - 4Y 1OE - 4OE
1OE 1A 1Y 2OE 2A 2Y GND
1 2 3 4 5 6 7
SOIC TOP VIEW
1 4 1 3 1 2 1 1 1 0 9 8
VCC 4OE 4A 4Y 3OE 3A 3Y
FUNCTION TABLE(1)
xOE H H L xA H L X xY H L X Function Connect Connect Disconnect
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care
2
IDTQS3126 HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5V 5%
Symbol VIH VIL IIN IOZ RON VP Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Switch ON Resistance(2) Pass Voltage(3) Test Conditions Guaranteed Logic HIGH for Control Inputs Guaranteed Logic LOW for Control Inputs 0V VIN VCC 0V VOUT VCC, Switches OFF VCC = Min., VIN = 0V, ION = 30mA VCC = Min., VIN = 2.4V, ION = 15mA VIN = VCC = 5V, IOUT = -5A Min. 2 -- -- -- -- -- 3.7 Typ.(1) Max. -- -- -- -- 5 10 4 -- 0.8 1 1 7 15 4.2 V Unit V V A A
NOTES: 1. Typical values are at VCC = 5V and TA = 25C. 2. RON is guaranteed but not production tested. 3. Pass voltage is guaranteed but not production tested.
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
16
RON
(ohms)
14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
VIN
(Volts)
3
IDTQS3126 HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Input HIGH(2) Dynamic Power Supply Current per MHz (3) Test Conditions(1) VCC = Max., VIN = GND or VCC, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., A and Y Pins Open, Control Inputs Toggling @ 50% Duty Cycle Max. 3 1.25 0.25 Unit A mA mA/MHz
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per TTL-driven input (VIN = 3.4V, control inputs only). A and Y pins do not contribute to Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and Y inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C, VCC = 5V 5% CLOAD = 50pF, RLOAD = 500 unless otherwise noted.
Symbol tPLH tPHL tPZL tPZH tPLZ tPHZ Parameter Data Propagation Delay(2) A to Y Switch Turn-On Delay OE to xA/xY Switch Turn-Off Delay(2) OE to xA/xY 1.5 1.5 6.5 5.5 ns ns Min. (1) Typ. Max. 0.25(3) Unit ns
NOTES: 1. Minimums are guaranteed but not production tested. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.25ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4
IDTQS3126 HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDTQS XXXXX Device Type XX Package X Process
Blank
Industrial (-40C to +85C)
Q QG S1
Quarter Size Outline Package QSOP - Green Small Outline IC
3126
High Speed CMOS Quadruple Bus Switch with Individual Active High Enables
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
5


▲Up To Search▲   

 
Price & Availability of IDTQS3126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X