Part Number Hot Search : 
AN5636 K1885 APTGT D121J UFT12520 0N06L 0N06L 2SB1097
Product Description
Full Text Search
 

To Download HMC364G8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE CORPORATION
v00.1002
HMC364G8
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
Features
Ultra Low SSB Phase Noise: -145 dBc/Hz
Wide Bandwidth Output Power: 7 dBm Single DC Supply: +5V 8 Lead Hermetic SMT Package
Typical Applications
Prescaler for DC to X Band PLL Applications: * Point-to-Point / Multi-Point Radios * VSAT Radios
10
FREQ. DIVIDER & DETECTORS - SMT
* Fiber Optic * Test Equipment * Space & Military
Functional Diagram
General Description
The HMC364G8 is a low noise Divide-by-2 Static Divider with InGaP GaAs HBT technology in an 8 lead glass/metal surface mount (hermetic) package. This device operates from DC (with a square wave input) to 13 GHz input frequency with a single +5.0V DC supply. The low additive SSB phase noise of -145 dBc/Hz at 100 kHz offset helps the user maintain good system noise performance.
Electrical Specifications, TA = +25 C, 50 Ohm System, Vcc= 5V
Parameter Maximum Input Frequency Minimum Input Frequency Input Power Range Sine Wave Input. {1} Fin = 1 to 9 GHz Fin = 9 to 12 GHz Fin = 12 to 13 GHz Output Power Fin = 6 GHz Fin = 9 GHz Fin = 12 GHz Fin = 13 GHz Reverse Leakage SSB Phase Noise (100 kHz offset) Output Transition Time Supply Current (Icc) Both RF Outputs Terminated Pin = 0 dBm, Fin = 6 GHz Pin = 0 dBm, Fout = 882 MHz -15 -15 -10 3 1 -2 -3 Conditions Min. 13 Typ. 13.5 0.2 >-20 >-20 >-15 7 5 2 1 40 -145 100 110 0.5 +10 +5 +2 Max. Units GHz GHz dBm dBm dBm dBm dBm dBm dBm dB dBc/Hz ps mA
1. Divider will operate down to DC for square-wave input signal.
10 - 32
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.1002
HMC364G8
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
GaAs MMIC SUB-HARMONICALLY Input Sensitivity Window17 Temperature PUMPED MIXER vs. - 25 GHz Input Sensitivity Window, T= 25 C
20
20
10
10
INPUT POWER (dBm)
Min Pin +25C Max Pin +25C Min Pin +85C Max Pin +85C Min Pin -40C Max Pin -40C
INPUT POWER (dBm)
0
Recommended Operating Window
0
-10
-10
10
FREQ. DIVIDERS & DETECTORS - SMT
10 - 33
-20
-20
-30 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 INPUT FREQUENCY (GHz)
-30 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 INPUT FREQUENCY (GHz)
Output Power vs. Temperature
10 9 8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 0 1 2 3 4
SSB Phase Noise Performance, Pin= 0 dBm, T= 25 C
0 -20
SSB PHASE NOISE (dBc/Hz)
OUTPUT POWER (dBm)
-40 -60 -80 -100 -120 -140 -160 2 10
+ 25C + 85C - 40C
5 6 7 8 9 10 11 12 13 14 15 INPUT FREQUENCY (GHz)
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
Output Harmonic Content, Pin= 0 dBm, T= 25 C
0
Reverse Leakage, Pin= 0 dBm, T= 25 C
0
Both Output Ports Terminated One Output Port Terminated
OUTPUT LEVEL (dBm)
-10
POWER LEVEL (dBm)
-10
-20
-20
-30
PFEEDTHRU 3rd HARMONIC
-30
-40
-40
-50 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 INPUT FREQUENCY (GHz)
-50 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 INPUT FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.1002
HMC364G8
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
Output Voltage Waveform, Pin= 0 dBm, Fout= 882 MHz, T= 25 C
700 600 500 400 300 200 100 0 -100 -200 -300 -400 -500 -600 -700 22.7 22.9 23.1 23.3 23.5 23.7 23.9 24.1 24.3 24.5 24.7 TIME (nS)
Absolute Maximum Ratings
RF Input (Vcc = +5V) Vcc Channel Temperature (Tc) Continuous Pdiss (T = 85 C) (derate 11.9 mW/ C above 85 C) Storage Temperature Operating Temperature +13 dBm +5.5V 135 C 593 mW -65 to +150 C -40 to +85 C
10
FREQ. DIVIDER & DETECTORS - SMT
AMPLITUDE (mV)
Typical Supply Current vs. Vcc
Vcc (V) 4.75 5.0 5.25 Icc (mA) 100 110 120
Note: Divider will operate over full voltage range shown above
Outline Drawing
NOTES: 1. PACKAGE MATERIAL: ALUMINA LOADED BOROSILICATE GLASS. 2. LEAD, BASE, COVER MATERIAL: KOVARTM (#7052 CORNING). 3. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN., OVER ELECTROLYTIC NICKEL 50 MICROINCHES MIN. 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. TOLERANCES: .005 [0.13] UNLESS OTHERWISE SPECIFIED. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
10 - 34
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.1002
HMC364G8
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
Pin Description
Pin Number Function Description Interface Schematic
1
IN
RF Input must be DC blocked.
10
FREQ. DIVIDERS & DETECTORS - SMT
10 - 35
2, 6
N/C
No connection.
3
IN
RF Input 180 out of phase with pin 1 for differential operation. AC ground for single ended operation.
4
GND
Ground: Backside of package has exposed metal ground which must be connected to a RF/DC ground.
5
OUT
Divided output 180 out of phase with pin 7.
7
OUT
Divided Output.
8
VCC
Supply voltage 5V 0.25V.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.1002
MICROWAVE CORPORATION
HMC364G8
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
Evaluation PCB
10
FREQ. DIVIDER & DETECTORS - SMT
List of Materials
Item J1 - J3 C1 - C4 C5 C6 U1 PCB* Description PC Mount SMA RF Connector 100 pF Capacitor, 0402 Pkg. 1000 pF Capacitor, 0603 Pkg. 10 uF Tantalum Capacitor HMC364G8 Divide-by-2 104627 Eval Board
* Circuit Board Material: Rogers 4350
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and backside ground slug should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request. This evaluation board is designed for single ended input testing. J2 and J3 provide differential output signals.
10 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v00.1002
MICROWAVE CORPORATION
HMC364G8
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 13.0 GHz
Application Circuit
10
FREQ. DIVIDERS & DETECTORS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
10 - 37


▲Up To Search▲   

 
Price & Availability of HMC364G8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X