Part Number Hot Search : 
CY62136V 133BZC E80QL EN25F051 P2191DWG STK62 L4953 201VX
Product Description
Full Text Search
 

To Download HMC316MS8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v01.0301
MICROWAVE CORPORATION
HMC316MS8
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
Features
Conversion Loss: 8 dB LO/RF Isolation: >35 dB Input IP3: +25 dBm Ultra Small Package: <1 mm High
Typical Applications
The HMC316MS8 is ideal for: * Cellular Basestations * Cable Modems * Fixed Wireless Access Systems
Functional Diagram
General Description
The HMC316MS8 is a miniature double balanced mixer in an 8 lead plastic surface mount package. The passive GaAs schottky diode mixer implements planar on chip balun transformers, and requires no external components. The mixer can be used as an upconverter, downconverter, or modulator. At mid-band the mixer provides 7.5 dB conversion loss and +25 dBm IIP3 with LO drive levels of +19 dBm. The design was optimized for low cost high volume applications where high converter linearity is required.
12
MIXERS - SMT
Electrical Specifications, TA = +25 C, As a Function of LO Drive
Parameter Min. Frequency Range, RF & LO Frequency Range, IF Conversion Loss Noise Figure (SSB) LO to RF Isolation LO to IF Isolation IP3 (Input) 1 dB Gain Compression (Input) 28 22 20 12.5 LO = +15 dBm IF = 100 MHz Typ. 1.6 - 3.2 DC - 1.0 8 8 35 27 25 15.5 11 11 32 24 19 14 Max. LO = +17 dBm IF = 100 MHz Min. Typ. 1.6 - 3.2 DC - 1.0 8 8 38 28 25 16 10 10 32 26 19 14.5 Max. LO = +19 dBm IF = 100 MHz Min. Typ. 1.5 - 3.5 DC - 1.0 7.5 7.5 42 30 25 17 11 11 Max. GHz GHz dB dB dB dB dBm dBm Units
*Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.
12 - 134
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v01.0301
HMC316MS8
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
Conversion Gain vs. Temperature @ LO = +17 dBm
0
+25C +85C -40C
Isolation @ LO = +17 dBm
0
RF/IF LO/RF LO/IF
CONVERSION GAIN (dB)
-10
-5
ISOLATION (dB)
1 1.5 2 2.5 3 3.5 4
-20
-10
-30
-15 -40
-20 FREQUENCY (GHz)
-50 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
12
MIXERS - SMT
Conversion Gain vs. LO Drive
0
+15 dBm
Return Loss @ LO = +17 dBm
0
CONVERSION GAIN (dB)
RETURN LOSS (dB)
-5
+17 dBm +19 dBm
-5
-10
-10
-15
RF IF LO
-15
-20
-20 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
-25 0 0.5 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
If Bandwidth @ LO = +17 dBm
0 -5 -10 -15 -20 -25 -30 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 IF FREQUENCY (GHz)
Upconverter Performance vs. LO Drive
0
CONVERSION GAIN (dB)
CONVERSION GAIN (dB)
-5
-10
-15
+15dBm +17dBm +19dBm
-20 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 135
v01.0301
MICROWAVE CORPORATION
HMC316MS8
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
Input IP3 vs. LO Drive*
30
Input IP3 vs. Temperature @ LO = +17dBm*
30
25
25
IP3 (dBm)
20
IP3 (dBm)
+15dBm +17dBm +19dBm
20
15
15
+25C +85C -40C
12
MIXERS - SMT
10 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
10 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
Input IP2 vs. LO Drive*
70 65 60
Input IP2 vs. Temperature @ LO = +17 dBm*
70 65 60
IP2 (dBm)
55 50 45 40 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
+15dBm +17dBm +19dBm
IP2 (dBm)
55 50 45 40 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
+25C +85C -40C
Input P1dB vs. Temperature @ LO = +17 dBm
20 19 18 17
MxN Spurious Outputs
nLO mRF 0 1 2
+25C +85C -40C
0 xx 10 71 >110 >110
1 -8 0 72 >110 >110
2 3.6 22 77 >110 >110
3 1.1 44 60 91 >110
4 29 48 85 91 >110
P1dB (dBm)
16 15 14 13 12 11 10 1 1.5 2 2.5 3 3.5 4 FREQUENCY (GHz)
3 4
RF = 2.08 GHz @ -10 dBm LO = 1.9 GHz @ +17 dBm All values in dBc relative to the IF output power.
* Two-tone input power = 0 dBm each tone, 1 MHz spacing. For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 136
v01.0301
MICROWAVE CORPORATION
HMC316MS8
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
Absolute Maximum Ratings
RF / IF Input LO Drive Storage Temperature Operating Temperature IF DC Current +22 dBm +27 dBm -65 to +150 C -40 to +85 C 18 mA
12
MIXERS - SMT
NOTES: 1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. 2. LEADFRAME MATERIAL: COPPER ALLOY 3. LEADFRAME PLATING: Sn/Pb SOLDER 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 7. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Outline Drawing
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 137
v01.0301
MICROWAVE CORPORATION
HMC316MS8
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
Evaluation PCB
12
MIXERS - SMT
List of Materials
Item J1 - J3 U1 PCB* Description PC Mount SMA RF Connector HMC316MS8 Mixer 101828 Eval Board * Ciruit Board Material: Rogers 4350
12 - 138
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v01.0301
HMC316MS8
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
Notes:
12
MIXERS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
12 - 139


▲Up To Search▲   

 
Price & Availability of HMC316MS8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X