Part Number Hot Search : 
2SD2209 AFB0912L 2B7226J SEMIX SM3P2 2B7226J TIP34B ST72324
Product Description
Full Text Search
 

To Download HM11-52004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL HM11 SERIES
Vertical Mount Inductors
FEATURES AND BENEFITS
* High saturation flux density * Small size * Single layer designs * Available without core * Custom designs available
APPLICATIONS
* Switch mode power supplies * EMI suppression * Output ripple current filters * High current oscillator tank circuits
ENVIRONMENTAL
Operating Temperature Range Temperature Rise, Maximum
Specifications subject to change without notice.
-25 to + 105C 45C
6
6-47
Model HM11 Series
OUTLINE DIMENSIONS (Inch/mm)
High Saturation Flux Density "A" Max. Wire Gauge 10 to 20 AWG
Plated Leads .14.02 3.60.5
"C" Max. Dia.
"B" Typical
Schematic
6-48
Model HM11 Series
SPECIFICATIONS Wire Gauge Part Number HM11-11001 HM11-11302 HM11-11503 HM11-11804 HM11-12005 HM11-21001 HM11-21302 HM11-21503 HM11-21804 HM11-22005 HM11-31001 HM11-31302 HM11-31503 HM11-31804 HM11-32005 HM11-41301 HM11-41502 HM11-41803 HM11-42004 HM11-51301 HM11-51502 HM11-51803 HM11-52004 HM11-61301 HM11-61502 HM11-61803 HM11-62004 Core Size 10 X 40 10 X 35 10 X 35 10 X 35 10 X 35 10 X 25 10 X 25 10 X 25 10 X 25 10 X 25 8 X 25 8 X 25 8 X 25 8 X 25 8 X 25 6 X 16 6 X 16 6 X 16 6 X 16 5 X 25 5 X 25 5 X 25 5 X 25 4 X 16 4 X 16 4 X 16 4 X 16 AWG mm (1) 10 (2.59) 13 (1.83) 15 (1.45) 18 (1.02) 20 (0.81) 10 (2.59) 13 (1.83) 15 (1.45) 18 (1.02) 20 (0.81) 10 (2.59) 13 (1.83) 15 (1.45) 18 (1.02) 20 (0.81) 13 (1.83) 15 (1.45) 18 (1.02) 20 (.081) 13 (1.83) 15 (1.45) 18 (1.02) 20 (0.81) 13 (1.83) 15 (1.45) 18 (1.02) 20 (0.81) Inductance H 25% 4.46 7.20 11.00 21.00 34.00 1.40 3.30 5.00 9.30 16.20 1.20 2.70 4.20 7.20 12.00 0.66 1.00 2.20 3.30 2.00 2.60 5.50 8.80 0.37 0.68 1.15 1.80 DC I SAT @10 kHz Resistance DC Amps m Max. Approx. 2.0 4.5 8.1 21.4 43.0 1.2 3.4 5.5 15.0 30.6 1.0 2.7 4.9 11.6 22.8 1.4 2.3 6.1 10.87 1.9 3.2 8.4 16.5 0.9 1.7 3.7 6.9 48 36 28 20 16 85 60 46 30 22 72 45 35 26 22 65 50 32 23 25 20 14 10 53 38 28 20 Max. Current DC Amps at 35C Rise 23.5 13.0 10.5 7.0 5.5 25.0 14.0 11.5 8.0 5.0 28.0 14.5 11.5 8.0 5.5 13.0 10.0 8.0 7.5 17.0 14.5 9.0 6.5 18.0 15.5 10.5 8.5 at 45C Rise 26.5 15.0 12.0 8.0 6.5 28.0 16.0 13.5 9.0 5.5 31.0 17.0 13.5 9.0 6.5 15.0 12.0 9.0 8.5 19.5 16.5 10.0 7.0 20.0 17.5 12.0 9.5 A 1.65 (42) 1.46 (37) 1.46 (37) 1.46 (37) 1.46 (37) 1.06 (27) 1.06 (27) 1.06 (27) 1.06 (27) 1.06 (27) 1.06 (27) 1.06 (27) 1.06 (27) 1.06 (27) 1.06 (27) .71 (18) .71 (18) .71 (18) .71 (18) 1.06 (27) 1.06 (27) 1.06 (27) 1.06 (27) .71 (18) .71 (18) .71 (18) .71 (18) B .75 (19.0) .65 (16.5) .60 (15.2) .55 (14.0) .55 (14.0) .75 (19.0) .65 (16.5) .60 (15.2) .55 (14.0) .55 (14.0) .65 (16.5) .55 (14.0) .55 (14.0) .50 (12.7) .45 (11.4) .50 (12.7) .45 (11.4) .40 (10.2) .40 (10.2) .45 (11.4) .45 (11.4) .35 (8.9) .35 (8.9) .40 (10.2) .40 (10.2) .35 (8.9) .30 (7.6) C .63 (16.0) .57 (14.5) .54 (13.7) .50 (12.8) .49 (12.4) .63 (16.0) .57 (14.5) .54 (13.7) .50 (12.8) .49 (12.4) .55 (14.0) .49 (12.5) .46 (11.7) .43 (10.8) .41 (10.4) .41 (10.5) .38 (9.7) .35 (8.8) .33 (8.4) .37 (9.5) .34 (8.7) .31 (7.8) .29 (7.4) .33 (8.5) .30 (7.7) .27 (6.8) .25 (6.4) Mechanical Outline Dimensions: Inches (mm)
6
Note: (1) Nominal bare wire diameter
6-49
Model HM11 Series


▲Up To Search▲   

 
Price & Availability of HM11-52004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X