Part Number Hot Search : 
D74HC08C EVALZ VPA18 MBT2907A AN7602N SDH30UF HA1812GS MAX436
Product Description
Full Text Search
 

To Download HD74LVC16540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LVC16540
16-bit Buffers / Line Drivers with 3-state Outputs
ADE-205-057B(Z) Rev.2 September 1995 Description
The HD74LVC16540 has sixteen inverter drivers with three state outputs in a 48 pin package. When G1 and G 2 is low level, this drivers set up output is enable. Low voltage and high speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.
Features
* * * * * VCC = 2.0 V to 5.5 V All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25C) High output current 24 mA (@VCC = 3.0 V to 5.5 V)
Function Table
Inputs G1 L L H X H: L: X: Z: High level Low level Immaterial High impedance G2 L L X H A L H X X Output Y H L Z Z
HD74LVC16540
Pin Arrangement
1G1 1 1Y1 2 1Y2 3 GND 4 1Y3 5 1Y4 6 VCC 7 1Y5 8 1Y6 9 GND 10 1Y7 11 1Y8 12 2Y1 13 2Y2 14 GND 15 2Y3 16 2Y4 17 VCC 18 2Y5 19 2Y6 20 GND 21 2Y7 22 2Y8 23 2G1 24
48 1G2 47 1A1 46 1A2 45 GND 44 1A3 43 1A4 42 VCC 41 1A5 40 1A6 39 GND 38 1A7 37 1A8 36 2A1 35 2A2 34 GND 33 2A3 32 2A4 31 VCC 30 2A5 29 2A6 28 GND 27 2A7 26 2A8 25 2G2
(Top view)
2
HD74LVC16540
Absolute Maximum Ratings
Item Supply voltage Input diode current Input voltage Output diode current Symbol VCC I IK VI I OK Ratings -0.5 to 6.0 -50 -0.5 to 6.0 -50 50 Output voltage Output current VCC, GND current / pin Storage temperature VO IO I CC or IGND Tstg -0.5 to VCC +0.5 50 100 -65 to +150 Unit V mA V mA mA V mA mA C VO = -0.5 V VO = VCC +0.5 V VI = -0.5 V Conditions
Note: The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply voltage Symbol VCC Ratings 1.5 to 5.5 2.0 to 5.5 Input / output voltage VI VO Operating temperature Output current Ta I OH 0 to 5.5 0 to V CC -40 to 85 -12 -24 I OL
*1 *2
Unit V V V V C mA mA mA mA ns/V
Conditions Data retention At operation G, A Y
VCC = 2.7 V VCC = 3.0 V to 5.5 V VCC = 2.7 V VCC = 3.0 V to 5.5 V
12 24
*2
Input rise / fall time
t r, t f
10
Notes: 1. This item guarantees maximum limit when one input switches. Waveform : Refer to test circuit of switching characteristics. 2. duty cycle 50%
3
HD74LVC16540
Electrical Characteristics
Ta = -40 to 85C Item Input voltage Symbol VCC (V) VIH 2.7 to 3.6 4.5 to 5.5 VIL 2.7 to 3.6 4.5 to 5.5 Output voltage VOH 2.7 to 5.5 2.7 3.0 3.0 4.5 VOL 2.7 to 5.5 2.7 3.0 4.5 Input current Off state output current I IN I OZ 0 to 5.5 5.5 5.5 3.0 to 3.6 Min 2.0 VCCx0.7 -- -- Max -- -- 0.8 VCCx0.3 Unit Test Conditions V V V V V V V V V V V V V A A A A VIN = 5.5 V or GND VIN = VCC, GND VOUT = VCC or GND VIN = VCC or GND VIN = one input at(VCC-0.6)V, other inputs at V CC or GND I OL = 100 A I OL = 12 mA I OL = 24 mA I OH = -24 mA I OH = -100 A I OH = -12 mA
VCC -0.2 -- 2.2 2.4 2.0 3.8 -- -- -- -- -- -- -- -- -- -- -- -- 0.2 0.4 0.55 0.55 5.0 10 40 500
Quiescent supply current I CC I CC
4
HD74LVC16540
Switching Characteristics
Ta = -40 to 85C Item Propagation delay time Symbol VCC (V) t PLH t PHL 2.7 3.30.3 5.00.5 Output enable time t ZH t ZL 2.7 3.30.3 5.00.5 Output disable time t HZ t LZ 2.7 3.30.3 5.00.5 Input capacitance Output capacitance CIN CO 2.7 2.7 Min -- 1.5 -- -- 1.5 -- -- 1.5 -- -- -- Typ Max Unit 4.5 3.5 2.5 5.5 4.0 3.0 4.0 3.5 2.5 3.0 7.5 6.5 5.5 9.0 8.0 6.5 8.5 7.5 6.0 -- ns ns ns ns ns ns ns ns ns pF pF G Y G Y From (Input) A To (Output) Y
15.0 --
Test Circuit
VCC G1 Input Output VCC
See Function Table
Pulse Generator Zout = 50
A1
Y1 CL = 50 pF
500 S1 450 50 Scope
OPEN *1 See under table GND
G2 Symbol t PLH / t PHL t ZH/ t HZ t ZL / t LZ S1
Vcc=2.7V, 3.30.3V Vcc=5.00.5V
OPEN GND 6V
OPEN GND 2xVcc
Notes:
1. 2.
CL includes probe and jig capacitance. A2-Y2 to A8-Y8 are identical to above load circuit.
5
HD74LVC16540
Waveforms - 1
tf Input A 90 % Vref 10 % t PLH Output Y Vref 10 % t PHL VOH Vref VOL Notes: 1. 2. t r = 2.5 ns, tf = 2.5 ns Input waveform : PRR = 10 MHz, duty cycle 50% tr 90 % Vref GND VIH
Waveforms - 2
tf Input G 90 % Vref 10 % t ZL Waveform - A t ZH Waveform - B Vref Vref t HZ VOH - 0.3 V tr 90 % Vref 10 % t LZ VIH GND V OH1 VOL + 0.3 V VOL VOH V OL1 TEST VIH Vref VOH1 VOL1 Notes: 1. 2. 3. 4.
Vcc=2.7V, 3.30.3V Vcc=5.00.5V
2.7 V 1.5 V 3V GND
Vcc 50%Vcc Vcc GND
t r = 2.5 ns, tf = 2.5 ns Input waveform : PRR = 10 MHz, duty cycle 50% Waveform - A shows input conditions such that the output is "L" level when enable by the output control. Waveform - B shows input conditions such that the output is "H" level when enable by the output control.
6
Unit: mm
12.5 12.7 Max 48 25 6.10 1 *0.21 +0.04 -0.05 0.19 +0.03 -0.05 0.50 24 0.08 M 8.10 0.20 0 - 8 *0.17 0.05 0.15 0.04 0.13 0.05 1.20 Max 0.50 0.1
1.0
0.65 Max
0.10
*Dimension including the plating thickness Base material dimension
Hitachi Code JEDEC EIAJ Weight (reference value)
TTP-48DB -- -- 0.20 g
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of HD74LVC16540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X