Part Number Hot Search : 
ICS1890 IRFP350A SB1040 X85C33 600BR GP136LG 40PT08AI CLM7660
Product Description
Full Text Search
 

To Download HCC40107B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF40107B
DUAL 2-INPUT NAND BUFFER/DRIVER
.32 .QUI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
TIMES STANDARD B-SERIES OUTPUT CURRENT DRIVE SINKING CAPABILITY - 136mA TYP. @ VDD = 10V, VDS = 1V ESCENT CURRENT SPECIFIED AT 20V FOR HCC DEVICE C RATINGS NPUT CURRENT OF 100nA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N. 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY F (Plastic Package) (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES HCC40107BF HCF40107BM1 HCF40107BEY HCF40107BC1
PIN CONNECTIONS
DESCRIPTION The HCC40107B (extended temperature range) and HCF40107B (intermediate temperature range) are monolithic integrated circuits, available in 14lead dual in-line ceramic package 8-lead minidip plastic package and 8-lead plastic micropackage. The HCC/HCF40107B is a dual 2-input NAND buffer/driver containing two independent 2-input NAND buffers with open-drain single n-channel transistor outputs. This device features a wired-OR capability and high output sink current capability (136mA typ. at VDD = 10V, VDS = 1V).
September 1988 1/14
HCC/HCF40107B
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDD* Vi II Ptot Parameter Supply Voltage : HCC types HCF types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for Top = full package-temperature Range Operating Temperature : HCC types HCF types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to VDD + 0.5 10 200 mW 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 C C Unit V V mA
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltages values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : H CC Types H C F Types Input Voltage Operating Temperature : HCC Types H CF Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C
2/14
HCC/HCF40107B
SCHEMATIC DIAGRAM AND TRUTH TABLE
A 0 1 0 1 B 0 0 1 1 1* 1* 1* 0 C Z# Z# Z#
* Requires external and pull-up resistor (RL) to VDD. # Without pull-up resistor (3-state).
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditions Symbol Parameter VI (V) 0/ 5 HCC 0/10 Types 0/15 0/20 0/ 5 HCF 0/10 Types 0/15 V IH ** Input High Voltage 0.5/4.5 1/9 4.5 9 13.5
* *
Value Unit
VO (V)
|I O | V D D T L o w* 25 C T Hi g h * (A) (V) Min. Max. Min. Typ. Max. Min. Max. 5 10 15 20 5 10 15 <1 <1 <1 <1 <1 5 10 15 5 10 15 3.5 7 11 1.5 3 4 1 2 4 20 4 8 16 3.5 7 11 1.5 3 4 0.02 0.02 0.02 0.04 0.02 0.02 0.02 1 2 4 20 4 8 16 3.5 7 11 1.5 3 4 30 60 120 600 30 60 120
IL
Quiescent Current
A
V
1.5/13.5 < 1 V IL ** Input Low Voltage
V
TLow = - 55C for HCC device ; - 40C for HCF device. THigh = + 125C for HCC device ; + 85C for HCF device. The Noise Margin, full package temperature range, RL to VDD = 10k : 1V min with VDD = 5V, 2V min with VDD = 10V, 2.5V min with VDD = 15V. ** Measured with external pull-up resistor, RL = 10k to VDD. *** Forced output disabled.
3/14
HCC/HCF40107B
STATIC ELECTRICAL CHARACTERISTICS (continued)
Test Conditions Symbol Parameter VI (V) 5 HCC Types 5 10 10 15 5 HCF Types 5 10 10 15 I OH I IH , I IL Output Drive Current Input Leakage Current 3-State Output Leakage Current HCC 0/18 Types HCF 0/15 Types HCC 0/18 Types HCF 0/15 Types VO (V) 0.4 1 0.5 1 0.5 0.4 1 0.5 1 0.5 Value Unit |I O | V D D T L o w* 2 5 C T Hig h * (A) (V) Min. Max. Min. Typ. Max. Min. Max. 5 5 10 10 15 5 5 10 10 15 21 44 49 89 66 17 35.7 39.1 72.2 53.5 16 30 37 68 50 13.6 25.5 31.4 57.8 42.5 32 68 74 136 100 32 68 74 136 100 12 25 28 51 38 12 22 27 51 37 mA 1 1 20 A 2 7.5 20 pF pF mA
I OL
Output Sink Current
No Internal Pull-up Device 18 Any Input 15 18 15 Any Input Any Output 18 15 0.1 0.3 2 2 10- 5 0.1 10- 5 0.3 10- 4 10- 4 5 30 2
A
I OH ,I OL ***
CI CO
* *
Input Capacitance Output Capacitance
TLow = - 55C for HCC device ; - 40C for HCF device. THigh = + 125C for HCC device ; + 85C for HCF device. The Noise Margin, full package temperature range, RL to VDD = 10k : 1V min with VDD = 5V, 2V min with VDD = 10V, 2.5V min with VDD = 15V. ** Measured with external pull-up resistor, RL = 10k to VDD. *** Forced output disabled.
4/14
HCC/HCF40107B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, C L = 50pF, typical temperature coefficient for all VDD values is 0.3%/C, all input rise and fall time = 20ns)
Symbol t P HL , t PL H Parameter Propagation Delay Time High to Low Test Conditions V D D (V) Min. R L * = 120 5 10 15 Low to High R L * = 120 5 10 15 t THL , t TL H Transition Time High to Low R L * = 120 5 10 15 Low to High R L * = 120 5 10 15
* RL is external pull-up resistor to VDD.
Value Typ. 100 45 30 100 60 50 50 20 10 50 35 25 Max. 200 90 60 200 120 100 100 40 20 100 70 50
Unit
ns
ns
ns
ns
Output Low (sink) Current Characteristics.
Typical Propagation Delay Time vs. Load Capacitance.
5/14
HCC/HCF40107B
Typical Transition Time vs. Load Capacitance. Typical Dynamic Power Dissipation vs. Input Frequency.
TYPICAL APPLICATIONS The bar on the output line of this logic diagram indicates that the output is open drain as is shown in the previous schematic diagram and truth table. Logic Diagram of The HCC/HCF40107B nand Buffer. A 2.2-watt Incandescent Lamp-driver Circuit.
Interface of 40107B with Triac, with COS/MOS Component and Triac isolated.
Solenoid Driver Circuit.
6/14
HCC/HCF40107B
TYPICAL APPLICATIONS (continued) Line-driver Circuit. Direct Dc Driver Interface of 40107B with a Triac.
Multiplexed Led Circuit.
7/14
HCC/HCF40107B
TYPICAL APPLICATIONS (continued) Motor-controller Circuit. Led Driver Circuit.
A O I I O I
B O O I I I
Motor Function OFF COUNTER CLOCKWISE AS PREVIOUS STATE CLOCKWISE AS PREVIOUS STATE
INHIBIT 0 1 0 0
ENABLE 0 0 1 1
OUTPUT OFF OFF OFF ON
TEST CIRCUITS Quiescent Device Current. Input Voltage.
8/14
HCC/HCF40107B
TEST CIRCUITS (continued) Dynamic Power Dissipation.
Dynamic Power Dissipation.
9/14
HCC/HCF40107B
Minidip (0.4) MECHANICAL DATA
DIM. MIN. A a1 B B1 b b1 D E e e3 e4 F I L Z 0.44 3.3 1.6 0.017 8.8 2.54 7.62 7.62 7.1 4.8 0.130 0.063 0.38 0.7 1.39 0.91 0.5 0.5 9.8 0.346 0.100 0.300 0.300 0.280 0.189 0.015 1.65 1.04 mm TYP. 3.3 0.028 0.055 0.036 0.020 0.020 0.386 0.065 0.041 MAX. MIN. inch TYP. 0.130 MAX.
P001F
10/14
HCC/HCF40107B
Ceramic DIP14/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 1.52 0.38 15.24 2.79 0.55 1.52 0.31 2.54 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.060 3.3 0.015 0.600 0.110 0.022 0.060 0.012 0.100 0.406 0.317 0.200 TYP. MAX. 20 7.0 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053C
11/14
HCC/HCF40107B
SO8 MECHANICAL DATA
DIM. MIN. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 3.8 0.4 4.8 5.8 1.27 3.81 4.0 1.27 0.6 8 (max.) 0.14 0.015 5.0 6.2 0.65 0.35 0.19 0.25 0.1 mm TYP. MAX. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 0.188 0.228 0.050 0.150 0.157 0.050 0.023 0.196 0.244 0.025 0.013 0.007 0.010 0.003 MIN. inch TYP. MAX. 0.068 0.009 0.064 0.033 0.018 0.010 0.019
P013M
12/14
HCC/HCF40107B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
13/14
HCC/HCF40107B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
14/14


▲Up To Search▲   

 
Price & Availability of HCC40107B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X