Part Number Hot Search : 
A3906 DT74AL VH2S51 10502 MC88920 P6KE220 S10DC12 TK11690U
Product Description
Full Text Search
 

To Download HBD675 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6619-C Issued Date : 1994.07.22 Revised Date : 2000.10.01 Page No. : 1/3
HBD675
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HBD675 is designed for use as output devices in complementary general purpose amplifier applications.
Absolute Maximum Ratings(Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -50 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Tc=25C) .................................................................................... 20 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage ...................................................................................... 45 V BVCEO Collector to Emitter Voltage................................................................................... 45 V BVEBO Emitter to Base Voltage ........................................................................................... 5 V IC Collector Current .............................................................................................................. 4 A IB Base Current ................................................................................................................ 0.1 A
Electrical Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICEO ICBO IEBO *VCE(sat) *VBE(on) *hFE Min. 45 45 5 750 Typ. Max. 500 200 2 2.5 2.5 Unit V V V uA uA mA V V Test Conditions IC=1mA IC=50mA IE=100uA VCE=25V VCB=45V VBE=5V IC=1.5A, IB=30mA IC=1.5A, VCE=3V IC=1.5A, VCE=3V
*Pulse Test : Pulse Width 380us, Duty Cycle2%
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
10000 10000
Spec. No. : HE6619-C Issued Date : 1994.07.22 Revised Date : 2000.10.01 Page No. : 2/3
Saturation Voltage & Collector Current
VCE=3V
1000
Saturation Voltage (mV)
hFE
1000 VCE(sat) @ IC=50IB
100 100 1000 10000
100 100 1000 10000
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
10 1000
Capacitance & Reverse-Biased Voltage
On Voltage (mV)
1
VBE(on) @ VCE=3V
Capacitance (Pf)
100
Cob
10
0.1 100
1 1000 10000 1 10 100
Collector Current (mA)
Reverse Biased Voltage (V)
Safe Operating Area
100
10
Collector Current (A)
1 PT=1 ms PT=100 ms PT=1 s
0.1
0.01 1 10 100 1000
Forward Voltage (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-126ML Dimension
Marking :
Spec. No. : HE6619-C Issued Date : 1994.07.22 Revised Date : 2000.10.01 Page No. : 3/3
A
B D E F 3 2 I G 1 J M L K O H
HSMC Logo Part Number Date Code
Product Series Rank
Ink Marking
C
Style : Pin 1.Emitter 2.Collector 3.Base
N
3-Lead TO-126ML Plastic Package HSMC Package Code : D *:Typical
DIM A B C D E F G H
Inches Min. Max. 0.1356 0.1457 0.0170 0.0272 0.0344 0.0444 0.0501 0.0601 0.1131 0.1231 0.0737 0.0837 0.0294 0.0494 0.0462 0.0562
Millimeters Min. Max. 3.44 3.70 0.43 0.69 0.87 1.12 1.27 1.52 2.87 3.12 1.87 2.12 0.74 1.25 1.17 1.42
DIM I J K L M N O
Inches Min. Max. *0.1795 0.0268 0.0331 0.5512 0.5906 0.2903 0.3003 0.1378 0.1478 0.1525 0.1625 0.0740 0.0842
Millimeters Min. Max. *4.56 0.68 0.84 14.00 15.00 7.37 7.62 3.50 3.75 3.87 4.12 1.88 2.14
Notes : 1.Dimension and tolerance based on our Spec. dated Mar. 6,1995.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220 HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HBD675

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X