Part Number Hot Search : 
MX98748 78L05 AP560 INA3010 AM252 TRB6116 QT1106 TLE4470
Product Description
Full Text Search
 

To Download H7812AJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HJ200210 Issued Date : 1998.08.01 Revised Date : 2002.08.09 Page No. : 1/3
H7812AJ H7812BJ
3-TERMINAL POSITIVE VOLTAGE REGULATOR
Description
TO-252 The H7812_J series of three-terminal positive regulators are available in the TO-252 package. These regulators can provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each employs internal current limiting, thermal shut-down and safe operating area protection, making it essen-tially indestructible. If adequate heat sinking is provided, they can deliver over 1A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltages and currents. H7812_J is characterized for operation from 0C to +125C, and if operating temperature is always high, please refer to the power dissipation curve.
Absolute Maximum Ratings (Ta=25C)
* Input Voltage ....................................................................................................................... 35 V * Total Power Dissipation (TC=25C) .................................................................. Internally limited * Operating Junction Temperature ....................................................................... 0 C to +125 C * Storage Temperature Range .......................................................................... -55 C to +150 C * Output Current (TC=25C) .................................................................................................... 1 A * Lead Temperature (Soldering 10S) ................................................................................. 230 C Typical Application Schematic Diagram
Input
Vin
1
H7812_J
2
3
Vout
10K 3.4K 6.3V 200 200 0.3 1K 2K
C1
C2
30K Output VREF 26 1.9K 20pF 4K
Note:
C1 and C2 are required if regulator is located far from power supply filter and load, or oscillation may induced on the loop.
26
4K
1.2
12.1K
1K
GND
H7812AJ, H7812BJ
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics
Vin=19V, Io=500mA, 0CTj125C (unless otherwise noted)
Spec. No. : HJ200210 Issued Date : 1998.08.01 Revised Date : 2002.08.09 Page No. : 2/3
Symbol Vo Vo Vo IQ IQ Vn RR VD Isc Ipk Vo / T Symbol Vo Vo Vo IQ IQ Vn RR VD Isc Ipk Vo / T
Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Peak Output Current Average Tc of Vout Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Peak Output Current Average Tc of Vout
Conditions Tj=25C 14.5VVin27V Tj=25C, 14.5VVin30V Tj=25C, 16VVin22V 5mAIo1A 250mAIo750mA Io1A, Tj=25C 5mAIo1A 14.5VVin30V Ta=25C, 10Hzf100KHz 15VVin25V, f=120Hz Tj=25C, Io=1A Tj=25C Tj=25C 0CTj+125C, Io=5mA Conditions Tj=25C 14.5VVin27V Tj=25C, 14.5VVin30V Tj=25C, 16VVin22V 5mAIo1A 250mAIo750mA Io1A, Tj=25C 5mAIo1A 14.5VVin30V Ta=25C, 10Hzf100KHz 15VVin25V, f=120Hz Tj=25C, Io=1A Tj=25C Tj=25C 0CTj+125C, Io=5mA
H7812AJ Units Min Typ Max 11.64 12 12.36 V 11.64 12 12.36 20 120 mV 16 60 120 mV 60 5.5 8 mA 0.5 mA 1.3 200 uV 68 dB 2 V 1.5 A 1.7 A -0.8 mV/C H7812BJ Min Typ Max 11.5 12 12.5 11.4 12 12.6 44 240 16 120 45 240 16 120 5.5 8 0.5 1.3 300 62 73 2.5 1.5 1.7 -0.8 Units V mV mV mA mA uV dB V A A mV/C
H7812AJ, H7812BJ
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-252 Dimension
A C
Spec. No. : HJ200210 Issued Date : 1998.08.01 Revised Date : 2002.08.09 Page No. : 3/3
Marking:
H J 7812 Date Code Control Code
B
D
L
F
G
Style: Pin 1.Vin 2.Ground 3.Vout
3 H E K 2 I 1 J
3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code: J *: Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes: 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
H7812AJ, H7812BJ
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H7812AJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X