Part Number Hot Search : 
GC4020M5 MPU131 120EI 74ALVC16 HA16114P 4504B 9N03L 1N754
Product Description
Full Text Search
 

To Download H7806AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HM200104 Issued Date : 2001.10.01 Revised Date : 2001.10.11 Page No. : 1/3
H7806AM H7806BM
Low Current Positive Voltage Regulator Of Surface Mount Device
Description
SOT-89 The H7806_M series of surface mount device regulators are easy-to-use devices suitable for multitude of applications that require a regulated supply of up to 100mA. These regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No external components are required with the H7806_M devices in many applications. These devices offer a substantial performance advantage over the traditional zener diode resistor combination, as output impedance and quiescent current are substantially reduced.
* Wide Range Of Available, Fixed Output Voltages * Internal Short-Circuit Current Limiting * Internal Thermal Overload Protection * No External Components Required
Absolute Maximum Ratings (Ta=25C)
* Input Voltage ...................................................................................................................................... 35 V * Total Power Dissipation................................................................................................... Internally limited * Operating Temperature Range ........................................................................................ 0 C to +125 C * Maximum Junction Temperature.................................................................................................... 125 C * Storage Temperature Range......................................................................................... -55 C to +150 C * Lead Temperature (Soldering 10S)................................................................................................ 260 C
Typical Application
Schematic Diagram
Vin
Vin
3
H7806_M
2
1
Vout
5K 5.7K 100 100 1.5K 1.9K Vout 5pF 3.41K 13K 2.23K 7.8K
C1
C2
576
3.89K
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0V above the output voltage even during the low point on the input ripple voltage. Note : C1 and C2 are required if regulator is located far from power supply filter and load, or oscillation may induced on the loop.
2.84K GND
H7806AM, H7806BM
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics
Vin=12V, Io=40mA, 0C Tj125C PD750mW, unless otherwise specified Symbol Characteristic Output Voltage (Tj=25C) Output Voltage (8VVin20V, 1mAIo40mA) Output Voltage (8VVin30V, 1mAIo70mA) Line Regulation (Tj=25C, 8VVin20V) Line Regulation (Tj=25C, 9VVin20V) Load Regulation (Tj=25C, 1mAIo100mA) Load Regulation (Tj=25C, 1mAIo40mA) Quiescent Current (Tj=25C) Quiescent Current Change (Tj=25C, 8VVin20V) Quiescent Current Change (Tj=25C, 1mAIo40mA) Ripple Rejection (9VVin19V, f=120Hz) Dropout Voltage (Tj=25C) Output Noise Voltage (Tj=25C, 10Hzf100KHz) Short Circuit Current Limit (Tj=25C, Vin=35V) Peak Output Current (Tj=25C) Average Temperature Coefficient of Outpt Voltage, Io=5mA
Spec. No. : HM200104 Issued Date : 2001.10.01 Revised Date : 2001.10.11 Page No. : 2/3
H7806AM Min 5.82 5.76 5.76 40 Typ 6 6 6 55 45 10 5 2 1.7 50 140 140 -0.5 H7806BM Min 5.7 5.68 5.68 40 Typ 6 6 6 55 45 10 5 2 1.7 50 140 140 -0.5 Max 6.3 6.36 6.36 175 125 100 50 6 1.6 0.1 120 Max 6.18 6.24 6.24 150 100 70 35 5.5 1.5 0.1 100 -
Units
Vo
V
Regline Regload IB IB RR VI-Vo VN Isc Imax TCVo
mV mV mA mA dB V uV mA mA mV/C
Symbol
Characteristic Output Voltage (Tj=25C) Output Voltage (8VVin20V, 1mAIo40mA) Output Voltage (8VVin30V, 1mAIo70mA) Line Regulation (Tj=25C, 8VVin20V) Line Regulation (Tj=25C, 9VVin20V) Load Regulation (Tj=25C, 1mAIo100mA) Load Regulation (Tj=25C, 1mAIo40mA) Quiescent Current (Tj=25C) Quiescent Current Change (Tj=25C, 8VVin20V) Quiescent Current Change (Tj=25C, 1mAIo40mA) Ripple Rejection (9VVin19V, f=120Hz) Dropout Voltage (Tj=25C) Output Noise Voltage (Tj=25C, 10Hzf100KHz) Short Circuit Current Limit (Tj=25C, Vin=35V) Peak Output Current (Tj=25C) Average Temperature Coefficient of Outpt Voltage, Io=5mA
Units
Vo
V
Regline Regload IB IB RR VI-Vo VN Isc Imax TCVo
mV mV mA mA dB V uV mA mA mV/C
H7806AM, H7806BM
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-89 Dimension
Marking:
Spec. No. : HM200104 Issued Date : 2001.10.01 Revised Date : 2001.10.11 Page No. : 3/3
C
H
Date Code HM 7806 Laser Marking
B 1 E F G A 2 3
D
Style : Pin 1.Vout 2.Ground 3.Vin
I
3-Lead SOT-89 Plastic Surface Mounted Package HSMC Package Code: M
*: Typical
DIM A B C D E
Inches Min. Max. 0.1732 0.1811 0.1594 0.1673 0.0591 0.0663 0.0945 0.1024 0.0141 0.0201
Millimeters Min. Max. 4.40 4.60 4.05 4.25 1.50 1.70 2.40 2.60 0.36 0.51
DIM F G H I
Inches Min. Max. 0.0583 0.0598 0.1165 0.1197 0.0551 0.0630 0.0138 0.0161
Millimeters Min. Max. 1.48 1.52 2.96 3.04 1.40 1.60 0.35 0.41
Notes: 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
H7806AM, H7806BM
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H7806AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X