Part Number Hot Search : 
1N4768A 1021B SUR1060 C5295 ZTTCR 74571 LA4168M SD336
Product Description
Full Text Search
 

To Download FQB2N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FQB2N60 / FQI2N60
April 2000
QFET
FQB2N60 / FQI2N60
600V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power supply.
TM
Features
* * * * * * 2.4A, 600V, RDS(on) = 4.7 @VGS = 10 V Low gate charge ( typical 9.0 nC) Low Crss ( typical 5.0 pF) Fast switching 100% avalanche tested Improved dv/dt capability
D
D
!
"
G
S
D2-PAK
FQB Series
GDS
I2-PAK
FQI Series
G!
!"
" "
!
S
Absolute Maximum Ratings
Symbol VDSS ID IDM VGSS EAS IAR EAR dv/dt PD
TC = 25C unless otherwise noted
Parameter Drain-Source Voltage - Continuous (TC = 25C) Drain Current - Continuous (TC = 100C) Drain Current - Pulsed
(Note 1)
FQB2N60 / FQI2N60 600 2.4 1.5 9.6 30
(Note 2) (Note 1) (Note 1) (Note 3)
Units V A A A V mJ A mJ V/ns W W W/C C C
Gate-Source Voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TA = 25C) * Power Dissipation (TC = 25C)
140 2.4 6.4 4.5 3.13 64 0.51 -55 to +150 300
TJ, TSTG TL
- Derate above 25C Operating and Storage Temperature Range Maximum lead temperature for soldering purposes, 1/8 from case for 5 seconds
Thermal Characteristics
Symbol RJC RJA RJA Parameter Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient * Thermal Resistance, Junction-to-Ambient Typ ---Max 1.95 40 62.5 Units CW CW CW
* When mounted on the minimum pad size recommended (PCB Mount)
(c)2000 Fairchild Semiconductor International
Rev. A, April 2000
FQB2N60 / FQI2N60
Electrical CharacteristicsT
Symbol Parameter
C
= 25C unless otherwise noted
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS BVDSS / TJ IDSS IGSSF IGSSR Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse VGS = 0 V, ID = 250 A ID = 250 A, Referenced to 25C VDS = 600 V, VGS = 0 V VDS = 480 V, TC = 125C VGS = 30 V, VDS = 0 V VGS = -30 V, VDS = 0 V 600 ------0.4 ------10 100 100 -100 V V/C A A nA nA
On Characteristics
VGS(th) RDS(on) gFS Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance VDS = VGS, ID = 250 A VGS = 10 V, ID = 1.2 A VDS = 50 V, ID = 1.2 A
(Note 4)
3.0 ---
-3.7 2.45
5.0 4.7 --
V S
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz ---270 40 5 350 50 7 pF pF pF
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS = 480 V, ID = 2.4 A, VGS = 10 V
(Note 4, 5)
VDD = 300 V, ID = 2.4 A, RG = 25
(Note 4, 5)
--------
10 25 20 25 9.0 1.6 4.3
30 60 50 60 11 ---
ns ns ns ns nC nC nC
Drain-Source Diode Characteristics and Maximum Ratings
IS ISM VSD trr Qrr Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current VGS = 0 V, IS = 2.4 A Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0 V, IS = 2.4 A, dIF / dt = 100 A/s
(Note 4)
------
---180 0.72
2.4 9.6 1.4 ---
A A V ns C
Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 45mH, IAS = 2.4A, VDD = 50V, RG = 25 , Starting TJ = 25C 3. ISD 2.4A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test : Pulse width 300s, Duty cycle 2% 5. Essentially independent of operating temperature
(c)2000 Fairchild Semiconductor International
Rev. A, April 2000
FQB2N60 / FQI2N60
Typical Characteristics
ID, Drain Current [A]
10
ID , Drain Current [A]
0
VGS 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V Bottom : 5.5 V Top :
150 10
0
25 -55
10
-1
Notes : 1. 250 Pulse Test s 2. TC = 25
Notes : 1. VDS = 50V 2. 250 Pulse Test s
10
-2
10
-1
10
0
10
1
10
-1
2
4
6
8
10
VDS, Drain-Source Voltage [V]
VGS , Gate-Source Voltage [V]
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
12
10
RDS(ON) [ ], Drain-Source On-Resistance
VGS = 20V
8
IDR , Reverse Drain Current [A]
VGS = 10V
6
10
0
4
150
25
Notes : 1. VGS = 0V 2. 250 Pulse Test s
2
Note : TJ = 25
0 0 1 2 3 4 5 6
10
-1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ID, Drain Current [A]
VSD , Source-Drain Voltage [V]
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperature
500
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
12
VDS = 120V
10
400
VDS = 300V VDS = 480V
Ciss
VGS , Gate-Source Voltage [V]
8
Capacitance [pF]
300
Coss
6
200
Crss
100
Notes : 1. VGS = 0 V 2. f = 1 MHz
4
2
Note : ID = 2.4A
0 -1 10
0
10
0
10
1
0
2
4
6
8
10
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
(c)2000 Fairchild Semiconductor International
Rev. A, April 2000
FQB2N60 / FQI2N60
Typical Characteristics
(Continued)
1.2
3.0
2.5
BV DSS , (Norm alized) Drain-Source Breakdown Voltage
RDS(ON) , (Normalized) Drain-Source On-Resistance
1.1
2.0
1.0
1.5
1.0
Notes : 1. VGS = 10 V 2. ID = 1.2 A
0.9
Notes : 1. VGS = 0 V 2. ID = 250 A
0.5
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
Figure 7. Breakdown Voltage Variation vs. Temperature
Figure 8. On-Resistance Variation vs. Temperature
2.5
Operation in This Area is Limited by R DS(on)
10
1
2.0
100 s
ID, Drain Current [A]
1 ms 10 ms
10
0
ID, Drain Current [A]
3
1.5
DC
1.0
10
-1
Notes : 1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o o
0.5
10
-2
10
0
10
1
10
2
10
0.0 25
50
75
100
125
150
VDS, Drain-Source Voltage [V]
TC, Case Temperature []
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current vs. Case Temperature
( t) , T h e r m a l R e s p o n s e
10
0
D = 0 .5
0 .2 0 .1
10
-1
N o te s : 1 . Z J C ( t) = 1 .9 5 / W M a x . 2 . D u ty F a c to r , D = t 1 /t 2 3 . T J M - T C = P D M * Z J C ( t)
0 .0 5 0 .0 2 0 .0 1 s i n g le p u ls e
PDM t1 t2
Z
JC
10
-2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t 1 , S q u a r e W a v e P u ls e D u r a t io n [ s e c ]
Figure 11. Transient Thermal Response Curve
(c)2000 Fairchild Semiconductor International
Rev. A, April 2000
FQB2N60 / FQI2N60
Gate Charge Test Circuit & Waveform
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS Qg 10V Qgs Qgd
VGS
DUT
3mA
Charge
Resistive Switching Test Circuit & Waveforms
VDS VGS RG
RL VDD
VDS
90%
10V
DUT
VGS
10%
td(on) t on
tr
td(off) t off
tf
Unclamped Inductive Switching Test Circuit & Waveforms
L VDS ID RG VDD DUT
tp
BVDSS 1 EAS = ---- L IAS2 -------------------2 BVDSS - VDD BVDSS IAS ID (t) VDD
tp
10V
VDS (t) Time
(c)2000 Fairchild Semiconductor International
Rev. A, April 2000
FQB2N60 / FQI2N60
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ VDS _
I SD L Driver RG
Same Type as DUT
VDD
VGS
* dv/dt controlled by RG * ISD controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
I SD ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
VSD
VDD
Body Diode Forward Voltage Drop
(c)2000 Fairchild Semiconductor International
Rev. A, April 2000
FQB2N60 / FQI2N60
Package Dimensions
D2PAK
(0.40) 9.90 0.20 4.50 0.20 1.30 -0.05
+0.10
1.20 0.20
9.20 0.20
15.30 0.30
1.40 0.20
2.00 0.10
0.10 0.15 2.54 0.30 9.20 0.20
Rev. A, April 2000
2.40 0.20
4.90 0.20
(0.75)
1.27 0.10 2.54 TYP
0.80 0.10 2.54 TYP 10.00 0.20 (8.00) (4.40)
~ 0
3
+0.10
0.50 -0.05
10.00 0.20 15.30 0.30
(1.75)
(2XR0.45)
0.80 0.10
(c)2000 Fairchild Semiconductor International
4.90 0.20
(7.20)
FQB2N60 / FQI2N60
Package Dimensions
(Continued)
I2PAK
9.90 0.20 (0.40) 4.50 0.20
+0.10
1.30 -0.05
1.20 0.20
9.20 0.20 MAX 3.00
(1.46)
13.08 0.20
(0.94)
1.27 0.10
1.47 0.10 0.80 0.10
10.08 0.20
MAX13.40
(4 ) 5
2.54 TYP
2.54 TYP
0.50 -0.05
+0.10
2.40 0.20
10.00 0.20
(c)2000 Fairchild Semiconductor International
Rev. A, April 2000
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM
HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench(R) QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2000 Fairchild Semiconductor International
Rev. A, January 2000


▲Up To Search▲   

 
Price & Availability of FQB2N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X