Part Number Hot Search : 
24064 MC1404P5 S50085 PR100 L1050 C100EP SSTC3 PR100
Product Description
Full Text Search
 

To Download FKC05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 5 WATTS OUTPUT POWER * 2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE * INTERNATIONAL SAFETY STANDARD APPROVAL * FIVE-SIDED SHIELD * HIGH EFFICIENCY UP TO 84% * STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE * FIXED SWITCHING FREQUENCY
The FKC05 series offer 5 watts of output power from a package in an IC compatible 24pin DIP configuration without derating to 71C ambient temperature and pin to pin compatible with FKC03 series. FKC05 series have 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. FKC05-W series have 4:1 ultra wide input voltage of 9-36 and 18-75VDC. The FKC05 features 1600VDC of isolation, short-circuit protection and as well as five sided shielding. All models are particularly suited to telecommunications, industrial, mobile telecom and test equipment applications. All specifications are typical at nominal input, full load and 25C otherwise noted
UL E193009 TUV R3-50007936 CB JPTUV-003641 CE MARK
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load (Note 1) Line regulation Load regulation LL to HL at Full Load 25% to 100% FL Single Dual Full load and nominal Vin
GENERAL SPECIFICATIONS
5 Watts max 2% 10% of FL 0.2% 0.5% 1% 5% 50mVp-p O 0 .02% / C, max 200uS 170% typ Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Dimensions Weight 9 - 18VDC 18 - 36VDC 36 - 75VDC 9 - 36VDC 18 - 75VDC Pi type 36VDC 50VDC 100VDC 20mAp-p 600mS typ MTBF (Note 3) DIP SMD Efficiency Input to Output Input ( Output ) to Case DIP SMD See table 1600VDC, min 1600VDC, min 1000VDC, min 10 ohms, min 300pF, max 300KHz, typ IEC60950, UL1950, EN60950 Nickel-coated copper Non-conductive black plastic Epoxy (UL94-V0) 1.25 X 0.80 X 0.40 Inch (31.8 X 20.3 X 10.2 mm) 16g (0.55oz) 18g (0.62oz) 3.165 x 10 hrs
6
9
Cross regulation(Dual) Asymmetrical load 25% / 100% FL Ripple and noise Temperature coefficient 20MHz bandwidth
Transient response recovery time 25% load step change Over load protection Short circuit protection % of FL at nominal input
Continuous, automatics recovery
INPUT SPECIFICATIONS
FKC05 Input voltage range 12V nominal input 24V nominal input 48V nominal input FKC05-W 24V nominal input 48V nominal input 12V input 24V input 48V input Nominal Vin and full load
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range Maximum case temperature Storage temperature range Thermal impedance Thermal shock Vibration Nature convection Standard -25C~+85C (with derating) M1 (Note 4) -40C~+85C (non-derating) M2 (W series) -40C~+85C (with derating) +100C -55C ~ +105C 20C/watt MIL-STD-810D 10~55Hz, 10G, 30minitues along X,Y and Z 5% to 95% RH
Input filter Input surge voltage 100mS max
Input reflected ripple (Note 2) Start up time
Nominal Vin and constant resistor load
M1 Version OUTPUT POWER (%) FKC05-48S05 Derating Curve
100
Relative humidity
EMC CHARACTERISTICS
Conducted emissions M! Version Radiated emissions ESD EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Class A Class A Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Perf. Criteria2 Perf. Criteria2
75 50 25
Nature convection
50 60 70 80 90 100
Radiated immunity Fast transient Surge Conducted immunity
0 -40 -25 -10 0
AMBIENT TEMPERATURE (C)
Model Number
FKC05-12S33 FKC05-12S05 FKC05-12S12 FKC05-12S15 FKC05-12D05 FKC05-12D12 FKC05-12D15 FKC05-24S33 (W) FKC05-24S05 (W) FKC05-24S12 (W) FKC05-24S15 (W) FKC05-24D05 (W) FKC05-24D12 (W) FKC05-24D15 (W) FKC05-48S33 (W) FKC05-48S05 (W) FKC05-48S12 (W) FKC05-48S15 (W) FKC05-48D05 (W) FKC05-48D12 (W) FKC05-48D15 (W)
Input Range
9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 18 - 36 (9 - 36) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC 36 - 75 (18 - 75) VDC
Output Voltage
3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
Output Current
1000mA 1000mA 470mA 400mA 500mA 230mA 190mA 1000mA 1000mA 470mA 400mA 500mA 230mA 190mA 1000mA 1000mA 470mA 400mA 500mA 230mA 190mA
Input Current (5)
382mA 563mA 603mA 649mA 563mA 597mA 594mA 194mA (191mA) 285mA (278mA) 305mA (309mA) 325mA (312mA) 274mA (282mA) 288mA (295mA) 308mA (297mA) 98mA (100mA) 143mA (138mA) 151mA (155mA) 162mA (160mA) 141mA (145mA) 147mA (151mA) 154mA (159mA)
Eff (6) (%)
76 78 82 81 78 81 84 75 (76) 77 (79) 81 (80) 81 (84) 80 (78) 84 (82) 81 (84) 74 (73) 77 (79) 82 (80) 81 (82) 78 (76) 82 (80) 81 (79)
Capacitor(7) Load max
2200uF 1000uF 220uF 150uF 680uF 100uF 68uF 2200uF 1000uF 220uF 150uF 680uF 100uF 68uF 2200uF 1000uF 220uF 150uF 680uF 100uF 68uF
Note
1. 2. 3. 4. 5. 6. 7. 8. The FKC05 (W) series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. Simulated source impedance of 12uH. 12uH inductor on series with + Vin. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment) M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard and M2 version Maximum value at nominal input voltage and full load of standard type. Typical value at nominal input voltage and full load Test by minimum Vin and constant resistor load. There is no pin at PIN10 & PIN15 for FKC05-W series
Suffix-SMD
0.10 (2.54)
Pin size is 0.02(0.5) Dia or 0.01 x 0.02 (0.25 x 0.50) Rectangular Pin 0.18(4.6) 0.02(0.5)
1.00(25.4) 0.92(23.4)
0.44(11.2) 0.43(10.9)
0.70 (17.8)
23 22
1.25 (31.8)
2 3
24
1
0.20 (5.1)
0.15 (3.81)
BOTTOM VIEW 16 15 14 9 10 11
20
BOTTOM VIEW
5
16
Pin Area 0.04 x 0.02 (1.0 x 0.5)
9 12
0.80(20.3) 0.25 (6.35)
13
0.60(15.2) 0.80(20.3)
0.15 (3.8)
0.40 (10.2)
1. All dimensions in Inches (mm) 2. Pin pitch tolerance O 0.014(0.35)
DIP PIN CONNECTION
PIN 2 3 9 10 11 SINGLE - INPUT - INPUT DUAL - INPUT - INPUT PIN 23 22 16 15 14 SINGLE + INPUT + INPUT DUAL + INPUT + INPUT
SMD PIN CONNECTION
PIN 2 3 9 10 11 Others SINGLE - INPUT - INPUT NC NC NC NC DUAL - INPUT - INPUT PIN 23 22 SINGLE + INPUT + INPUT DUAL + INPUT + INPUT
NC COMMON NC(Note 8) NC(Note 8) NC - OUTPUT
- OUTPUT COMMON NC(Note 8) NC(Note 8) + OUTPUT + OUTPUT
16 - OUTPUT COMMON COMMON NC 15 NC NC - OUTPUT 14 + OUTPUT + OUTPUT NC Others NC NC
1.26 (32.0)


▲Up To Search▲   

 
Price & Availability of FKC05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X